Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74ABT7819A-20PH Datasheet(PDF) 3 Page - Texas Instruments

Part # SN74ABT7819A-20PH
Description  512 횞 18 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ABT7819A-20PH Datasheet(HTML) 3 Page - Texas Instruments

  SN74ABT7819A-20PH Datasheet HTML 1Page - Texas Instruments SN74ABT7819A-20PH Datasheet HTML 2Page - Texas Instruments SN74ABT7819A-20PH Datasheet HTML 3Page - Texas Instruments SN74ABT7819A-20PH Datasheet HTML 4Page - Texas Instruments SN74ABT7819A-20PH Datasheet HTML 5Page - Texas Instruments SN74ABT7819A-20PH Datasheet HTML 6Page - Texas Instruments SN74ABT7819A-20PH Datasheet HTML 7Page - Texas Instruments SN74ABT7819A-20PH Datasheet HTML 8Page - Texas Instruments SN74ABT7819A-20PH Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
SN74ABT7819A
512
× 18 × 2
CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SCBS756 – MAY 2002
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
description (continued)
The state of the B0–B17 outputs is controlled by the port-B chip select (CSB) and the port-B write/read select
(W/RB). When both CSB and W/RB are low, the outputs are active. The B0–B17 outputs are in the
high-impedance state when either CSB or W/RB is high. Data is written to FIFOB–A from port B on the
low-to-high transition of the port-B clock (CLKB) when CSB is low, W/RB is high, the port-B write enable (WENB)
is high, and the port-B input-ready (IRB) flag is high. Data is read from FIFOA–B to the B0–B17 outputs on the
low-to-high transition of CLKB when CSB is low, W/RB is low, the port-B read enable (RENB) is high, and the
port-B output-ready (ORB) flag is high.
The setup- and hold-time constraints for the chip selects (CSA, CSB) and write/read selects (W/RA, W/RB)
enable write and read operations on memory and are not related to the high-impedance control of the data
outputs. If a port read enable (RENA or RENB) and write enable (WENA or WENB) are set low during a clock
cycle, the chip select and write/read select can switch at any time during the cycle to change the state of the
data outputs.
The input-ready (IR) and output-ready (OR) flags of a FIFO are two-stage synchronized to the port clocks for
use as reliable control signals. CLKA synchronizes the status of the input-ready flag of FIFOA–B (IRA) and the
output-ready flag of FIFOB–A (ORA). CLKB synchronizes the status of the input-ready flag of FIFOB–A (IRB)
and the output-ready flag of FIFOA–B (ORB). When the IR flag of a port is low, the FIFO receiving input from
the port is full and writes are disabled to its array. When the OR flag of a port is low, the FIFO that outputs data
to the port is empty and reads from its memory are disabled. The first word loaded to an empty memory is sent
to the FIFO output register at the same time its OR flag is asserted (high). When the memory is read empty and
the OR flag is forced low, the last valid data remains on the FIFO outputs until the OR flag is asserted (high)
again. In this way, a high on the OR flag indicates new data is present on the FIFO outputs.
The SN74ABT7819A is characterized for operation from 0
°C to 70°C.
Function Tables
PORT A
SELECT INPUTS
A0 A17
PORT A OPERATION
CLKA
CSA
W/RA
WENA
RENA
A0–A17
PORT-A OPERATION
X
H
X
X
X
High Z
None
L
H
H
X
High Z
Write A0–A17 to FIFOA–B
L
L
X
H
Active
Read FIFOB–A to A0–A17
PORT B
SELECT INPUTS
B0 B17
PORT B OPERATION
CLKB
CSB
W/RB
WENB
RENB
B0–B17
PORT-B OPERATION
X
H
X
X
X
High Z
None
L
H
H
X
High Z
Write B0–B17 to FIFOB–A
L
L
X
H
Active
Read FIFOA–B to B0–B17


Similar Part No. - SN74ABT7819A-20PH

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ABT7819 TI-SN74ABT7819 Datasheet
284Kb / 20P
[Old version datasheet]   512 횞 18 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ABT7819 TI1-SN74ABT7819 Datasheet
315Kb / 22P
[Old version datasheet]   CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ABT7819-10PH TI-SN74ABT7819-10PH Datasheet
284Kb / 20P
[Old version datasheet]   512 횞 18 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ABT7819-10PN TI-SN74ABT7819-10PN Datasheet
284Kb / 20P
[Old version datasheet]   512 횞 18 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ABT7819-12PH TI-SN74ABT7819-12PH Datasheet
284Kb / 20P
[Old version datasheet]   512 횞 18 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
More results

Similar Description - SN74ABT7819A-20PH

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ABT7819 TI-SN54ABT7819 Datasheet
289Kb / 20P
[Old version datasheet]   512 횞 18 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ABT7819 TI-SN74ABT7819 Datasheet
284Kb / 20P
[Old version datasheet]   512 횞 18 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ACT3638 TI-SN74ACT3638 Datasheet
461Kb / 30P
[Old version datasheet]   512 횞 32 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN54ACT3632 TI-SN54ACT3632 Datasheet
383Kb / 25P
[Old version datasheet]   512 횞 36 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ACT3638 TI1-SN74ACT3638_05 Datasheet
552Kb / 33P
[Old version datasheet]   512 횞 32 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ACT3632 TI-SN74ACT3632 Datasheet
407Kb / 27P
[Old version datasheet]   512 횞 36 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ALVC7803 TI-SN74ALVC7803 Datasheet
196Kb / 14P
[Old version datasheet]   512 횞 18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ABT7820 TI-SN74ABT7820 Datasheet
196Kb / 15P
[Old version datasheet]   512 횞 18 횞 2 STROBED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN54ABT7820 TI-SN54ABT7820 Datasheet
199Kb / 14P
[Old version datasheet]   512 횞 18 횞 2 STROBED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ACT3631 TI-SN74ACT3631 Datasheet
378Kb / 26P
[Old version datasheet]   512 횞 36 CLOCKED FIRST-IN, FIRST-OUT MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com