Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HCT245BQ Datasheet(PDF) 10 Page - NXP Semiconductors

Part # 74HCT245BQ
Description  Octal bus transceiver; 3-state
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT245BQ Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 74HCT245BQ Datasheet HTML 6Page - NXP Semiconductors 74HCT245BQ Datasheet HTML 7Page - NXP Semiconductors 74HCT245BQ Datasheet HTML 8Page - NXP Semiconductors 74HCT245BQ Datasheet HTML 9Page - NXP Semiconductors 74HCT245BQ Datasheet HTML 10Page - NXP Semiconductors 74HCT245BQ Datasheet HTML 11Page - NXP Semiconductors 74HCT245BQ Datasheet HTML 12Page - NXP Semiconductors 74HCT245BQ Datasheet HTML 13Page - NXP Semiconductors 74HCT245BQ Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
9397 750 14502
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 — 31 January 2005
10 of 22
Philips Semiconductors
74HC245; 74HCT245
Octal bus tranceiver; 3-state
11. Dynamic characteristics
ICC
quiescent supply current
VI =VCC or GND; IO =0A;
VCC = 5.5 V
-
-
160
µA
∆ICC
additional quiescent supply
current per input pin
VI =VCC − 2.1 V; other inputs at
VI =VCC or GND;
VCC = 4.5 V to 5.5 V; IO =0A
An or Bn inputs
-
-
196
µA
OE input
-
-
735
µA
DIR input
-
-
441
µA
Table 8:
Static characteristics type 74HCT245 …continued
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 9:
Dynamic characteristics type 74HC245
GND = 0 V; test circuit see Figure 7.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Tamb = 25 °C
tPHL, tPLH
propagation delay An to Bn or Bn
to An
see Figure 5
VCC = 2.0 V
-
25
90
ns
VCC = 4.5 V
-
9
18
ns
VCC = 5.0 V; CL =15pF
-
7
-
ns
VCC = 6.0 V
-
7
15
ns
tPZH, tPZL
3-state output enable time OE to
An or OE to Bn
see Figure 6
VCC = 2.0 V
-
30
150
ns
VCC = 4.5 V
-
11
30
ns
VCC = 6.0 V
-
9
26
ns
tPHZ, tPLZ
3-state output disable time OE to
An or OE to Bn
see Figure 6
VCC = 2.0 V
-
41
150
ns
VCC = 4.5 V
-
15
30
ns
VCC = 6.0 V
-
12
26
ns
tTHL, tTLH
output transition time
see Figure 5
VCC = 2.0 V
-
14
60
ns
VCC = 4.5 V
-
5
12
ns
VCC = 6.0 V
-
4
10
ns
CPD
power dissipation capacitance
per transceiver
VI = GND to VCC
[1] -30
-
pF
Tamb = −40 °C to +85 °C
tPHL, tPLH
propagation delay An to Bn or Bn
to An
see Figure 5
VCC = 2.0 V
-
-
115
ns
VCC = 4.5 V
-
-
23
ns
VCC = 6.0 V
-
-
20
ns


Similar Part No. - 74HCT245BQ

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74HCT245BQ NEXPERIA-74HCT245BQ Datasheet
264Kb / 15P
   Octal bus transceiver; 3-state
Rev. 6 - 6 September 2021
74HCT245BQ-Q100 NEXPERIA-74HCT245BQ-Q100 Datasheet
735Kb / 20P
   Octal bus tranceiver; 3-state
74HCT245BQ-Q100 NEXPERIA-74HCT245BQ-Q100 Datasheet
259Kb / 15P
   Octal bus transceiver; 3-state
Rev. 2 - 14 July 2020
More results

Similar Description - 74HCT245BQ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM74ALS245A FAIRCHILD-DM74ALS245A Datasheet
73Kb / 6P
   Octal 3-STATE Bus Transceiver
logo
STMicroelectronics
74VHCT245A STMICROELECTRONICS-74VHCT245A Datasheet
68Kb / 9P
   OCTAL BUS TRANSCEIVER 3-STATE
74ACT245 STMICROELECTRONICS-74ACT245 Datasheet
70Kb / 9P
   OCTAL BUS TRANSCEIVER 3-STATE
April 2001
logo
NXP Semiconductors
74ALVC245 PHILIPS-74ALVC245_15 Datasheet
100Kb / 14P
   Octal bus transceiver; 3-state
Rev. 02-7 January 2008
logo
Toshiba Semiconductor
TC74HCT245AP TOSHIBA-TC74HCT245AP_07 Datasheet
236Kb / 7P
   Octal Bus Transceiver (3-state)
logo
Integral Corp.
IN74ACT643 INTEGRAL-IN74ACT643 Datasheet
195Kb / 5P
   OCTAL 3-STATE BUS TRANSCEIVER
logo
NXP Semiconductors
74LVC245A NXP-74LVC245A Datasheet
122Kb / 17P
   Octal bus transceiver; 3-state
Rev. 05-25 August 2009
logo
Nexperia B.V. All right...
74LVC245A-Q100 NEXPERIA-74LVC245A-Q100 Datasheet
263Kb / 15P
   Octal bus transceiver; 3-state
Rev. 4 - 5 August 2020
74VHCT245 NEXPERIA-74VHCT245 Datasheet
607Kb / 16P
   Octal bus transceiver; 3-state
Rev. 01 - 25 August 2009
74LVC245A NEXPERIA-74LVC245A Datasheet
289Kb / 16P
   Octal bus transceiver; 3-state
Rev. 12 - 16 September 2021
74ALVC245 NEXPERIA-74ALVC245 Datasheet
252Kb / 14P
   Octal bus transceiver; 3-state
Rev. 3 - 30 April 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com