Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HCT299 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74HCT299
Description  8-bit universal shift register; 3-state
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT299 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74HCT299 Datasheet HTML 3Page - NXP Semiconductors 74HCT299 Datasheet HTML 4Page - NXP Semiconductors 74HCT299 Datasheet HTML 5Page - NXP Semiconductors 74HCT299 Datasheet HTML 6Page - NXP Semiconductors 74HCT299 Datasheet HTML 7Page - NXP Semiconductors 74HCT299 Datasheet HTML 8Page - NXP Semiconductors 74HCT299 Datasheet HTML 9Page - NXP Semiconductors 74HCT299 Datasheet HTML 10Page - NXP Semiconductors 74HCT299 Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
December 1990
7
Philips Semiconductors
Product specification
8-bit universal shift register; 3-state
74HC/HCT299
trem
removal time
MR to CP
5
5
5
−14
−5
−4
5
5
5
5
5
5
ns
2.0
4.5
6.0
Fig.7
tsu
set-up time
DSR, DSL to CP
100
20
17
33
12
10
125
25
21
150
30
26
ns
2.0
4.5
6.0
Fig.6
tsu
set-up time
S0, S1 to CP
100
20
17
33
12
10
125
25
21
150
30
26
ns
2.0
4.5
6.0
Fig.8
tsu
set-up time
I/On to CP
125
25
21
39
14
11
155
31
26
190
38
32
ns
2.0
4.5
6.0
Fig.6
th
hold time
I/On, DSR, DSL to CP
0
0
0
−14
−5
−4
0
0
0
0
0
0
ns
2.0
4.5
6.0
Fig.6
th
hold time
S0, S1 to CP
0
0
0
−28
−10
−8
0
0
0
0
0
0
ns
2.0
4.5
6.0
Fig.8
fmax
maximum clock pulse
frequency
5.0
25
29
15
45
54
4.0
20
24
3.4
17
20
MHz
2.0
4.5
6.0
Fig.6
SYMBOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HC
VCC
(V)
WAVEFORMS
+25
−40 to +85
−40 to +125
min. typ.
max.
min.
max.
min.
max.


Similar Part No. - 74HCT299

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCT299 NXP-74HCT299 Datasheet
151Kb / 24P
   8-bit universal shift register; 3-state
Rev. 03-28 July 2008
74HCT299D NXP-74HCT299D Datasheet
151Kb / 24P
   8-bit universal shift register; 3-state
Rev. 03-28 July 2008
74HCT299DB NXP-74HCT299DB Datasheet
151Kb / 24P
   8-bit universal shift register; 3-state
Rev. 03-28 July 2008
74HCT299N NXP-74HCT299N Datasheet
151Kb / 24P
   8-bit universal shift register; 3-state
Rev. 03-28 July 2008
74HCT299PW NXP-74HCT299PW Datasheet
151Kb / 24P
   8-bit universal shift register; 3-state
Rev. 03-28 July 2008
More results

Similar Description - 74HCT299

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74HC299-Q100 NEXPERIA-74HC299-Q100 Datasheet
254Kb / 15P
   8-bit universal shift register; 3-state
Rev. 1 - 2 March 2020
logo
NXP Semiconductors
74HC299 NXP-74HC299 Datasheet
151Kb / 24P
   8-bit universal shift register; 3-state
Rev. 03-28 July 2008
74HC_HCT299 PHILIPS-74HC_HCT299_15 Datasheet
151Kb / 24P
   8-bit universal shift register; 3-state
Rev. 03-28 July 2008
logo
Nexperia B.V. All right...
74HC299 NEXPERIA-74HC299 Datasheet
269Kb / 15P
   8-bit universal shift register; 3-state
Rev. 6 - 11 May 2021
logo
NXP Semiconductors
74F299 PHILIPS-74F299 Datasheet
120Kb / 14P
   8-bit universal shift/storage register 3-State
1990 Mar 01
logo
Fairchild Semiconductor
DM74S299 FAIRCHILD-DM74S299 Datasheet
58Kb / 5P
   3-STATE 8-Bit Universal Shift/Storage Register
logo
SHENZHEN FUMAN ELECTRON...
74HC595D FUMAN-74HC595D Datasheet
523Kb / 8P
   3-state 8-bit shift register
logo
Hitachi Semiconductor
HD74HC323 HITACHI-HD74HC323 Datasheet
68Kb / 10P
   8-bit Universal Shift/Storage Register (with 3-state Outputs)
HD74HC299 HITACHI-HD74HC299 Datasheet
81Kb / 11P
   8-bit Universal Shift/Storage Register (with 3-state outputs)
logo
Renesas Technology Corp
HD74HC323 RENESAS-HD74HC323 Datasheet
95Kb / 6P
   8-bit Universal Shift/Storage Register (with 3-state Outputs)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com