Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSMY-C170 Datasheet(PDF) 8 Page - Agilent(Hewlett-Packard)

Part # HSMY-C170
Description  Surface Mount Chip LEDs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSMY-C170 Datasheet(HTML) 8 Page - Agilent(Hewlett-Packard)

Back Button HSMY-C170 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSMY-C170 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSMY-C170 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSMY-C170 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSMY-C170 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HSMY-C170 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HSMY-C170 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HSMY-C170 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HSMY-C170 Datasheet HTML 12Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8
Figure 2. Forward Current vs.
Forward Voltage.
Figure 3. Luminous Intensity vs.
Forward Current.
Figure 4. Maximum Forward Current
vs. Ambient Temperature.
Figure 1. Relative Intensity vs. Wavelength.
WAVELENGTH – nm
HER
GREEN
1.0
0.5
0
500
550
600
650
700
750
YELLOW
ORANGE
AlGaAs
100
10
1
0.1
1.5
1.7
1.9
2.1
2.3
VF – FORWARD VOLTAGE – V
GREEN
ORANGE
YELLOW
AlGaAs
HER
010
20
40
IF – FORWARD CURRENT – mA
0
0.4
1.2
1.6
30
GaP
AlGaAs
0.8
Light Intensity (Iv) Bin Limits[1]
Intensity (mcd)
Intensity (mcd)
Bin ID
Min.
Max.
Bin ID
Min.
Max.
A
0.11
0.18
N
28.50
45.00
B
0.18
0.29
P
45.00
71.50
C
0.29
0.45
Q
71.50
112.50
D
0.45
0.72
R
112.50
180.00
E
0.72
1.10
S
180.00
285.00
F
1.10
1.80
T
285.00
450.00
G
1.80
2.80
U
450.00
715.00
H
2.80
4.50
V
715.00
1125.00
J
4.50
7.20
W
1125.00
1800.00
K
7.20
11.20
X
1800.00
2850.00
L
11.20
18.00
Y
2850.00
4500.00
M
18.00
28.50
Note:
1. Bin categories are established for classi-
fication of products. Products may not
be available in all categories. Please con-
tact your Agilent representative for infor-
mation on currently available bins.
Tolerance:
± 15%
0
35
0
20
60
80
100
5
TA – AMBIENT TEMPERATURE – °C
40
15
25
30
10
R
θJ-A =
800°C/W
R
θJ-A =
600°C/W
20
C110/C150/C265
HER, ORANGE,
YELLOW, GREEN
C120/C170/C177/
C190/C191/C197/
C265 AlGaAs
C120/C170/
C177/C190/
C191/C197
HER,
ORANGE,
YELLOW,
GREEN
C110/C150 AlGaAs


Similar Part No. - HSMY-C170

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMY-C170 HP-HSMY-C170 Datasheet
260Kb / 8P
   Surface Mount Chip LEDs
logo
AVAGO TECHNOLOGIES LIMI...
HSMY-C170 AVAGO-HSMY-C170 Datasheet
128Kb / 12P
   Surface Mount Chip LEDs
More results

Similar Description - HSMY-C170

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMB-C190 HP-HSMB-C190 Datasheet
208Kb / 8P
   Surface Mount Chip LEDs
logo
Unity Opto Technology
MSL-154B UOT-MSL-154B Datasheet
33Kb / 2P
   Surface Mount Chip LEDs
MSL-154HG UOT-MSL-154HG Datasheet
33Kb / 2P
   Surface Mount Chip LEDs
MSL-154SG UOT-MSL-154SG Datasheet
34Kb / 2P
   Surface Mount Chip LEDs
MSL-154SO UOT-MSL-154SO Datasheet
33Kb / 2P
   Surface Mount Chip LEDs
MSL-154UYL UOT-MSL-154UYL Datasheet
33Kb / 2P
   Surface Mount Chip LEDs
MSL-154Y UOT-MSL-154Y Datasheet
34Kb / 2P
   Surface Mount Chip LEDs
MSL-174DR UOT-MSL-174DR Datasheet
34Kb / 2P
   Surface Mount Chip LEDs
MSL-174UG UOT-MSL-174UG Datasheet
33Kb / 2P
   Surface Mount Chip LEDs
MSL-194SO UOT-MSL-194SO Datasheet
33Kb / 2P
   Surface Mount Chip LEDs
logo
AVAGO TECHNOLOGIES LIMI...
HSMG-C110 AVAGO-HSMG-C110 Datasheet
128Kb / 12P
   Surface Mount Chip LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com