Electronic Components Datasheet Search |
|
HSMY-C190 Datasheet(PDF) 6 Page - Agilent(Hewlett-Packard) |
|
HSMY-C190 Datasheet(HTML) 6 Page - Agilent(Hewlett-Packard) |
6 / 13 page 6 Absolute Maximum Ratings for GaP at TA=25°C Parameter C110/150/265 C120/170/177/190/191/197 Units DC Forward Current[1] 25 20 mA Peak Pulsing Current[2] 100 100 mA Power Dissipation 65 52 mW Reverse Voltage (IR=100 µA) 5 5 V LED Junction Temperature 95 95 °C Operating Temperature Range -30 to +85 -30 to +85 °C Storage Temperature Range -40 to +85 -40 to +85 °C Soldering Temperature See reflow soldering profile (Figure 9 & 10) Absolute Maximum Ratings for AlGaAs at TA=25°C Parameter C110/150 C120/170/177/190/191/197/265 Units DC Forward Current[1] 30 25 mA Peak Pulsing Current[2] 100 100 mA Power Dissipation 78 65 mW Reverse Voltage (IR=100µA) 5 5 V LED Junction Temperature 95 95 °C Operating Temperature Range -30 to +85 -30 to +85 °C Storage Temperature Range -40 to +85 -40 to +85 °C Soldering Temperature See reflow soldering profile (Figure 9 & 10) Notes: 1. Derate linearly as shown in Figure 4 for temperature above 25 °C. 2. Pulse condition of 1/10 duty and 0.1 msec. width. Electrical Characteristics at TA=25°C Reverse Capacitance Forward Voltage Breakdown C(pF), Thermal Part Number Color VF(Volts) VR(Volts) @ VF = 0 V, Resistance @ IF = 20 mA @ IR = 100 µA f = 1 MHz R θ J-P (°C/W) Typ. Max. Min. Typ. Typ. HSMS-C110/150 HER 2.1 2.6 5 5 400 HSMS-C120 350 HSMS-C170/177/190/191/197 250 HSMD-C110/150 Orange 2.2 2.6 5 7 400 HSMD-C120 350 HSMD-C170/177/190/191/197 250 HSMY-C110/150 Yellow 2.1 2.6 5 6 400 HSMY-C170/190/191/197 250 HSMG-C110/150 Green 2.2 2.6 5 9 400 HSMG-C120 350 HSMG-C170/177/190191/197/265 250 HSMH-C110/150 AlGaAs 1.8 2.6 5 18 460 HSMH-C120 400 HSMH-C170/190/191/265 300 |
Similar Part No. - HSMY-C190 |
|
Similar Description - HSMY-C190 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |