Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC390 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74HC390
Description  Dual decade ripple counter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC390 Datasheet(HTML) 6 Page - NXP Semiconductors

  74HC390 Datasheet HTML 1Page - NXP Semiconductors 74HC390 Datasheet HTML 2Page - NXP Semiconductors 74HC390 Datasheet HTML 3Page - NXP Semiconductors 74HC390 Datasheet HTML 4Page - NXP Semiconductors 74HC390 Datasheet HTML 5Page - NXP Semiconductors 74HC390 Datasheet HTML 6Page - NXP Semiconductors 74HC390 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
December 1990
6
Philips Semiconductors
Product specification
Dual decade ripple counter
74HC/HCT390
DC CHARACTERISTICS FOR 74HCT
For the DC characteristics see
“74HC/HCT/HCU/HCMOS Logic Family Specifications”.
Output capability: standard
ICC category: MSI
Note to HCT types
The value of additional quiescent supply current (
∆ICC) for a unit load of 1 is given in the family specifications.
To determine
∆ICC per input, multiply this value by the unit load coefficient shown in the table below.
AC CHARACTERISTICS FOR 74HCT
GND = 0 V; tr =tf = 6 ns; CL =50pF
INPUT
UNIT LOAD COEFFICIENT
nCP0
nCP1, nMR
0.45
0.60
SYMBOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HCT
VCC
(V)
WAVEFORMS
+25
−40 to +85 −40 to +125
min.
typ.
max. min. max. min.
max.
tPHL/ tPLH
propagation delay
nCP0 to nQ0
21
34
43
51
ns
4.5
Fig.6
tPHL/ tPLH
propagation delay
nCP1 to nQ1
22
38
48
57
ns
4.5
Fig.6
tPHL/ tPLH
propagation delay
nCP1 to nQ2
30
51
64
77
ns
4.5
Fig.6
tPHL/ tPLH
propagation delay
nCP1 to nQ3
22
38
48
57
ns
4.5
Fig.6
tPHL
propagation delay
nMR to nQn
21
36
45
54
ns
4.5
Fig.7
tTHL/ tTLH
output transition time
7
15
19
22
ns
4.5
Fig.6
tW
clock pulse width
nCP0, nCP1
18
8
23
27
ns
4.5
Fig.6
tW
master reset pulse width
HIGH
17
10
21
26
ns
4.5
Fig.7
trem
removal time
nMR to nCPn
15
8
19
22
ns
4.5
Fig.7
fmax
maximum clock pulse
frequency
nCP0, nCP1
27
55
22
18
MHz
4.5
Fig.6


Similar Part No. - 74HC390

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
74HC390 ETC1-74HC390 Datasheet
256Kb / 6P
   DUAL DECADE RIPPLE COUNTER
logo
Nexperia B.V. All right...
74HC390 NEXPERIA-74HC390 Datasheet
257Kb / 15P
   Dual decade ripple counter
Rev. 5 - 18 October 2021
logo
Motorola, Inc
74HC390A MOTOROLA-74HC390A Datasheet
268Kb / 9P
   High?밣erformance Silicon?밎ate CMOS
logo
Nexperia B.V. All right...
74HC390D NEXPERIA-74HC390D Datasheet
257Kb / 15P
   Dual decade ripple counter
Rev. 5 - 18 October 2021
74HC390PW NEXPERIA-74HC390PW Datasheet
257Kb / 15P
   Dual decade ripple counter
Rev. 5 - 18 October 2021
More results

Similar Description - 74HC390

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
74HC390 ETC1-74HC390 Datasheet
256Kb / 6P
   DUAL DECADE RIPPLE COUNTER
logo
Nexperia B.V. All right...
74HC390 NEXPERIA-74HC390 Datasheet
257Kb / 15P
   Dual decade ripple counter
Rev. 5 - 18 October 2021
logo
Intersil Corporation
HCTS390MS INTERSIL-HCTS390MS Datasheet
139Kb / 9P
   Radiation Hardened Dual Decade Ripple Counter
September 1995
logo
Texas Instruments
CD74HC390 TI-CD74HC390_07 Datasheet
423Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic Dual Decade Ripple Counter
CD54HCT390 TI-CD54HCT390 Datasheet
267Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic Dual Decade Ripple Counter
CD74HC390 TI-CD74HC390 Datasheet
45Kb / 8P
[Old version datasheet]   High Speed CMOS Logic Dual Decade Ripple Counter
CD74HC390 TI-CD74HC390_08 Datasheet
453Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic Dual Decade Ripple Counter
logo
STMicroelectronics
M54HC390 STMICROELECTRONICS-M54HC390 Datasheet
266Kb / 13P
   DUAL DECADE COUNTER
logo
Motorola, Inc
SN54LS490 MOTOROLA-SN54LS490 Datasheet
161Kb / 5P
   DUAL DECADE COUNTER
logo
STMicroelectronics
M74HC4518 STMICROELECTRONICS-M74HC4518 Datasheet
362Kb / 11P
   DUAL DECADE COUNTER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com