Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CB1AHFT-P-24V Datasheet(PDF) 4 Page - Nais(Matsushita Electric Works)

Part # CB1AHFT-P-24V
Description  HIGH POWER AUTOMOTIVE RELAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

CB1AHFT-P-24V Datasheet(HTML) 4 Page - Nais(Matsushita Electric Works)

  CB1AHFT-P-24V Datasheet HTML 1Page - Nais(Matsushita Electric Works) CB1AHFT-P-24V Datasheet HTML 2Page - Nais(Matsushita Electric Works) CB1AHFT-P-24V Datasheet HTML 3Page - Nais(Matsushita Electric Works) CB1AHFT-P-24V Datasheet HTML 4Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
CB
382
3. Bracket type
mm inch
16.0
.630
6.0
.236
25.0
.984
16.0
.630
4.0
±0.1
.157
±.004
1.7
.067
5.4
±0.1 dia.
.213
±.004
22.0
.866
11.0
.433
5-6.3
5-.248
26.0
1.024
4.0
.157
1.7 dia.
.067 dia.
8.0
±0.1
.315
±.004
17.9
.705
Sealed by epoxy resin
0.8
.031
8.4
.331
2.6
.102
8.4
.331
16.8
.661
Dimension:
General tolerance
Max. 1mm .039 inch:
±0.1 ±.004
1 to 3mm .039 to .118 inch:
±0.2 ±.008
Min. 3mm .118 inch:
±0.3 ±.012
Schematic (Bottom view)
86
87
87a
85
86
1a
1c
87
85
Including diode type, including load type also available.
4. High contact capacity type
2-6.3 ±
0.08
2-.248 ±
.003
4-1.7 dia. hole
4-.067 dia. hole
2-9.5±
0.08
2-.374±
.003
87
30
85
86
16.8
.661
8.4
.331
2.6
.102
0.8
.031
1.2
.047
8.4
.331
17.9
.705
22.0
.866
26.5
1.043
11.0
.433
15.0
.591
25.5
1.004
4.0
.157
5.8
.228
Sealed by epoxy resin
Dimension:
General tolerance
Max. 1mm .039 inch:
±0.1 ±.004
1 to 3mm .039 to .118 inch:
±0.2 ±.008
Min. 3mm .118 inch:
±0.3 ±.012
Schematic (Bottom view)
87
85
30
86
REFERENCE DATA
1. Coil temperature rise
Tested sample: CB1aF-P-12V, 3pcs.
Ambient temperature: 85
°C 185°F
Contact carrying current: 40A
2. Electrical life test (Motor load)
Tested sample: CB1a-12V, 3pcs.
Load: 18A steady, Inrush 82A
Operating frequency: ON 2s, OFF 6s
Coil applied voltage, V
12
14
16
180
150
120
90
60
30
0
40A
No. of operations,
×104
10
5
0
0
5
6
7
4
3
2
1
Max.
Min.
x
x
Drop-out voltage
Pick-up voltage
Contact welding: 0 times
Miscontact: 0 times
0
0
1
2
3
4
5
10
5
Max.
Min.
x
No. of operations,
×104
For Cautions for use, see Relay Technical Information (Page 48 to 76).
9/1/2000
All Rights Reserved, © Copyright Matsushita Electric Works, Ltd.
Go To Online Catalog


Similar Part No. - CB1AHFT-P-24V

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
CB1AHF-12V NAIS-CB1AHF-12V Datasheet
121Kb / 4P
   HIGH POWER AUTOMOTIVE RELAY
logo
Panasonic Semiconductor
CB1AHF-12V PANASONIC-CB1AHF-12V Datasheet
138Kb / 8P
   MINI-ISO AUTOMOTIVE RELAY Agricultural equipment, Conveyor, etc.
CB1AHF-12V PANASONIC-CB1AHF-12V Datasheet
185Kb / 9P
   MINI-ISO AUTOMOTIVE RELAY
logo
Nais(Matsushita Electri...
CB1AHF-24V NAIS-CB1AHF-24V Datasheet
121Kb / 4P
   HIGH POWER AUTOMOTIVE RELAY
logo
Panasonic Semiconductor
CB1AHF-24V PANASONIC-CB1AHF-24V Datasheet
138Kb / 8P
   MINI-ISO AUTOMOTIVE RELAY Agricultural equipment, Conveyor, etc.
More results

Similar Description - CB1AHFT-P-24V

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
CB1F-T-RM-12V NAIS-CB1F-T-RM-12V Datasheet
121Kb / 4P
   HIGH POWER AUTOMOTIVE RELAY
logo
Sanyou Corporation Limi...
SARF SANYOU-SARF Datasheet
230Kb / 4P
   High Power Automotive Relay
SARE SANYOU-SARE Datasheet
275Kb / 3P
   High Power Automotive Relay
SARH SANYOU-SARH Datasheet
236Kb / 3P
   High Power Automotive Relay
SARB SANYOU-SARB Datasheet
187Kb / 3P
   High Power Automotive Relay
logo
OEN India Limited
3572-1A-06-P-01 OENINDIA-3572-1A-06-P-01 Datasheet
117Kb / 3P
   AUTOMOTIVE POWER RELAY
740-12-1C-1SCNIL OENINDIA-740-12-1C-1SCNIL Datasheet
129Kb / 3P
   AUTOMOTIVE POWER RELAY
OEN79 OENINDIA-OEN79 Datasheet
492Kb / 2P
   AUTOMOTIVE POWER RELAY
OEN78 OENINDIA-OEN78 Datasheet
399Kb / 2P
   AUTOMOTIVE POWER RELAY
OEN61A OENINDIA-OEN61A Datasheet
369Kb / 2P
   AUTOMOTIVE POWER RELAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com