Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AUP1G06 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74AUP1G06
Description  Low-power inverter with open-drain output
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AUP1G06 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74AUP1G06 Datasheet HTML 3Page - NXP Semiconductors 74AUP1G06 Datasheet HTML 4Page - NXP Semiconductors 74AUP1G06 Datasheet HTML 5Page - NXP Semiconductors 74AUP1G06 Datasheet HTML 6Page - NXP Semiconductors 74AUP1G06 Datasheet HTML 7Page - NXP Semiconductors 74AUP1G06 Datasheet HTML 8Page - NXP Semiconductors 74AUP1G06 Datasheet HTML 9Page - NXP Semiconductors 74AUP1G06 Datasheet HTML 10Page - NXP Semiconductors 74AUP1G06 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
74AUP1G06_2
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 02 — 24 August 2006
7 of 15
Philips Semiconductors
74AUP1G06
Low-power inverter with open-drain output
11. Dynamic characteristics
Table 8.
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 8.
Symbol Parameter
Conditions
25
°C
−40 °C to +125 °C
Unit
Min
Typ[1]
Max
Min
Max
(85
°C)
Max
(125
°C)
CL = 5 pF
tpd
propagation delay
A to Y; see Figure 7
[2]
VCC = 0.8 V
-
12.8
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
2.3
4.3
9.9
2.0
10.9
12.0
ns
VCC = 1.4 V to 1.6 V
1.8
3.1
6.1
1.5
7.1
7.8
ns
VCC = 1.65 V to 1.95 V
1.5
2.8
4.7
1.2
5.7
6.3
ns
VCC = 2.3 V to 2.7 V
1.2
2.2
3.2
1.0
3.9
4.3
ns
VCC = 3.0 V to 3.6 V
1.1
2.2
3.3
0.8
3.6
4.0
ns
CL = 10 pF
tpd
propagation delay
A to Y; see Figure 7
[2]
VCC = 0.8 V
-
15.8
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
2.7
5.4
11.2
2.5
13.2
15.0
ns
VCC = 1.4 V to 1.6 V
2.2
3.9
7.0
2.0
8.5
9.4
ns
VCC = 1.65 V to 1.95 V
1.9
3.6
5.4
1.7
6.7
7.4
ns
VCC = 2.3 V to 2.7 V
1.7
2.9
3.8
1.4
4.5
5.0
ns
VCC = 3.0 V to 3.6 V
1.6
3.2
4.6
1.2
4.9
5.4
ns
CL = 15 pF
tpd
propagation delay
A to Y; see Figure 7
[2]
VCC = 0.8 V
-
18.8
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
3.2
6.4
12.2
2.9
15.2
17.0
ns
VCC = 1.4 V to 1.6 V
2.6
4.6
7.7
2.3
9.4
10.0
ns
VCC = 1.65 V to 1.95 V
2.3
4.5
6.6
2.1
7.3
8.1
ns
VCC = 2.3 V to 2.7 V
2.1
3.5
4.6
1.7
5.1
5.7
ns
VCC = 3.0 V to 3.6 V
2.0
4.0
6.0
1.5
6.5
7.2
ns
CL = 30 pF
tpd
propagation delay
A to Y; see Figure 7
[2]
VCC = 0.8 V
-
27.8
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
4.4
9.3
16.5
3.9
19.3
21.3
ns
VCC = 1.4 V to 1.6 V
3.6
6.8
10.1
3.2
12.0
13.2
ns
VCC = 1.65 V to 1.95 V
3.2
6.8
10.7
2.9
11.0
12.1
ns
VCC = 2.3 V to 2.7 V
2.9
5.3
7.2
2.6
7.8
8.6
ns
VCC = 3.0 V to 3.6 V
2.9
6.5
10.5
2.5
10.8
11.9
ns


Similar Part No. - 74AUP1G06

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP1G06 NXP-74AUP1G06 Datasheet
92Kb / 15P
   Low-power inverter with open-drain output
Rev. 04-10 June 2009
logo
Diodes Incorporated
74AUP1G06 DIODES-74AUP1G06 Datasheet
236Kb / 11P
   SINGLE INVERTER WITH OPEN DRAIN OUTPUT
logo
Nexperia B.V. All right...
74AUP1G06 NEXPERIA-74AUP1G06 Datasheet
263Kb / 17P
   Low-power inverter with open-drain output
Rev. 10 - 13 January 2022
74AUP1G06-Q100 NEXPERIA-74AUP1G06-Q100 Datasheet
684Kb / 13P
   Low-power inverter with open-drain output
logo
Diodes Incorporated
74AUP1G06FW4 DIODES-74AUP1G06FW4 Datasheet
236Kb / 11P
   SINGLE INVERTER WITH OPEN DRAIN OUTPUT
More results

Similar Description - 74AUP1G06

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP1G06 NXP-74AUP1G06 Datasheet
92Kb / 15P
   Low-power inverter with open-drain output
Rev. 04-10 June 2009
74AXP1G06 PHILIPS-74AXP1G06_15 Datasheet
176Kb / 17P
   Low-power inverter with open-drain output
Rev. 1-15 January 2014
logo
Nexperia B.V. All right...
74AUP1G06 NEXPERIA-74AUP1G06 Datasheet
263Kb / 17P
   Low-power inverter with open-drain output
Rev. 10 - 13 January 2022
74AXP1G06 NEXPERIA-74AXP1G06 Datasheet
786Kb / 17P
   Low-power inverter with open-drain output
74AUP1G06-Q100 NEXPERIA-74AUP1G06-Q100 Datasheet
684Kb / 13P
   Low-power inverter with open-drain output
logo
NXP Semiconductors
74AUP1G06 PHILIPS-74AUP1G06_15 Datasheet
343Kb / 19P
   Low-power inverter with open-drain output
Rev. 7-28 June 2012
74AUP2G06 NXP-74AUP2G06 Datasheet
125Kb / 18P
   Low-power dual inverter with open-drain output
Rev. 4-6 December 2011
74AUP2G06 PHILIPS-74AUP2G06_15 Datasheet
198Kb / 18P
   Low-power dual inverter with open-drain output
Rev. 5-29 November 2012
logo
Nexperia B.V. All right...
74AUP2G06 NEXPERIA-74AUP2G06 Datasheet
247Kb / 15P
   Low-power dual inverter with open-drain output
Rev. 8 - 31 January 2022
logo
Leshan Radio Company
MC74VHC1G05 LRC-MC74VHC1G05 Datasheet
153Kb / 4P
   Inverter with Open Drain Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com