Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC393N Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74HC393N
Description  Dual 4-bit binary ripple counter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC393N Datasheet(HTML) 5 Page - NXP Semiconductors

  74HC393N Datasheet HTML 1Page - NXP Semiconductors 74HC393N Datasheet HTML 2Page - NXP Semiconductors 74HC393N Datasheet HTML 3Page - NXP Semiconductors 74HC393N Datasheet HTML 4Page - NXP Semiconductors 74HC393N Datasheet HTML 5Page - NXP Semiconductors 74HC393N Datasheet HTML 6Page - NXP Semiconductors 74HC393N Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
December 1990
5
Philips Semiconductors
Product specification
Dual 4-bit binary ripple counter
74HC/HCT393
DC CHARACTERISTICS FOR 74HC
For the DC characteristics see
“74HC/HCT/HCU/HCMOS Logic Family Specifications”.
Output capability: standard
ICC category: MSI
AC CHARACTERISTICS FOR 74HC
GND = 0 V; tr = tf = 6 ns; CL = 50 pF
SYMBOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HC
VCC
(V)
WAVEFORMS
+25
−40 to +85 −40 to +125
min.
typ. max. min.
max.
min.
max.
tPHL/ tPLH propagation delay
nCP to nQ0
41
15
12
125
25
21
155
31
26
190
38
32
ns
2.0
4.5
6.0
Fig.7
tPHL/ tPLH propagation delay
nQn to nQn+1
14
5
4
45
9
8
55
11
9
70
14
12
ns
2.0
4.5
6.0
Fig.7
tPHL
propagation delay
nMR to nQn
39
14
11
140
28
24
175
35
30
210
42
36
ns
2.0
4.5
6.0
Fig.8
tTHL/ tTLH output transition time
19
7
6
75
15
13
95
19
16
110
22
19
ns
2.0
4.5
6.0
Fig.7
tW
clock pulse width
HIGH or LOW
80
16
14
17
6
5
100
20
17
120
24
20
ns
2.0
4.5
6.0
Fig.7
tW
master reset pulse
width; HIGH
80
16
14
19
7
6
100
20
17
120
24
20
ns
2.0
4.5
6.0
Fig.8
trem
removal time
nMR to nCP
5
5
5
3
1
1
5
5
5
5
5
5
ns
2.0
4.5
6.0
Fig.8
fmax
maximum clock pulse
frequency
6
30
35
30
90
107
5
24
28
4
20
24
MHz
2.0
4.5
6.0
Fig.7


Similar Part No. - 74HC393N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC393N NXP-74HC393N Datasheet
164Kb / 21P
   Dual 4-bit binary ripple counter
Rev. 4-16 May 2013
More results

Similar Description - 74HC393N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC393 ONSEMI-MC74VHC393 Datasheet
172Kb / 8P
   Dual 4-Bit Binary Ripple Counter
REV 0
logo
NXP Semiconductors
74LV393 PHILIPS-74LV393 Datasheet
115Kb / 12P
   Dual 4-bit binary ripple counter
1997 Jun 10
74HC393 NXP-74HC393 Datasheet
164Kb / 21P
   Dual 4-bit binary ripple counter
Rev. 4-16 May 2013
logo
Nexperia B.V. All right...
74HC393-Q100 NEXPERIA-74HC393-Q100 Datasheet
734Kb / 20P
   Dual 4-bit binary ripple counter
74HCT393-Q100 NEXPERIA-74HCT393-Q100 Datasheet
267Kb / 1P
   Dual 4-bit binary ripple counter
Rev. 3 - 22 October 2021
logo
NXP Semiconductors
74F393 PHILIPS-74F393 Datasheet
75Kb / 8P
   Dual 4-bit binary ripple counter
1988 Nov 01
logo
Nexperia B.V. All right...
74LV393-Q100 NEXPERIA-74LV393-Q100 Datasheet
746Kb / 16P
   Dual 4-bit binary ripple counter
logo
List of Unclassifed Man...
74HC393 ETC1-74HC393 Datasheet
216Kb / 5P
   DUAL 4-BIT BINARY RIPPLE COUNTER
logo
Nexperia B.V. All right...
74LV393 NEXPERIA-74LV393 Datasheet
235Kb / 13P
   Dual 4-bit binary ripple counter
Rev. 6 - 19 March 2021
74HC393 NEXPERIA-74HC393 Datasheet
268Kb / 15P
   Dual 4-bit binary ripple counter
Rev. 8 - 22 October 2021
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com