Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC126A Datasheet(PDF) 10 Page - NXP Semiconductors

Part # 74LVC126A
Description  Quad buffer/line driver with 5 Volt tolerant input/outputs; 3-state
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC126A Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 74LVC126A Datasheet HTML 6Page - NXP Semiconductors 74LVC126A Datasheet HTML 7Page - NXP Semiconductors 74LVC126A Datasheet HTML 8Page - NXP Semiconductors 74LVC126A Datasheet HTML 9Page - NXP Semiconductors 74LVC126A Datasheet HTML 10Page - NXP Semiconductors 74LVC126A Datasheet HTML 11Page - NXP Semiconductors 74LVC126A Datasheet HTML 12Page - NXP Semiconductors 74LVC126A Datasheet HTML 13Page - NXP Semiconductors 74LVC126A Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
2003 Feb 28
10
Philips Semiconductors
Product specification
Quad buffer/line driver with 5 Volt
tolerant input/outputs; 3-state
74LVC126A
handbook, full pagewidth
open
GND
50 pF
2
× VCC
VCC
VI
VO
MNA368
D.U.T.
CL
RT
RL
500
RL
500
PULSE
GENERATOR
S1
Fig.8 Load circuitry for switching times.
Definitions for test circuits:
RL = Load resistor.
CL = Load capacitance including jig and probe capacitance.
RT = Termination resistance should be equal to the output impedance Zo of the pulse generator.
SWITCH POSITION
TEST
S1
tPLH/tPHL
open
tPLZ/tPZL
2
× VCC
tPHZ/tPZH
GND
VCC
VI
<2.7 V
VCC
2.7 to 3.6 V
2.7 V


Similar Part No. - 74LVC126A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
74LVC126A DIODES-74LVC126A Datasheet
230Kb / 10P
   QUADRUPLE 3-STATE BUFFERS
logo
ON Semiconductor
74LVC126A ONSEMI-74LVC126A Datasheet
101Kb / 9P
   Low-Voltage CMOS Quad 2-Input NAND Gate
October, 2015 ??Rev. 0
logo
Nexperia B.V. All right...
74LVC126A NEXPERIA-74LVC126A Datasheet
249Kb / 13P
   Quad buffer/line driver with 5 V tolerant input/outputs; 3-state
Rev. 11 - 20 September 2021
74LVC126A-Q100 NEXPERIA-74LVC126A-Q100 Datasheet
236Kb / 13P
   Quad buffer/line driver with 5 V tolerant input/outputs; 3-state
74LVC126ABQ NEXPERIA-74LVC126ABQ Datasheet
249Kb / 13P
   Quad buffer/line driver with 5 V tolerant input/outputs; 3-state
Rev. 11 - 20 September 2021
More results

Similar Description - 74LVC126A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC125A PHILIPS-74LVC125A Datasheet
94Kb / 10P
   Quad buffer/line driver with 5-volt tolerant inputs/outputs 3-State
1998 Apr 28
logo
Nexperia B.V. All right...
74LVC126A-Q100 NEXPERIA-74LVC126A-Q100 Datasheet
236Kb / 13P
   Quad buffer/line driver with 5 V tolerant input/outputs; 3-state
logo
NXP Semiconductors
74LVC125AD-T NXP-74LVC125AD-T Datasheet
124Kb / 16P
   Quad buffer/line driver with 5 V tolerant input/outputs; 3-state
Rev. 7-11 April 2013
logo
Nexperia B.V. All right...
74LVC125A-Q100 NEXPERIA-74LVC125A-Q100 Datasheet
709Kb / 15P
   Quad buffer/line driver with 5 V tolerant input/outputs; 3-state
74LVC125A NEXPERIA-74LVC125A Datasheet
248Kb / 13P
   Quad buffer/line driver with 5 V tolerant input/outputs; 3-state
Rev. 9 - 17 September 2021
74LVC126A NEXPERIA-74LVC126A Datasheet
249Kb / 13P
   Quad buffer/line driver with 5 V tolerant input/outputs; 3-state
Rev. 11 - 20 September 2021
logo
NXP Semiconductors
74LVC241A PHILIPS-74LVC241A Datasheet
96Kb / 10P
   Octal buffer/line driver with 5-volt tolerant inputs/outputs 3-State
1998 May 20
74LVC541A PHILIPS-74LVC541A Datasheet
94Kb / 10P
   Octal buffer/line driver with 5-volt tolerant inputs/outputs 3-State
1998 Jul 29
74LVC240A PHILIPS-74LVC240A Datasheet
96Kb / 11P
   Octal buffer/line driver with 5-volt tolerant inputs/outputs; inverting 3-State
1998 May 20
74LVC827A PHILIPS-74LVC827A Datasheet
98Kb / 12P
   10-bit buffer/line driver with 5-volt tolerant inputs/outputs 3-State
1998 Sep 04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com