Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC126ADB Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74LVC126ADB
Description  Quad buffer/line driver with 5 Volt tolerant input/outputs; 3-state
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC126ADB Datasheet(HTML) 5 Page - NXP Semiconductors

  74LVC126ADB Datasheet HTML 1Page - NXP Semiconductors 74LVC126ADB Datasheet HTML 2Page - NXP Semiconductors 74LVC126ADB Datasheet HTML 3Page - NXP Semiconductors 74LVC126ADB Datasheet HTML 4Page - NXP Semiconductors 74LVC126ADB Datasheet HTML 5Page - NXP Semiconductors 74LVC126ADB Datasheet HTML 6Page - NXP Semiconductors 74LVC126ADB Datasheet HTML 7Page - NXP Semiconductors 74LVC126ADB Datasheet HTML 8Page - NXP Semiconductors 74LVC126ADB Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
2003 Feb 28
5
Philips Semiconductors
Product specification
Quad buffer/line driver with 5 Volt
tolerant input/outputs; 3-state
74LVC126A
handbook, halfpage
MNA234
nOE
nA
nY
Fig.5 Logic diagram.
RECOMMENDED OPERATING CONDITIONS
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134); voltages are referenced to GND (ground = 0 V).
Notes
1. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
2. For SO14 packages: above 70
°C the value of Ptot derates linearly with 8 mW/K.
For (T)SSOP14 packages: above 60
°C the value of Ptot derates linearly with 5.5 mW/K.
For DHVQFN14 packages: above 60
°C the value of Ptot derates linearly with 4.5 mW/K.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCC
supply voltage
for maximum speed performance
2.7
3.6
V
for low voltage applications
1.2
3.6
V
VI
input voltage
0
5.5
V
VO
output voltage
output HIGH or LOW state
0
VCC
V
output 3-state
0
5.5
V
Tamb
operating ambient temperature
−40
+125
°C
tr,tf
input rise and fall times
VCC = 1.2 to 2.7 V
0
20
ns/V
VCC = 2.7 to 3.6 V
0
10
ns/V
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCC
supply voltage
−0.5
+6.5
V
IIK
input diode current
VI <0
−−50
mA
VI
input voltage
note 1
−0.5
+6.5
V
IOK
output diode current
VO >VCC or VO <0
−±50
mA
VO
output voltage
output HIGH or LOW state; note 1
−0.5
VCC + 0.5 V
output 3-state; note 1
−0.5
+6.5
V
IO
output source or sink current
VO = 0 to VCC
−±50
mA
IGND, ICC
VCC or GND current
−±100
mA
Tstg
storage temperature
−65
+150
°C
Ptot
power dissipation per package
Tamb = −40 to +125 °C; note 2
500
mW


Similar Part No. - 74LVC126ADB

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LVC126AD NEXPERIA-74LVC126AD Datasheet
249Kb / 13P
   Quad buffer/line driver with 5 V tolerant input/outputs; 3-state
Rev. 11 - 20 September 2021
74LVC126AD-Q100 NEXPERIA-74LVC126AD-Q100 Datasheet
236Kb / 13P
   Quad buffer/line driver with 5 V tolerant input/outputs; 3-state
logo
ON Semiconductor
74LVC126ADR2G ONSEMI-74LVC126ADR2G Datasheet
101Kb / 9P
   Low-Voltage CMOS Quad 2-Input NAND Gate
October, 2015 ??Rev. 0
74LVC126ADTR2G ONSEMI-74LVC126ADTR2G Datasheet
101Kb / 9P
   Low-Voltage CMOS Quad 2-Input NAND Gate
October, 2015 ??Rev. 0
More results

Similar Description - 74LVC126ADB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC125A PHILIPS-74LVC125A Datasheet
94Kb / 10P
   Quad buffer/line driver with 5-volt tolerant inputs/outputs 3-State
1998 Apr 28
logo
Nexperia B.V. All right...
74LVC126A-Q100 NEXPERIA-74LVC126A-Q100 Datasheet
236Kb / 13P
   Quad buffer/line driver with 5 V tolerant input/outputs; 3-state
logo
NXP Semiconductors
74LVC125AD-T NXP-74LVC125AD-T Datasheet
124Kb / 16P
   Quad buffer/line driver with 5 V tolerant input/outputs; 3-state
Rev. 7-11 April 2013
logo
Nexperia B.V. All right...
74LVC125A-Q100 NEXPERIA-74LVC125A-Q100 Datasheet
709Kb / 15P
   Quad buffer/line driver with 5 V tolerant input/outputs; 3-state
74LVC125A NEXPERIA-74LVC125A Datasheet
248Kb / 13P
   Quad buffer/line driver with 5 V tolerant input/outputs; 3-state
Rev. 9 - 17 September 2021
74LVC126A NEXPERIA-74LVC126A Datasheet
249Kb / 13P
   Quad buffer/line driver with 5 V tolerant input/outputs; 3-state
Rev. 11 - 20 September 2021
logo
NXP Semiconductors
74LVC241A PHILIPS-74LVC241A Datasheet
96Kb / 10P
   Octal buffer/line driver with 5-volt tolerant inputs/outputs 3-State
1998 May 20
74LVC541A PHILIPS-74LVC541A Datasheet
94Kb / 10P
   Octal buffer/line driver with 5-volt tolerant inputs/outputs 3-State
1998 Jul 29
74LVC240A PHILIPS-74LVC240A Datasheet
96Kb / 11P
   Octal buffer/line driver with 5-volt tolerant inputs/outputs; inverting 3-State
1998 May 20
74LVC827A PHILIPS-74LVC827A Datasheet
98Kb / 12P
   10-bit buffer/line driver with 5-volt tolerant inputs/outputs 3-State
1998 Sep 04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com