Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSMS-8202-TR2 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # HSMS-8202-TR2
Description  Surface Mount Microwave Schottky Mixer Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSMS-8202-TR2 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  HSMS-8202-TR2 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HSMS-8202-TR2 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HSMS-8202-TR2 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HSMS-8202-TR2 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSMS-8202-TR2 Datasheet HTML 5Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
Typical Performance, T
C = 25
°C
FORWARD VOLTAGE (V)
Figure 1. Typical Forward Current
vs. Forward Voltage at Three
Temperatures.
100
10
1
0.1
0.01
0
0.2
0.4
0.6
0.8
V - FORWARD VOLTAGE (V)
Figure 2. Typical VF Match, HSMS-
820X Pairs and Quads.
30
10
0.20 0.25 0.30 0.35 0.40 0.45 0.50 0.55
1
0.3
30
10
1
0.3
IF (Left Scale)
∆V
F (Right Scale)
LOCAL OSCILLATOR POWER (dBm)
Figure 3. Typical Conversion Loss
vs. Local Oscillator Power.
9
8
7
6
–7 –5 –3 –1
1
3
5
7
9
11 13
T
A = +125°C
T
A = +25°C
T
A = –55°C
Profile Option
Descriptions
-BLK = Bulk
-TR1 = 3K pc. Tape and Reel,
Device Orientation
Figures 4, 5
-TR2 = 10K pc. Tape and Reel,
Device Orientation
Figures 4, 5
Tape and Reeling conforms to
Electronic Industries RS-481,
“Taping of Surface Mounted
Components for Automated
Placement.”
For lead-free option, the part
number will have the character "G"
at the end, eg. -TR2G for a 10K pc
lead-free reel.
Ordering Information
Specify part number followed by option. For example:
HSMS - 8101 - XXX
Bulk or Tape and Reel Option
Part Number
Surface Mount Schottky
Device Orientation
Figure 5. Option -TR1/-TR2 for SOT-143 Packages.
Figure 4. Option -TR1/-TR2 for SOT-23 Packages.
USER
FEED
DIRECTION
COVER TAPE
CARRIER
TAPE
REEL
Note: "AB" represents package marking code.
"C" represents date code.
END VIEW
8 mm
4 mm
TOP VIEW
ABC
ABC
ABC
ABC
Note: "AB" represents package marking code.
"C" represents date code.
END VIEW
8 mm
4 mm
TOP VIEW
ABC
ABC
ABC
ABC


Similar Part No. - HSMS-8202-TR2

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-8202-BLKG AVAGO-HSMS-8202-BLKG Datasheet
236Kb / 6P
   Surface Mount Microwave Schottky Mixer Diodes
More results

Similar Description - HSMS-8202-TR2

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-8202-BLKG AVAGO-HSMS-8202-BLKG Datasheet
236Kb / 6P
   Surface Mount Microwave Schottky Mixer Diodes
HSMS-8101 AVAGO-HSMS-8101_15 Datasheet
93Kb / 7P
   Surface Mount Microwave Schottky Mixer Diodes
logo
Broadcom Corporation.
HSMS-8207 BOARDCOM-HSMS-8207 Datasheet
93Kb / 7P
   Surface Mount Microwave Schottky Mixer Diodes
HSMS-8202 BOARDCOM-HSMS-8202 Datasheet
93Kb / 7P
   Surface Mount Microwave Schottky Mixer Diodes
HSMS-8209 BOARDCOM-HSMS-8209 Datasheet
93Kb / 7P
   Surface Mount Microwave Schottky Mixer Diodes
HSMS-8101 BOARDCOM-HSMS-8101 Datasheet
93Kb / 7P
   Surface Mount Microwave Schottky Mixer Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-8101 AVAGO-HSMS-8101 Datasheet
236Kb / 6P
   Surface Mount Microwave Schottky Mixer Diodes Low Capacitance
logo
Broadcom Corporation.
HSMS-286C BOARDCOM-HSMS-286C Datasheet
430Kb / 18P
   Surface Mount Microwave Schottky Detector Diodes
HSMS-286E BOARDCOM-HSMS-286E Datasheet
430Kb / 18P
   Surface Mount Microwave Schottky Detector Diodes
HSMS-286K BOARDCOM-HSMS-286K Datasheet
430Kb / 18P
   Surface Mount Microwave Schottky Detector Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com