Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HCT377PW Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74HCT377PW
Description  Octal D-type flip-flop with data enable; positive-edge trigger
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT377PW Datasheet(HTML) 6 Page - NXP Semiconductors

  74HCT377PW Datasheet HTML 1Page - NXP Semiconductors 74HCT377PW Datasheet HTML 2Page - NXP Semiconductors 74HCT377PW Datasheet HTML 3Page - NXP Semiconductors 74HCT377PW Datasheet HTML 4Page - NXP Semiconductors 74HCT377PW Datasheet HTML 5Page - NXP Semiconductors 74HCT377PW Datasheet HTML 6Page - NXP Semiconductors 74HCT377PW Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
December 1990
6
Philips Semiconductors
Product specification
Octal D-type flip-flop with data enable;
positive-edge trigger
74HC/HCT377
DC CHARACTERISTICS FOR 74HCT
For the DC characteristics see
“74HC/HCT/HCU/HCMOS Logic Family Specifications”.
Output capability: standard
ICC category: MSI
Note to HCT types
The value of additional quiescent supply current (
∆ICC) for a unit load of 1 is given in the family specifications.
To determine
∆ICC per input, multiply this value by the unit load coefficient shown in the table below.
AC CHARACTERISTICS FOR 74HCT
GND = 0 V; tr =tf = 6 ns; CL =50pF
INPUT
UNIT LOAD COEFFICIENT
E
CP
Dn
1.50
0.50
0.20
SYMBOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HCT
VCC
(V)
WAVEFORMS
+25
−40 to +85 −40 to +125
min.
typ.
max. min. max. min.
max.
tPHL/ tPLH
propagation delay
CP to Qn
17
32
40
48
ns
4.5
Fig.6
tTHL/ tTLH
output transition time
7
15
19
22
ns
4.5
Fig.6
tW
clock pulse width
HIGH or LOW
20
8
25
30
ns
4.5
Fig.6
tsu
set-up time
Dn to CP
12
4
15
18
ns
4.5
Fig.7
tsu
set-up time
E to CP
22
12
28
33
ns
4.5
Fig.7
th
hold time
Dn to CP
2
−4
2
2
ns
4.5
Fig.7
th
hold time
E to CP
3
−2
3
3
ns
4.5
Fig.7
fmax
maximum clock pulse
frequency
27
48
22
18
MHz
4.5
Fig.6


Similar Part No. - 74HCT377PW

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74HCT377PW NEXPERIA-74HCT377PW Datasheet
256Kb / 15P
   Octal D-type flip-flop with data enable; positive-edge trigger
Rev. 5 - 25 February 2021
74HCT377PW-Q100 NEXPERIA-74HCT377PW-Q100 Datasheet
721Kb / 18P
   Octal D-type flip-flop with data enable; positive-edge trigger
74HCT377PW-Q100 NEXPERIA-74HCT377PW-Q100 Datasheet
255Kb / 15P
   Octal D-type flip-flop with data enable; positive-edge trigger
Rev. 2 - 25 February 2021
More results

Similar Description - 74HCT377PW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC377 PHILIPS-74AHC377 Datasheet
101Kb / 20P
   Octal D-type flip-flop with data enable; positive-edge trigger
2000 Aug 15
logo
Nexperia B.V. All right...
74AHCT377 NEXPERIA-74AHCT377 Datasheet
601Kb / 16P
   Octal D-type flip-flop with data enable; positive-edge trigger
Rev. 02 - 12 June 2008
logo
List of Unclassifed Man...
74HC377 ETC1-74HC377 Datasheet
219Kb / 5P
   OCTAL D-TYPE FLIP-FLOP WITH DATA ENABLE POSITIVE EDGE TRIGGER
logo
Nexperia B.V. All right...
74LVC377 NEXPERIA-74LVC377 Datasheet
236Kb / 12P
   Octal D-type flip-flop with data enable; positive-edge trigger
Rev. 7 - 27 August 2021
logo
NXP Semiconductors
74LV377 PHILIPS-74LV377 Datasheet
114Kb / 12P
   Octal D-type flip-flop with data enable; positive edge-trigger
1998 Jun 10
74HCHCT377 PHILIPS-74HCHCT377 Datasheet
64Kb / 7P
   Octal D-type flip-flop with data enable; positive-edge trigger
December 1990
logo
Nexperia B.V. All right...
74HCT377 NEXPERIA-74HCT377 Datasheet
256Kb / 15P
   Octal D-type flip-flop with data enable; positive-edge trigger
Rev. 5 - 25 February 2021
74AHC377-Q100 NEXPERIA-74AHC377-Q100 Datasheet
744Kb / 17P
   Octal D-type flip-flop with data enable; positive-edge trigger
logo
NXP Semiconductors
74LVC377 PHILIPS-74LVC377 Datasheet
95Kb / 10P
   Octal D-type flip-flop with data enable; positive-edge trigger
1998 Jul 29
74AHC377 NXP-74AHC377_08 Datasheet
100Kb / 16P
   Octal D-type flip-flop with data enable; positive-edge trigger
Rev. 02-12 June 2008
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com