Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AUP1G06 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AUP1G06
Description  LOW-POWER SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AUP1G06 Datasheet(HTML) 4 Page - Texas Instruments

  SN74AUP1G06 Datasheet HTML 1Page - Texas Instruments SN74AUP1G06 Datasheet HTML 2Page - Texas Instruments SN74AUP1G06 Datasheet HTML 3Page - Texas Instruments SN74AUP1G06 Datasheet HTML 4Page - Texas Instruments SN74AUP1G06 Datasheet HTML 5Page - Texas Instruments SN74AUP1G06 Datasheet HTML 6Page - Texas Instruments SN74AUP1G06 Datasheet HTML 7Page - Texas Instruments SN74AUP1G06 Datasheet HTML 8Page - Texas Instruments SN74AUP1G06 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
www.ti.com
Electrical Characteristics
Switching Characteristics
Switching Characteristics
SN74AUP1G06
LOW-POWER SINGLE INVERTER BUFFER/DRIVER
WITH OPEN-DRAIN OUTPUTS
SCES590A – JULY 2004 – REVISED AUGUST 2006
over recommended operating free-air temperature range (unless otherwise noted)
TA = –40°C
TA = 25°C
to 85
°C
PARAMETER
TEST CONDITIONS
VCC
UNIT
MIN
TYP
MAX
MIN
MAX
IOL = 20 µA
0.8 V to 3.6 V
0.1
0.1
IOL = 1.1 mA
1.1 V
0.3
× V
CC
0.3
× V
CC
IOL = 1.7 mA
1.4 V
0.31
0.37
IOL = 1.9 mA
1.65 V
0.31
0.35
VOL
V
IOL = 2.3 mA
0.31
0.33
2.3 V
IOL = 3.1 mA
0.44
0.45
IOL = 2.7 mA
0.31
0.33
3 V
IOL = 4 mA
0.44
0.45
II
A input
VI = GND to 3.6 V
0 V to 3.6 V
0.1
0.5
µA
Ioff
VI or VO = 0 V to 3.6 V
0 V
0.2
0.6
µA
∆I
off
VI or VO = 0 V to 3.6 V
0 V to 0.2 V
0.2
0.6
µA
ICC
VI = GND or VCC to 3.6 V, IO = 0
0.8 V to 3.6 V
0.5
0.9
µA
∆I
CC
VI = VCC – 0.6 V,
IO = 0
3.3 V
40
50
µA
0 V
1.5
Ci
VI = VCC or GND
pF
3.6 V
1.7
Co
VO = GND
0 V
1.7
pF
over recommended operating free-air temperature range, C
L = 5 pF (unless otherwise noted) (see Figure 3 and Figure 4)
TA = –40°C
TA = 25°C
FROM
TO
to 85
°C
PARAMETER
VCC
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
0.8 V
12.4
1.2 V
± 0.1 V
2.7
12
9.9
2
12.8
1.5 V
± 0.1 V
2.1
3.5
6.2
1.5
7.6
tpd
A
Y
ns
1.8 V
± 0.15 V
2.1
3.1
4.7
1.2
5.9
2.5 V
± 0.2 V
1.4
2.2
3.2
1
3.9
3.3 V
± 0.3 V
1.3
2.2
3.3
0.8
3.6
over recommended operating free-air temperature range, C
L = 10 pF (unless otherwise noted) (see Figure 3 and Figure 4)
TA = –40°C
TA = 25°C
FROM
TO
to 85
°C
PARAMETER
VCC
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
0.8 V
15.1
1.2 V
± 0.1 V
3.6
12
11.2
2.7
14.1
1.5 V
± 0.1 V
2.9
4.3
7
2.2
8.6
tpd
A
Y
ns
1.8 V
± 0.15 V
2.7
3.9
5.4
1.8
6.7
2.5 V
± 0.2 V
2.1
2.9
3.8
1.4
4.5
3.3 V
± 0.3 V
1.7
3
4.5
1.2
4.9
4
Submit Documentation Feedback


Similar Part No. - SN74AUP1G06

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G06 TI-SN74AUP1G06 Datasheet
927Kb / 21P
[Old version datasheet]   LOW-POWER SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUP1G06 TI1-SN74AUP1G06 Datasheet
1Mb / 24P
[Old version datasheet]   LOW-POWER SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUP1G06 TI1-SN74AUP1G06 Datasheet
1Mb / 44P
[Old version datasheet]   Low-Power Single Inverter With Open-Drain Outputs
SN74AUP1G06 TI1-SN74AUP1G06 Datasheet
2Mb / 46P
[Old version datasheet]   Low-Power Single Inverter With Open-Drain Outputs
SN74AUP1G06DBV TI1-SN74AUP1G06DBV Datasheet
1Mb / 44P
[Old version datasheet]   Low-Power Single Inverter With Open-Drain Outputs
More results

Similar Description - SN74AUP1G06

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G06 TI1-SN74AUP1G06_15 Datasheet
1Mb / 24P
[Old version datasheet]   LOW-POWER SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
logo
Unisonic Technologies
U74AUP1G06 UTC-U74AUP1G06 Datasheet
183Kb / 5P
   LOW-POWER SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
logo
Texas Instruments
SN74AUP1G06 TI-SN74AUP1G06_10 Datasheet
927Kb / 21P
[Old version datasheet]   LOW-POWER SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUP2G06 TI1-SN74AUP2G06 Datasheet
909Kb / 21P
[Old version datasheet]   LOW-POWER DUAL INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUP3G06 TI-SN74AUP3G06 Datasheet
283Kb / 13P
[Old version datasheet]   LOW-POWER TRIPLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUP1G07 TI-SN74AUP1G07 Datasheet
286Kb / 12P
[Old version datasheet]   LOW-POWER SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUP1G07 TI1-SN74AUP1G07_16 Datasheet
1Mb / 34P
[Old version datasheet]   Low-Power Single Buffer/Driver With Open-Drain Outputs
SN74AUP1G07 TI-SN74AUP1G07_10 Datasheet
975Kb / 21P
[Old version datasheet]   LOW-POWER SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUC06 TI-SN74AUC06 Datasheet
543Kb / 11P
[Old version datasheet]   HEX INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUC2G06 TI-SN74AUC2G06 Datasheet
341Kb / 13P
[Old version datasheet]   DUAL INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com