Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AUP1G06 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AUP1G06
Description  LOW-POWER SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AUP1G06 Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN74AUP1G06 Datasheet HTML 3Page - Texas Instruments SN74AUP1G06 Datasheet HTML 4Page - Texas Instruments SN74AUP1G06 Datasheet HTML 5Page - Texas Instruments SN74AUP1G06 Datasheet HTML 6Page - Texas Instruments SN74AUP1G06 Datasheet HTML 7Page - Texas Instruments SN74AUP1G06 Datasheet HTML 8Page - Texas Instruments SN74AUP1G06 Datasheet HTML 9Page - Texas Instruments SN74AUP1G06 Datasheet HTML 10Page - Texas Instruments SN74AUP1G06 Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
SN74AUP1G06DBVR
ACTIVE
SOT-23
DBV
5
3000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74AUP1G06DBVRE4
ACTIVE
SOT-23
DBV
5
3000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74AUP1G06DBVT
ACTIVE
SOT-23
DBV
5
250
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74AUP1G06DBVTE4
ACTIVE
SOT-23
DBV
5
250
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74AUP1G06DCKR
ACTIVE
SC70
DCK
5
3000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74AUP1G06DCKRE4
ACTIVE
SC70
DCK
5
3000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74AUP1G06DCKT
ACTIVE
SC70
DCK
5
250
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74AUP1G06DCKTE4
ACTIVE
SC70
DCK
5
250
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
18-Jul-2006
Addendum-Page 1


Similar Part No. - SN74AUP1G06

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G06 TI-SN74AUP1G06 Datasheet
927Kb / 21P
[Old version datasheet]   LOW-POWER SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUP1G06 TI1-SN74AUP1G06 Datasheet
1Mb / 24P
[Old version datasheet]   LOW-POWER SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUP1G06 TI1-SN74AUP1G06 Datasheet
1Mb / 44P
[Old version datasheet]   Low-Power Single Inverter With Open-Drain Outputs
SN74AUP1G06 TI1-SN74AUP1G06 Datasheet
2Mb / 46P
[Old version datasheet]   Low-Power Single Inverter With Open-Drain Outputs
SN74AUP1G06DBV TI1-SN74AUP1G06DBV Datasheet
1Mb / 44P
[Old version datasheet]   Low-Power Single Inverter With Open-Drain Outputs
More results

Similar Description - SN74AUP1G06

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G06 TI1-SN74AUP1G06_15 Datasheet
1Mb / 24P
[Old version datasheet]   LOW-POWER SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
logo
Unisonic Technologies
U74AUP1G06 UTC-U74AUP1G06 Datasheet
183Kb / 5P
   LOW-POWER SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
logo
Texas Instruments
SN74AUP1G06 TI-SN74AUP1G06_10 Datasheet
927Kb / 21P
[Old version datasheet]   LOW-POWER SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUP2G06 TI1-SN74AUP2G06 Datasheet
909Kb / 21P
[Old version datasheet]   LOW-POWER DUAL INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUP3G06 TI-SN74AUP3G06 Datasheet
283Kb / 13P
[Old version datasheet]   LOW-POWER TRIPLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUP1G07 TI-SN74AUP1G07 Datasheet
286Kb / 12P
[Old version datasheet]   LOW-POWER SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUP1G07 TI1-SN74AUP1G07_16 Datasheet
1Mb / 34P
[Old version datasheet]   Low-Power Single Buffer/Driver With Open-Drain Outputs
SN74AUP1G07 TI-SN74AUP1G07_10 Datasheet
975Kb / 21P
[Old version datasheet]   LOW-POWER SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUC06 TI-SN74AUC06 Datasheet
543Kb / 11P
[Old version datasheet]   HEX INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUC2G06 TI-SN74AUC2G06 Datasheet
341Kb / 13P
[Old version datasheet]   DUAL INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com