Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC40105PW Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74HC40105PW
Description  4-bit x 16-word FIFO register
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC40105PW Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74HC40105PW Datasheet HTML 3Page - NXP Semiconductors 74HC40105PW Datasheet HTML 4Page - NXP Semiconductors 74HC40105PW Datasheet HTML 5Page - NXP Semiconductors 74HC40105PW Datasheet HTML 6Page - NXP Semiconductors 74HC40105PW Datasheet HTML 7Page - NXP Semiconductors 74HC40105PW Datasheet HTML 8Page - NXP Semiconductors 74HC40105PW Datasheet HTML 9Page - NXP Semiconductors 74HC40105PW Datasheet HTML 10Page - NXP Semiconductors 74HC40105PW Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
1998 Jan 23
7
Philips Semiconductors
Product specification
4-bit x 16-word FIFO register
74HC/HCT40105
DC CHARACTERISTICS FOR 74HC
For the DC characteristics see
“74HC/HCT/HCU/HCMOS Logic Family Specifications”.
Output capability: standard
ICC category: MSI
AC CHARACTERISTICS FOR 74HC
GND = 0 V; tf = tf = 6 ns; CL = 50 pF
SYMBOL PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HC
VCC
(V)
WAVEFORMS
+25
−40 to +85
−40 to +125
min. typ. max.
min. max.
min.
max.
tPHL/ tPLH
propagation delay
MR to DIR, DOR
52
175
220
265
ns
2.0 Fig.8
19
35
44
53
4.5
15
30
37
45
6.0
tPHL
propagation delay
SI to DIR
52
210
265
315
ns
2.0 Fig.6
19
42
53
63
4.5
15
36
45
54
6.0
tPHL
propagation delay
SO to DOR
55
210
265
315
ns
2.0 Fig.9
20
42
53
63
4.5
16
36
45
54
6.0
tPHL/ tPLH
propagation delay
SO to Qn
116
400
500
600
ns
2.0 Fig.14
42
80
100
120
4.5
34
68
85
102
6.0
tPLH
propagation delay/
ripple through delay
SI to DOR
564
2000
2500
3000
ns
2.0 Fig.10
205
400
500
600
4.5
165
340
425
510
6.0
tPLH
propagation delay/
bubble-up delay
SO to DIR
701
2500
3125
3750
ns
2.0 Fig.7
255
500
625
750
4.5
204
425
532
638
6.0
tPZH/ tPZL
3-state output enable time
OE to Qn
41
150
190
225
ns
2.0 Fig.16
15
30
38
45
4.5
12
26
33
38
6.0
tPHZ/ tPLZ
3-state output disable
time
OE to Qn
41
140
175
210
ns
2.0 Fig.16
15
28
35
42
4.5
12
24
30
36
6.0
tTHL/ tTLH
output transition time
19
75
95
110
ns
2.0 Fig.14
7
15
19
22
4.5
6
13
16
19
6.0
tW
SI pulse width
HIGH or LOW
80
19
100
120
ns
2.0 Fig.6
16
7
20
24
4.5
14
6
17
20
6.0


Similar Part No. - 74HC40105PW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC40102 PHILIPS-74HC40102 Datasheet
85Kb / 11P
   8-bit synchronous BCD down counter
December 1990
74HC40103 PHILIPS-74HC40103 Datasheet
136Kb / 17P
   8-bit synchronous binary down counter
1998 Jul 08
74HC40103 PHILIPS-74HC40103 Datasheet
144Kb / 25P
   8-bit synchronous binary down counter
Rev. 03-12 November 2004
logo
Nexperia B.V. All right...
74HC40103 NEXPERIA-74HC40103 Datasheet
836Kb / 23P
   8-bit synchronous binary down counter
Rev. 5 - 21 April 2016
logo
NXP Semiconductors
74HC40103D PHILIPS-74HC40103D Datasheet
136Kb / 17P
   8-bit synchronous binary down counter
1998 Jul 08
More results

Similar Description - 74HC40105PW

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC40105AP TOSHIBA-TC74HC40105AP Datasheet
467Kb / 11P
   4 Bit 횞 16 Word FIFO Register
logo
Texas Instruments
CD54HC40105 TI-CD54HC40105_07 Datasheet
461Kb / 21P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit x 16-Word FIFO Register
CD54HC40105 TI-CD54HC40105_08 Datasheet
602Kb / 22P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit x 16-Word FIFO Register
CD54HC40105 TI-CD54HC40105 Datasheet
318Kb / 19P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit x 16-Word FIFO Register
CD74HC40105 TI-CD74HC40105 Datasheet
82Kb / 14P
[Old version datasheet]   High Speed CMOS Logic 4-Bit x 16-Word FIFO Register
logo
NXP Semiconductors
74HC7403 PHILIPS-74HC7403 Datasheet
163Kb / 28P
   4-Bit x 64-word FIFO register; 3-state
September 1993
74HC7403-Q100 NXP-74HC7403-Q100 Datasheet
299Kb / 32P
   4-bit x 64-word FIFO register; 3-state
Rev. 1-21 September 2012
74HC7404 PHILIPS-74HC7404 Datasheet
131Kb / 28P
   5-Bit x 64-word FIFO register; 3-state
September 1993
logo
OKI electronic componet...
MS81V10160 OKI-MS81V10160 Datasheet
266Kb / 18P
   (664,320-word x 16-bit) FIFO memory
logo
NXP Semiconductors
74HC7030 PHILIPS-74HC7030 Datasheet
172Kb / 22P
   9-bit x 64-word FIFO register; 3-state
December 1990
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com