Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HCT4020N Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74HCT4020N
Description  14-stage binary ripple counter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT4020N Datasheet(HTML) 7 Page - NXP Semiconductors

  74HCT4020N Datasheet HTML 1Page - NXP Semiconductors 74HCT4020N Datasheet HTML 2Page - NXP Semiconductors 74HCT4020N Datasheet HTML 3Page - NXP Semiconductors 74HCT4020N Datasheet HTML 4Page - NXP Semiconductors 74HCT4020N Datasheet HTML 5Page - NXP Semiconductors 74HCT4020N Datasheet HTML 6Page - NXP Semiconductors 74HCT4020N Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
September 1993
7
Philips Semiconductors
Product specification
14-stage binary ripple counter
74HC/HCT4020
AC WAVEFORMS
PACKAGE OUTLINES
See
“74HC/HCT/HCU/HCMOS Logic Package Outlines”.
Fig.7
Waveforms showing the clock (CP) to output (Qn) propagation delays, the clock pulse width, the output
transition times and the maximum clock frequency.
(1) HC : VM = 50%; VI = GND to VCC.
HCT: VM = 1.3 V; VI = GND to 3 V.
Fig.8
Waveforms showing the master reset (MR) pulse width, the master reset to output (Qn) propagation delays
and the master reset to clock (CP) removal time.
(1) HC : VM = 50%; VI = GND to VCC.
HCT: VM = 1.3 V; VI = GND to 3 V.


Similar Part No. - 74HCT4020N

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74HCT4020 NEXPERIA-74HCT4020 Datasheet
277Kb / 16P
   14-stage binary ripple counter
Rev. 8 - 7 September 2021
74HCT4020-Q100 NEXPERIA-74HCT4020-Q100 Datasheet
272Kb / 16P
   14-stage binary ripple counter
Rev. 2 - 18 June 2020
74HCT4020BQ NEXPERIA-74HCT4020BQ Datasheet
277Kb / 16P
   14-stage binary ripple counter
Rev. 8 - 7 September 2021
74HCT4020BQ-Q100 NEXPERIA-74HCT4020BQ-Q100 Datasheet
781Kb / 18P
   14-stage binary ripple counter
74HCT4020BQ-Q100 NEXPERIA-74HCT4020BQ-Q100 Datasheet
272Kb / 16P
   14-stage binary ripple counter
Rev. 2 - 18 June 2020
More results

Similar Description - 74HCT4020N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC4020A ONSEMI-MC74HC4020A Datasheet
167Kb / 8P
   14-Stage Binary Ripple Counter
March, 2000 ??Rev. 2
logo
NXP Semiconductors
74LV4020 NXP-74LV4020 Datasheet
117Kb / 20P
   14-stage binary ripple counter
Rev. 01-29 November 2005
logo
Nexperia B.V. All right...
74HCT4020-Q100 NEXPERIA-74HCT4020-Q100 Datasheet
272Kb / 16P
   14-stage binary ripple counter
Rev. 2 - 18 June 2020
logo
Motorola, Inc
MC74AC4020 MOTOROLA-MC74AC4020 Datasheet
141Kb / 5P
   14-STAGE BINARY RIPPLE COUNTER
logo
ON Semiconductor
MC74HC4020A ONSEMI-MC74HC4020A_14 Datasheet
123Kb / 8P
   14-Stage Binary Ripple Counter
August, 2014 ??Rev. 8
logo
Nexperia B.V. All right...
74HC4020-Q100 NEXPERIA-74HC4020-Q100 Datasheet
781Kb / 18P
   14-stage binary ripple counter
74HCT4020 NEXPERIA-74HCT4020 Datasheet
277Kb / 16P
   14-stage binary ripple counter
Rev. 8 - 7 September 2021
logo
Toshiba Semiconductor
TC74VHC4020F TOSHIBA-TC74VHC4020F Datasheet
234Kb / 10P
   14-Stage Ripple Carry Binary Counter
logo
System Logic Semiconduc...
SL4020B SLS-SL4020B Datasheet
59Kb / 6P
   14 Stage Ripple-Carry Binary Counter/Divider
logo
STMicroelectronics
HCF4020B STMICROELECTRONICS-HCF4020B Datasheet
191Kb / 11P
   RIPPLE-CARRY BINARY COUNTER/DIVIDERS 14 STAGE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com