Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M68AW256MN55ZB6E Datasheet(PDF) 3 Page - STMicroelectronics

Part # M68AW256MN55ZB6E
Description  4 Mbit (256K x16) 3.0V Asynchronous SRAM
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M68AW256MN55ZB6E Datasheet(HTML) 3 Page - STMicroelectronics

  M68AW256MN55ZB6E Datasheet HTML 1Page - STMicroelectronics M68AW256MN55ZB6E Datasheet HTML 2Page - STMicroelectronics M68AW256MN55ZB6E Datasheet HTML 3Page - STMicroelectronics M68AW256MN55ZB6E Datasheet HTML 4Page - STMicroelectronics M68AW256MN55ZB6E Datasheet HTML 5Page - STMicroelectronics M68AW256MN55ZB6E Datasheet HTML 6Page - STMicroelectronics M68AW256MN55ZB6E Datasheet HTML 7Page - STMicroelectronics M68AW256MN55ZB6E Datasheet HTML 8Page - STMicroelectronics M68AW256MN55ZB6E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
3/23
M68AW256M
Table 12. TFBGA48 7x8mm - 6x8 ball array, 0.75 mm pitch, Package Mechanical Data. . . . . . . . 20
PART NUMBERING . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
Table 13. Ordering Information Scheme . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
REVISION HISTORY . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
Table 14. Document Revision History . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22


Similar Part No. - M68AW256MN55ZB6E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M68AW256DL STMICROELECTRONICS-M68AW256DL Datasheet
109Kb / 20P
   4 Mbit (256K x16) 3.0V Asynchronous SRAM
M68AW256DL55ND1T STMICROELECTRONICS-M68AW256DL55ND1T Datasheet
109Kb / 20P
   4 Mbit (256K x16) 3.0V Asynchronous SRAM
M68AW256DL55ND6T STMICROELECTRONICS-M68AW256DL55ND6T Datasheet
109Kb / 20P
   4 Mbit (256K x16) 3.0V Asynchronous SRAM
M68AW256DL55ZB1T STMICROELECTRONICS-M68AW256DL55ZB1T Datasheet
109Kb / 20P
   4 Mbit (256K x16) 3.0V Asynchronous SRAM
M68AW256DL55ZB6T STMICROELECTRONICS-M68AW256DL55ZB6T Datasheet
109Kb / 20P
   4 Mbit (256K x16) 3.0V Asynchronous SRAM
More results

Similar Description - M68AW256MN55ZB6E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M68AW256DL STMICROELECTRONICS-M68AW256DL Datasheet
109Kb / 20P
   4 Mbit (256K x16) 3.0V Asynchronous SRAM
M68AW064F STMICROELECTRONICS-M68AW064F Datasheet
265Kb / 18P
   1 Mbit 64K x16 3.0V Asynchronous SRAM
M68AW128M STMICROELECTRONICS-M68AW128M Datasheet
335Kb / 22P
   2 Mbit (128K x16) 3.0V Asynchronous SRAM
M68AW128ML STMICROELECTRONICS-M68AW128ML Datasheet
111Kb / 20P
   2 Mbit (128K x16) 3.0V Asynchronous SRAM
May 2002
M68AW512D STMICROELECTRONICS-M68AW512D Datasheet
124Kb / 18P
   8 Mbit 512K x16 3.0V Asynchronous SRAM
M68AW512M STMICROELECTRONICS-M68AW512M Datasheet
296Kb / 19P
   8 Mbit (512K x16) 3.0V Asynchronous SRAM
M68AW511A STMICROELECTRONICS-M68AW511A Datasheet
134Kb / 21P
   4 Mbit (512K x8) 3.0V Asynchronous SRAM
M68AR024D STMICROELECTRONICS-M68AR024D Datasheet
145Kb / 19P
   16 Mbit 1M x16 1.8V Asynchronous SRAM
M68AR128M STMICROELECTRONICS-M68AR128M Datasheet
122Kb / 18P
   2 Mbit (128K x16) 1.8V Asynchronous SRAM
M68AR512D STMICROELECTRONICS-M68AR512D Datasheet
140Kb / 19P
   8 Mbit 512K x16 1.8V Asynchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com