Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC100ES60T22 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MC100ES60T22
Description  3.3 V Dual LVTTL/LVCMOS to Differential LVPECL Translator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC100ES60T22 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MC100ES60T22 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC100ES60T22 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC100ES60T22 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC100ES60T22 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC100ES60T22 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC100ES60T22 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC100ES60T22 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC100ES60T22 Datasheet HTML 8Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Advanced Clock Drivers Devices
2
Freescale Semiconductor
MC100ES60T22
Table 1. General Specifications
Characteristics
Value
Internal Input Pulldown Resistor
75 k
Internal Input Pullup Resistor
75 k
ESD Protection
Human Body Model
Machine Model
> 2000 V
> 200 V
θ
JA Thermal Resistance (Junction-to-Ambient)
0 LFPM, 8 SOIC
500 LFPM, 8 SOIC
0 LFPM, 8 TSSOP
500 LFPM, 8 TSSOP
190°C/W
130°C/W
185°C/W
140°C/W
Meets or exceeds JEDEC Spec EIA/JESD78 IC Latchup Test
Table 2. Absolute Maximum Ratings(1)
1. Absolute maximum continuous ratings are those maximum values beyond which damage to the device may occur. Exposure to these
conditions or conditions beyond those indicated may adversely affect device reliability. Functional operation at absolute-maximum-rated
conditions is not implied.
Symbol
Rating
Conditions
Rating
Units
VSUPPLY
Power Supply Voltage
Difference between VCC & VEE
3.9
V
VIN
Input Voltage
VCC – VEE ≤ 3.6 V
VCC + 0.3
VEE – 0.3
V
V
Iout
Output Current
Continuous
Surge
50
100
mA
mA
TA
Operating Temperature Range
–40 to +85
°C
TSTG
Storage Temperature Range
–65 to +150
°C
Table 3. DC Characteristics (VCC = 3.135 V to 3.8 V; VEE = 0 V)
-40°C
0°C to 85°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Unit
VOH
(1)
1. Outputs are terminated through a 50
Ω resistor to V
CC – 2 volts.
Output HIGH Voltage
VCC – 1150 VCC – 1020
VCC – 800
VCC – 1200
VCC – 970
VCC – 750
mV
VOL
(1)
Output LOW Voltage
VCC – 1950 VCC – 1620 VCC – 1250 VCC – 2000 VCC – 1680 VCC – 1300
mV
Table 4. LVTTL / LVCMOS Input DC Characteristics (VCC = 3.135 V to 3.8 V)
-40°C
0°C to 85°C
Symbol
Characteristic
Condition
Min
Typ
Max
Min
Typ
Max
Unit
IIN
Input Current
VIN = VCC
±150
±150
µA
VIK
Input Clamp Voltage
IIN = –18 mA
–1.2
–1.2
V
VIH
Input HIGH Voltage
2.0
VCC+0.3
2.0
VCC+0.3
V
VIL
Input LOW Voltage
0.8
0.8
V


Similar Part No. - MC100ES60T22

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
MC100ES60T23 RENESAS-MC100ES60T23 Datasheet
628Kb / 9P
   3.3V Dual Differential LVPECL to LVTTL Translator
2019
MC100ES60T23EF RENESAS-MC100ES60T23EF Datasheet
628Kb / 9P
   3.3V Dual Differential LVPECL to LVTTL Translator
2019
MC100ES60T23EFR2 RENESAS-MC100ES60T23EFR2 Datasheet
628Kb / 9P
   3.3V Dual Differential LVPECL to LVTTL Translator
2019
More results

Similar Description - MC100ES60T22

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100LVELT20 ONSEMI-MC100LVELT20_16 Datasheet
135Kb / 6P
   3.3V LVTTL/LVCMOS to Differential LVPECL Translator
July, 2016 ??Rev. 1
MC100EPT22 ONSEMI-MC100EPT22_16 Datasheet
362Kb / 8P
   3.3 V Dual LVTTL/LVCMOS to Differential LVPECL Translator
August, 2016 ??Rev. 14
MC100EPT23 ONSEMI-MC100EPT23_16 Datasheet
163Kb / 8P
   3.3 V Dual Differential LVPECL/LVDS/CML to LVTTL/LVCMOS Translator
August, 2016 ??Rev. 19
MC100EPT22 ONSEMI-MC100EPT22 Datasheet
65Kb / 4P
   Dual LVTTL/LVCMOS to Differential LVPECL Translator
Sep, 1999 ??Rev. 2.0
logo
Texas Instruments
SN65LVELT22 TI-SN65LVELT22 Datasheet
417Kb / 10P
[Old version datasheet]   3.3 V Dual LVTTL to DIfferential LVPECL Translator
SN65LVELT22 TI-SN65LVELT22_10 Datasheet
432Kb / 11P
[Old version datasheet]   3.3 V Dual LVTTL to DIfferential LVPECL Translator
logo
ON Semiconductor
MC100LVELT22 ONSEMI-MC100LVELT22 Datasheet
57Kb / 3P
   Dual LVTTL/LVCMOS to Differential LVPECL Translator
1996 REV 0
MC10EPT20 ONSEMI-MC10EPT20_16 Datasheet
168Kb / 10P
   LVTTL/LVCMOS to Differential LVPECL Translator
August, 2016 ??Rev. 12
logo
Micrel Semiconductor
SY89322V MICREL-SY89322V Datasheet
44Kb / 5P
   LVTTL/LVCMOS-to-DIFFERENTIAL LVPECL TRANSLATOR
logo
ON Semiconductor
MC100LVELT22 ONSEMI-MC100LVELT22_16 Datasheet
150Kb / 7P
   3.3V Dual LVTTL/LVCMOS to Differential LVPECL Translator
July, 2016 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com