Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRKTF101-08HJ Datasheet(PDF) 2 Page - International Rectifier

Part # IRKTF101-08HJ
Description  FAST THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRKTF101-08HJ Datasheet(HTML) 2 Page - International Rectifier

  IRKTF101-08HJ Datasheet HTML 1Page - International Rectifier IRKTF101-08HJ Datasheet HTML 2Page - International Rectifier IRKTF101-08HJ Datasheet HTML 3Page - International Rectifier IRKTF101-08HJ Datasheet HTML 4Page - International Rectifier IRKTF101-08HJ Datasheet HTML 5Page - International Rectifier IRKTF101-08HJ Datasheet HTML 6Page - International Rectifier IRKTF101-08HJ Datasheet HTML 7Page - International Rectifier IRKTF101-08HJ Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
IRK.F102.. Series
2
Bulletin I27097 rev. A 09/97
www.irf.com
ELECTRICAL SPECIFICATIONS
Voltage Ratings
Voltage
V
RRM
/V
DRM
, maximum repetitive
V
RSM
, maximum non-
I
RRM
/I
DRM
max.
Type number
Code
peak reverse voltage
repetitive peak rev. voltage
@ T
J
= 125°C
VV
mA
08
800
800
12
1200
1200
I
T(AV)
Maximum average on-state current
105
A
180° conduction, half sine wave
@ Case temperature
90
°C
I
T(RMS)
Maximum RMS current
233
A
T
C
= 90°C, as AC switch
I
TSM
Maximum peak, one-cycle,
2850
A
t = 10ms
No voltage
non-repetitive surge current
3000
t = 8.3ms
reapplied
2400
t = 10ms
100% V
RRM
2500
t = 8.3ms
reapplied
Sinusoidal half wave,
I2t
Maximum I2t for fusing
40.8
KA2s
t = 10ms
No voltage
Initial T
J = 125°C
37.2
t = 8.3ms
reapplied
28.8
t = 10ms
100% V
RRM
26.3
t = 8.3ms
reapplied
I2
√t
Maximum I2
√t for fusing
408
KA2
√s t = 0 to 10ms, no voltage reapplied
VT(TO)1 Low level value of threshold voltage
1.12
V
(16.7% x
π x I
T(AV) < I < π x I T(AV)), TJ = TJ max.
VT(TO)2 High level value of threshold voltage
1.28
(I >
π x I
T(AV) ), TJ = TJ max.
rt1
Low level value of on-state slope resistance
2.43
mW
(16.7% x
π x I
T(AV) < I < π x I T(AV)), TJ = TJ max.
rt2
High level value of on-state slope resistance
2.00
(I >
π x I
T(AV)), TJ = TJ max.
V
TM
Maximum on-state voltage drop
1.97
V
I
pk
= 350A, T
J = TJ max., tp
= 10ms sine pulse
I
H
Maximum holding current
600
mA
T
J = 25°C, IT > 30 A
I
L
Typical latching current
1000
mA
T
J
= 25°C, V
A
= 12V, Ra = 6
Ω, Ig = 1A
Parameter
IRK.F102..
Units Conditions
On-state Conduction
Frequency f
Units
50Hz
210
340
320
500
1590
2210
A
400Hz
265
415
395
625
975
1390
A
2500Hz
180
280
320
490
390
570
A
5000Hz
145
230
260
380
260
380
A
10000Hz
110
175
190
275
-
-
A
Recovery voltage Vr
50
50
50
50
50
50
V
Voltage before turn-on Vd
80%V
DRM
80%V
DRM
80%V
DRM
V
Rise of on-state current di/dt
50
50
-
-
-
-
A/µ s
Case temperature
90
60
90
60
90
60
°C
Equivalent values for RC circuit
47
Ω / 0.22 µF
47
Ω / 0.22 µF
47
Ω/ 0.22 µF
I
TM
I
TM
180oel
100µs
I
TM
180oel
Current Carrying Capacity
IRK.F102.. Series
30


Similar Part No. - IRKTF101-08HJ

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRKTF101-08HJ IRF-IRKTF101-08HJ Datasheet
202Kb / 8P
   FAST THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKTF101-08HJN IRF-IRKTF101-08HJN Datasheet
202Kb / 8P
   FAST THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
More results

Similar Description - IRKTF101-08HJ

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRKTF112 IRF-IRKTF112 Datasheet
141Kb / 8P
   FAST THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKF102 IRF-IRKF102 Datasheet
202Kb / 8P
   FAST THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKTF72 IRF-IRKTF72 Datasheet
193Kb / 8P
   FAST THYRISTOR/DIODE and THYRISTOR/THYRISTOR
IRKTF82 IRF-IRKTF82 Datasheet
127Kb / 8P
   FAST THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
logo
Vishay Siliconix
VSKLF200-12HJ VISHAY-VSKLF200-12HJ Datasheet
1Mb / 12P
   Fast Thyristor/Diode and Thyristor
Revision: 19-Jul-10
logo
International Rectifier
IRKF132 IRF-IRKF132 Datasheet
139Kb / 8P
   FAST THYRISTOR/ DIODE and THYRISTOR
IRK.105 IRF-IRK.105 Datasheet
225Kb / 8P
   THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKH142-12 IRF-IRKH142-12 Datasheet
391Kb / 12P
   THYRISTOR/DIODE and THYRISTOR/THYRISTOR
logo
Vishay Siliconix
VS-VSK136PBF VISHAY-VS-VSK136PBF Datasheet
412Kb / 15P
   Thyristor/Diode and Thyristor/Thyristor
Revision: 11-Apr-14
logo
International Rectifier
IRKT91-14 IRF-IRKT91-14 Datasheet
240Kb / 10P
   THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com