Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS71501 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS71501
Description  50 mA, 24 V, 3.2U Supply Current Low-Dropout Linear Regulator in SC70 Package
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS71501 Datasheet(HTML) 1 Page - Texas Instruments

  TPS71501 Datasheet HTML 1Page - Texas Instruments TPS71501 Datasheet HTML 2Page - Texas Instruments TPS71501 Datasheet HTML 3Page - Texas Instruments TPS71501 Datasheet HTML 4Page - Texas Instruments TPS71501 Datasheet HTML 5Page - Texas Instruments TPS71501 Datasheet HTML 6Page - Texas Instruments TPS71501 Datasheet HTML 7Page - Texas Instruments TPS71501 Datasheet HTML 8Page - Texas Instruments TPS71501 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Actual Size
(2,15 mm x 2,3 mm)
www.ti.com
FEATURES
DESCRIPTION
APPLICATIONS
3
2
4
5
DCK PACKAGE
(TOP VIEW)
1
FB/NC
GND
NC
OUT
IN
TPS715xx
OUT
IN
MSP430
GND
Li+
0.47
µF
TPS71501
TPS71525, TPS71530
TPS71533, TPS71550
SLVS338I – MAY 2001 – REVISED JANUARY 2005
50 mA, 24 V, 3.2µA Supply Current
Low-Dropout Linear Regulator in SC70 Package
24-V Maximum Input Voltage
The TPS715xx low-dropout (LDO) voltage regulators
offer the benefits of high input voltage, low-dropout
Low 3.2-µA Quiescent Current at 50 mA
voltage, low-power operation, and miniaturized pack-
Stable With Any Capacitor (
≥ 0.47 µF)
aging. The devices, which operate over an input
50-mA Low-Dropout Regulator
range of 2.5 V to 24 V, are stable with any capacitor
Available in 2.5 V, 3.0 V, 3.3 V, 5.0 V, and
(
≥ 0.47 µF). The low dropout voltage and low
quiescent current allow operations at extremely low
Adjustable (1.2 V to 15 V)
power levels. Therefore, the devices are ideal for
Minimum/Maximum Specified Current Limit
powering battery management ICs. Specifically, since
5-Pin SC70/SOT-323 (DCK) Package
the devices are enabled as soon as the applied
voltage reaches the minimum input voltage, the
-40
°C to 125°C Specified Junction
output is quickly available to power continuously
Temperature Range
operating battery charging ICs.
The usual PNP pass transistor has been replaced by
Ultra Low Power Microcontrollers
a PMOS pass element. Because the PMOS pass
element behaves as a low-value resistor, the low
Cellular/Cordless Handsets
dropout voltage, typically 415 mV at 50 mA of load
Portable/Battery-Powered Equipment
current, is directly proportional to the load current.
The low quiescent current (3.2 µA typically) is stable
over the entire range of output load current (0 mA to
50 mA).
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2001–2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS71501

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS71501-EP TI1-TPS71501-EP Datasheet
467Kb / 14P
[Old version datasheet]   50-mA, 24-V, 3.2-mA SUPPLY CURRENT, LOW-DROPOUT LINEAR REGULATOR
TPS71501-Q1 TI-TPS71501-Q1 Datasheet
231Kb / 11P
[Old version datasheet]   50-mA, 24-V, 3.2-mA Supply Current Low-Dropout Linear Regulators
TPS71501-Q1 TI1-TPS71501-Q1 Datasheet
1Mb / 20P
[Old version datasheet]   Supply Current Low-Dropout Linear Regulators
TPS71501-Q1 TI-TPS71501-Q1 Datasheet
1Mb / 20P
[Old version datasheet]   TPS715xx-Q1 50-mA, 24-V, 3.2-μA Supply Current Low-Dropout Linear Regulators in SC70 Package
REVISED DECEMBER 2015
TPS71501-Q1 TI-TPS71501-Q1_15 Datasheet
811Kb / 16P
[Old version datasheet]   50-mA, 24-V, 3.2-關A Supply Current Low-Dropout Linear Regulators in SC70 Package
More results

Similar Description - TPS71501

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS715XX TI-TPS715XX Datasheet
373Kb / 14P
[Old version datasheet]   50 mA, 24 V, 3.2 mA Supply Current Low-Dropout Linear Regulator in SC70 Package
TPS715 TI1-TPS715_17 Datasheet
985Kb / 22P
[Old version datasheet]   50-mA, 24-V, 3.2-uA Supply Current Low-Dropout Linear Regulator in SC70 Package
TPS715 TI-TPS715_15 Datasheet
921Kb / 21P
[Old version datasheet]   TPS715 50-mA, 24-V, 3.2-關A Supply Current Low-Dropout Linear Regulator in SC70 Package
TPS71501-Q1 TI-TPS71501-Q1_15 Datasheet
811Kb / 16P
[Old version datasheet]   50-mA, 24-V, 3.2-關A Supply Current Low-Dropout Linear Regulators in SC70 Package
TPS71530-Q1 TI-TPS71530-Q1_15 Datasheet
811Kb / 16P
[Old version datasheet]   50-mA, 24-V, 3.2-關A Supply Current Low-Dropout Linear Regulators in SC70 Package
TPS71501-EP TI1-TPS71501-EP Datasheet
467Kb / 14P
[Old version datasheet]   50-mA, 24-V, 3.2-mA SUPPLY CURRENT, LOW-DROPOUT LINEAR REGULATOR
TPS71501-Q1 TI-TPS71501-Q1_V01 Datasheet
1Mb / 20P
[Old version datasheet]   TPS715xx-Q1 50-mA, 24-V, 3.2-μA Supply Current Low-Dropout Linear Regulators in SC70 Package
REVISED DECEMBER 2015
TPS715 TI-TPS715 Datasheet
294Kb / 14P
[Old version datasheet]   50 mA, 24 V, 3.2 uA Supply Current Low-Dropout Linear Regulator
TPS71501-Q1 TI-TPS71501-Q1 Datasheet
231Kb / 11P
[Old version datasheet]   50-mA, 24-V, 3.2-mA Supply Current Low-Dropout Linear Regulators
TPS715 TI1-TPS715_V03 Datasheet
3Mb / 32P
[Old version datasheet]   TPS715 50-mA, 24-V, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED DECEMBER 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com