Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS79501 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS79501
Description  ULTRALOW-NOISE, HIGH PSRR, FAST RF 500-mA LOW-DROPOUT LINEAR REGULATORS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS79501 Datasheet(HTML) 1 Page - Texas Instruments

  TPS79501 Datasheet HTML 1Page - Texas Instruments TPS79501 Datasheet HTML 2Page - Texas Instruments TPS79501 Datasheet HTML 3Page - Texas Instruments TPS79501 Datasheet HTML 4Page - Texas Instruments TPS79501 Datasheet HTML 5Page - Texas Instruments TPS79501 Datasheet HTML 6Page - Texas Instruments TPS79501 Datasheet HTML 7Page - Texas Instruments TPS79501 Datasheet HTML 8Page - Texas Instruments TPS79501 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
www.ti.com
FEATURES
DESCRIPTION
APPLICATIONS
Frequency (Hz)
1
2
3
4
5
DCQ PACKAGE
SOT223-6
(TOP VIEW)
NR/FB
OUT
GND
IN
EN
0
10
20
30
40
50
60
70
80
1
10
100
1 k
10 k
100 k 1 M
10 M
TPS79530
RIPPLE REJECTION
vs
FREQUENCY
VIN = 4 V
COUT = 10 µF
CNR = 0.01 µF
IOUT = 1 mA
IOUT = 500 mA
0
0.1
0.2
0.3
0.4
0.5
100
1 k
10 k
100 k
IOUT = 1 mA
VIN = 5.5 V
COUT = 2.2 µF
CNR = 0.1 µF
IOUT = 0.5 A
TPS79530
OUTPUT SPECTRAL NOISE DENSITY
vs
FREQUENCY
Frequency (Hz)
6
GND
TPS79501, TPS79516
TPS79518, TPS79525
TPS79530, TPS79533
SLVS350C – OCTOBER 2002 – REVISED JANUARY 2005
ULTRALOW-NOISE, HIGH PSRR, FAST RF 500-mA
LOW-DROPOUT LINEAR REGULATORS
500-mA Low-Dropout Regulator With Enable
The
TPS795xx
family
of
low-dropout
(LDO)
low-power linear voltage regulators features high
Available in 1.6-V, 1.8-V, 2.5-V, 3-V, 3.3-V, and
power-supply rejection ratio (PSRR), ultralow noise,
Adjustable (1.2-V to 5.5-V)
fast start-up, and excellent line and load transient
High PSRR (50 dB at 10 kHz)
responses in a small outline, SOT223-6, package.
Ultralow Noise (33 µVRMS, TPS79530)
Each device in the family is stable with a small 1-µF
ceramic capacitor on the output. The family uses an
Fast Start-Up Time (50 µs)
advanced, proprietary BiCMOS fabrication process to
Stable With a 1-µF Ceramic Capacitor
yield extremely low dropout voltages (for example,
Excellent Load/Line Transient Response
110 mV at 500 mA). Each device achieves fast
start-up times (approximately 50 µs with a 0.001-µF
Very Low Dropout Voltage (110 mV at Full
bypass capacitor) while consuming very low quiesc-
Load, TPS79530)
ent current (265 µA typical). Moreover, when the
6-Pin SOT223-6 Package
device is placed in standby mode, the supply current
is reduced to less than 1 µA. The TPS79530 exhibits
approximately 33 µVRMS of output voltage noise at
RF: VCOs, Receivers, ADCs
3.0 V output with a 0.1-µF bypass capacitor. Appli-
cations with analog components that are noise sensi-
Audio
tive, such as portable RF electronics, benefit from the
Bluetooth™, Wireless LAN
high PSRR and low noise features, as well as the fast
Cellular and Cordless Telephones
response time.
Handheld Organizers, PDAs
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Bluetooth is a trademark of Bluetooth SIG, Inc.
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2002–2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS79501

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS79501 TI1-TPS79501 Datasheet
1Mb / 12P
[Old version datasheet]   Power Management Solutions for Xilinx and Altera FPGAs
TPS79501-Q1 TI1-TPS79501-Q1 Datasheet
779Kb / 18P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 500-mA LOW-DROPOUT LINEAR REGULATORS
TPS79501DCQ TI-TPS79501DCQ Datasheet
1Mb / 23P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 500-mA LOW-DROPOUT LINEAR REGULATORS
TPS79501DCQ TI1-TPS79501DCQ Datasheet
1Mb / 33P
[Old version datasheet]   Ultralow-Noise, High-PSRR, Fast, RF, 500-mA Low-Dropout Linear Regulators
TPS79501DCQG4 TI-TPS79501DCQG4 Datasheet
1Mb / 23P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 500-mA LOW-DROPOUT LINEAR REGULATORS
More results

Similar Description - TPS79501

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS795XX TI-TPS795XX Datasheet
1Mb / 23P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 500-mA LOW-DROPOUT LINEAR REGULATORS
TPS795 TI1-TPS795_16 Datasheet
1Mb / 33P
[Old version datasheet]   Ultralow-Noise, High-PSRR, Fast, RF, 500-mA Low-Dropout Linear Regulators
TPS79501-Q1 TI1-TPS79501-Q1 Datasheet
779Kb / 18P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 500-mA LOW-DROPOUT LINEAR REGULATORS
TPS795 TI-TPS795_15 Datasheet
1Mb / 33P
[Old version datasheet]   TPS795 Ultralow-Noise, High-PSRR, Fast, RF, 500-mA Low-Dropout Linear Regulators
TPS79301-Q1 TI-TPS79301-Q1 Datasheet
308Kb / 16P
[Old version datasheet]   ULTRALOW-NOISE HIGH-PSRR FAST-RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79225 TI-TPS79225 Datasheet
134Kb / 13P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79301-EP TI1-TPS79301-EP_16 Datasheet
931Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79133-EP TI-TPS79133-EP Datasheet
1,010Kb / 23P
[Old version datasheet]   ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79147-EP TI-TPS79147-EP_15 Datasheet
1,010Kb / 23P
[Old version datasheet]   ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79101-EP TI1-TPS79101-EP_16 Datasheet
1,015Kb / 23P
[Old version datasheet]   ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com