Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM85C30-10BUA Datasheet(PDF) 6 Page - Advanced Micro Devices

Part # AM85C30-10BUA
Description  Enhanced Serial Communications Controller
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM85C30-10BUA Datasheet(HTML) 6 Page - Advanced Micro Devices

Back Button AM85C30-10BUA Datasheet HTML 2Page - Advanced Micro Devices AM85C30-10BUA Datasheet HTML 3Page - Advanced Micro Devices AM85C30-10BUA Datasheet HTML 4Page - Advanced Micro Devices AM85C30-10BUA Datasheet HTML 5Page - Advanced Micro Devices AM85C30-10BUA Datasheet HTML 6Page - Advanced Micro Devices AM85C30-10BUA Datasheet HTML 7Page - Advanced Micro Devices AM85C30-10BUA Datasheet HTML 8Page - Advanced Micro Devices AM85C30-10BUA Datasheet HTML 9Page - Advanced Micro Devices AM85C30-10BUA Datasheet HTML 10Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 68 page
background image
AMD
6
Am85C30
MILITARY ORDERING INFORMATION
APL Products
AMD products for Aerospace and Defense applications are available in several packages and operating ranges. APL (Approved
Products List) products are fully compliant with MIL-STD-883 requirements. The order number (Valid Combination) is formed by a
combination of:
AM85C30
B
U
LEAD FINISH
PACKAGE TYPE
U = 44-Pin Leadless Chip Carrier (CL 044)
Q = 40-Pin Ceramic DIP (CD 040)
DEVICE CLASS
/B = Class B
SPEED OPTION
-8 = 8.192 MHz
-10 = 10 MHz
-16 = 16.384 MHz
DEVICE NUMBER/DESCRIPTION
Am85C30
Enhanced Serial Communications Controller
Valid Combinations
Valid Combinations list configurations planned to
be supported in volume for this device. Consult
the local AMD sales office to confirm availability of
specific valid combinations and check on newly
released combinations.
Valid Combinations
BQA, BUA
A
A = Hot Solder Dip
-10
AM85C30-8
AM85C30-10
AM85C30-16


Similar Part No. - AM85C30-10BUA

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM85C30 AMD-AM85C30 Datasheet
797Kb / 194P
   Serial Communications Controller
More results

Similar Description - AM85C30-10BUA

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z8523L08VEG ZILOG-Z8523L08VEG Datasheet
1Mb / 118P
   Enhanced Serial Communications Controller
Z85230 ZILOG-Z85230 Datasheet
1Mb / 120P
   ENHANCED SERIAL COMMUNICATIONS CONTROLLER
Z8523020PSG ZILOG-Z8523020PSG Datasheet
1Mb / 118P
   Enhanced Serial Communications Controller
Z8523020VSG ZILOG-Z8523020VSG Datasheet
1Mb / 118P
   Enhanced Serial Communications Controller
Z8523016VEG ZILOG-Z8523016VEG Datasheet
1Mb / 118P
   Enhanced Serial Communications Controller
logo
Advanced Micro Devices
AM8530H AMD-AM8530H Datasheet
797Kb / 194P
   Serial Communications Controller
logo
Adlink Technology Inc.
CPCI-3534 ADLINK-CPCI-3534 Datasheet
207Kb / 1P
   Serial Communications Controller
CPCI-3544 ADLINK-CPCI-3544 Datasheet
168Kb / 1P
   Serial Communications Controller
logo
Zilog, Inc.
Z08030 ZILOG-Z08030 Datasheet
304Kb / 9P
   Serial Communications Controller
Z16C3510VSG ZILOG-Z16C3510VSG Datasheet
2Mb / 63P
   INTEGRATED SERIAL COMMUNICATIONS CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com