Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X40430V14I-A Datasheet(PDF) 7 Page - Xicor Inc.

Part # X40430V14I-A
Description  4kbit EEPROM, Triple Voltage Monitor with Integrated CPU Supervisor
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X40430V14I-A Datasheet(HTML) 7 Page - Xicor Inc.

Back Button X40430V14I-A Datasheet HTML 3Page - Xicor Inc. X40430V14I-A Datasheet HTML 4Page - Xicor Inc. X40430V14I-A Datasheet HTML 5Page - Xicor Inc. X40430V14I-A Datasheet HTML 6Page - Xicor Inc. X40430V14I-A Datasheet HTML 7Page - Xicor Inc. X40430V14I-A Datasheet HTML 8Page - Xicor Inc. X40430V14I-A Datasheet HTML 9Page - Xicor Inc. X40430V14I-A Datasheet HTML 10Page - Xicor Inc. X40430V14I-A Datasheet HTML 11Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
X40430/X40431 – Preliminary Information
Characteristics subject to change without notice.
7 of 24
REV 1.2.3 11/28/00
www.xicor.com
Figure 6. VTRIP Set/Reset Sequence (X = 1, 2, 3)
VTRIPX Programming
Apply VCC and Voltage
Decrease VX
Actual VTRIPX –
Desired VTRIPX
DONE
Set Higher VX Sequence
Error < -MDE
Error < | MDE |
YES
NO
Error > +MDE
Desired VTRIPX to VX
Desired
Present Value
VTRIPX
Note: X = 1, 2, 3
Execute
No
YES
Execute
VTRIP Reset Sequence
Execute
Set Higher VTRIP Sequence
New VX applied =
Old VX applied + Error
New VX applied =
Old VX applied - Error
Execute Reset VTRIPX
Sequence
Let: MDE = Maximum Desired Error
Output Switches?
Vx = VCC, V2MON, V3MON
WEL: Write Enable Latch (Volatile)
The WEL bit controls the access to the memory and to
the Register during a write operation. This bit is a vola-
tile latch that powers up in the LOW (disabled) state.
While the WEL bit is LOW, writes to any address,
including any control registers will be ignored (no
acknowledge will be issued after the Data Byte). The
WEL bit is set by writing a “1” to the WEL bit and
zeroes to the other bits of the control register.
Once set, WEL remains set until either it is reset to 0
(by writing a “0” to the WEL bit and zeroes to the other
bits of the control register) or until the part powers up
again. Writes to the WEL bit do not cause a high volt-
age write cycle, so the device is ready for the next
operation immediately after the stop condition.


Similar Part No. - X40430V14I-A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X40430V14I-A INTERSIL-X40430V14I-A Datasheet
381Kb / 24P
   Triple Voltage Monitor with Integrated CPU Supervisor
X40430V14I-A INTERSIL-X40430V14I-A Datasheet
405Kb / 26P
   Triple Voltage Monitor with Integrated CPU Supervisor
More results

Similar Description - X40430V14I-A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X40430 RENESAS-X40430 Datasheet
1,014Kb / 26P
   4Kbit EEPROM Triple Voltage Monitor with Integrated CPU Supervisor
May 24, 2006
X40410 RENESAS-X40410 Datasheet
914Kb / 24P
   4kbit EEPROM Dual Voltage Monitor with Integrated CPU Supervisor
March 28, 2005
logo
Intersil Corporation
X4043 INTERSIL-X4043_06 Datasheet
371Kb / 24P
   CPU Supervisor with 4kbit EEPROM
X4043 INTERSIL-X4043 Datasheet
373Kb / 24P
   CPU Supervisor with 4kbit EEPROM
X40430 INTERSIL-X40430_06 Datasheet
405Kb / 26P
   Triple Voltage Monitor with Integrated CPU Supervisor
X4043-45 INTERSIL-X4043-45 Datasheet
420Kb / 24P
   CPU Supervisor with 4kbit EEPROM
December 9, 2015
logo
Renesas Technology Corp
X40030 RENESAS-X40030 Datasheet
917Kb / 23P
   Triple Voltage Monitor with Integrated CPU Supervisor
logo
Intersil Corporation
X40430 INTERSIL-X40430 Datasheet
381Kb / 24P
   Triple Voltage Monitor with Integrated CPU Supervisor
X40030 INTERSIL-X40030_13 Datasheet
344Kb / 23P
   Triple Voltage Monitor with Integrated CPU Supervisor
X40030 INTERSIL-X40030_06 Datasheet
354Kb / 24P
   Triple Voltage Monitor with Integrated CPU Supervisor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com