Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AND8048 Datasheet(PDF) 2 Page - ON Semiconductor

Part # AND8048
Description  Dual P-Channel 1.8 V (G-S) MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AND8048 Datasheet(HTML) 2 Page - ON Semiconductor

  AND8048 Datasheet HTML 1Page - ON Semiconductor AND8048 Datasheet HTML 2Page - ON Semiconductor AND8048 Datasheet HTML 3Page - ON Semiconductor AND8048 Datasheet HTML 4Page - ON Semiconductor AND8048 Datasheet HTML 5Page - ON Semiconductor AND8048 Datasheet HTML 6Page - ON Semiconductor AND8048 Datasheet HTML 7Page - ON Semiconductor AND8048 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
AND8048/D
http://onsemi.com
2
MODEL EVALUATION
P–CHANNEL DEVICE (TJ = 25°C unless otherwise noted)
Characteristic
Symbol
Test Conditions
Typical
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = –250 mA
0.83
V
On–State Drain Current (Note 1.)
ID(on)
VDS  –5.0 V, VGS = 4.5 V
36
A
Drain–Source On–State Resistance (Note 1.)
rDS(on)
VGS = –4.5 V, ID = –3.0 A
VGS = –2.5 V, ID = –2.5 A
VGS = –1.8 V, ID = –1.0 A
0.080
0.110
0.142
W
Forward Transconductance (Note 1.)
gfs
VDS = 5.0 V, ID = 3.0 A
7.6
S
Diode Forward Voltage (Note 1.)
VSD
IS = –0.9 A, VGS = 0.0 V
–0.80
V
Dynamic (Note 2.)
Total Gate Charge
Qg
35
Gate–Source Charge
Qgs
VDS = –4.0 V, VGS = –4.5 V, ID = –3.0 A
0.5
nC
Gate–Drain Charge
Qgd
1.5
Turn–On Delay Time
td(on)
13
Rise Time
tr
VDD = –4.0 V, RL = 4.0 W, ID ^ –1.0 A,
19
Turn–Off Delay Time
td(off)
VGEN = –4.5 V, RG = 6.0 W
24
ns
Fall Time
tf
12
Source–Drain Reverse Recovery Time
trr
IF = –0.9 A, di/dt = 100 A/ms
28
1. Pulse test: pulse width
 300 ms, duty cycle  2%.
2. Guaranteed by design, not subject to production testing.


Similar Part No. - AND8048

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AND8044 ONSEMI-AND8044 Datasheet
41Kb / 4P
   Single-Channel 1206A ChipFET TM Power MOSFET Recommended Pad Pattern and Thermal Performance
February, 2001 ??Rev.0
AND8044/D ONSEMI-AND8044/D Datasheet
41Kb / 4P
   Single-Channel 1206A ChipFET TM Power MOSFET Recommended Pad Pattern and Thermal Performance
February, 2001 ??Rev.0
More results

Similar Description - AND8048

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI6973DQ VISHAY-SI6973DQ Datasheet
66Kb / 4P
   Dual P-Channel 1.8-V (G-S) MOSFET
Rev. A, 22-May-00
SI4965DY VISHAY-SI4965DY Datasheet
62Kb / 4P
   Dual P-Channel 1.8-V (G-S) MOSFET
Rev. B, 13-Oct-03
SI4967DY VISHAY-SI4967DY Datasheet
62Kb / 4P
   Dual P-Channel 1.8-V (G-S) MOSFET
Rev. C, 13-Oct-03
SI5935DC VISHAY-SI5935DC Datasheet
73Kb / 5P
   Dual P-Channel 1.8-V (G-S) MOSFET
Rev. A, 16-Jun-03
SI5935DC-T1-E3 VISHAY-SI5935DC-T1-E3 Datasheet
233Kb / 10P
   Dual P-Channel 1.8 V (G-S) MOSFET
Rev. C, 19-Apr-10
logo
Guangdong Kexin Industr...
KI5935DC KEXIN-KI5935DC Datasheet
66Kb / 2P
   Dual P-Channel 1.8-V (G-S) MOSFET
logo
Vishay Siliconix
SI6967DQ-T1-E3 VISHAY-SI6967DQ-T1-E3 Datasheet
216Kb / 10P
   Dual P-Channel 1.8-V (G-S) MOSFET
Rev. D, 02-Jun-08
SI4967DY VISHAY-SI4967DY_V01 Datasheet
103Kb / 5P
   Dual P-Channel 1.8-V (G-S) MOSFET
01-Jan-2022
SI5905DC VISHAY-SI5905DC_V01 Datasheet
112Kb / 5P
   Dual P-Channel 1.8 V (G-S) MOSFET
SI1905DL VISHAY-SI1905DL Datasheet
57Kb / 4P
   Dual P-Channel 1.8-V (G-S) MOSFET
Rev. A, 01-Nov-99
SI1907DL VISHAY-SI1907DL Datasheet
202Kb / 3P
   Dual P-Channel 1.8-V (G-S) MOSFET
Rev. B, 28-Feb-05
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com