Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HCT4040PW Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74HCT4040PW
Description  12-stage binary ripple counter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT4040PW Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74HCT4040PW Datasheet HTML 2Page - NXP Semiconductors 74HCT4040PW Datasheet HTML 3Page - NXP Semiconductors 74HCT4040PW Datasheet HTML 4Page - NXP Semiconductors 74HCT4040PW Datasheet HTML 5Page - NXP Semiconductors 74HCT4040PW Datasheet HTML 6Page - NXP Semiconductors 74HCT4040PW Datasheet HTML 7Page - NXP Semiconductors 74HCT4040PW Datasheet HTML 8Page - NXP Semiconductors 74HCT4040PW Datasheet HTML 9Page - NXP Semiconductors 74HCT4040PW Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
74HC_HCT4040_3
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 — 14 September 2005
6 of 24
Philips Semiconductors
74HC4040; 74HCT4040
12-stage binary ripple counter
8.2 Timing diagram
9.
Limiting values
[1]
For DIP16 packages: above 70
°C, P
tot derates linearly with 12 mW/K.
For SO16, SSOP16, TSSOP16 and DHVQFN16 packages, above 70
°C, Ptot derates linearly with 8 mW/K.
Fig 7.
Timing diagram
001aad587
1
2
4
8
16
32
64
128
256
512 1024 2048 4096
CP input
MR input
Q0
Q1
Q2
Q3
Q4
Q5
Q6
Q7
Q8
Q9
Q10
Q11
Table 5:
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
−0.5
+7
V
IIK
input diode current
VI < −0.5 V or VI > VCC + 0.5 V
-
±20
mA
IOK
output diode current
VI < −0.5 V or VI > VCC + 0.5 V
-
±20
mA
IO
output source or sink current
−0.5 V < VO < VCC + 0.5 V
-
±25
mA
ICC
quiescent supply current
-
±50
mA
IGND
ground current
-
±50
mA
Tstg
storage temperature
−65
+150
°C
Ptot
power dissipation
Tamb = −40 °C to +125 °C
[1]
DIP16 package
-
750
mW
SO16, SSOP16, TSSOP16 and
DHVQFN16 packages
-
500
mW


Similar Part No. - 74HCT4040PW

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74HCT4040PW NEXPERIA-74HCT4040PW Datasheet
275Kb / 16P
   12-stage binary ripple counter
Rev. 7 - 26 May 2021
74HCT4040PW-Q100 NEXPERIA-74HCT4040PW-Q100 Datasheet
762Kb / 19P
   12-stage binary ripple counter
More results

Similar Description - 74HCT4040PW

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC4040A ONSEMI-MC74HC4040A Datasheet
170Kb / 8P
   12-Stage Binary Ripple Counter
May, 2000 ??Rev. 3
logo
Integral Corp.
IW4040B INTEGRAL-IW4040B Datasheet
59Kb / 7P
   12-Stage Binary Ripple Counter
logo
Motorola, Inc
MC74AC4040 MOTOROLA-MC74AC4040 Datasheet
136Kb / 5P
   12-STAGE BINARY RIPPLE COUNTER
logo
Nexperia B.V. All right...
HEF4040B-Q100 NEXPERIA-HEF4040B-Q100 Datasheet
680Kb / 13P
   12-stage binary ripple counter
74HC4040-Q100 NEXPERIA-74HC4040-Q100 Datasheet
762Kb / 19P
   12-stage binary ripple counter
74HCT4040 NEXPERIA-74HCT4040 Datasheet
275Kb / 16P
   12-stage binary ripple counter
Rev. 7 - 26 May 2021
logo
NXP Semiconductors
74LV4040 PHILIPS-74LV4040 Datasheet
133Kb / 14P
   12-stage binary ripple counter
1998 Jun 23
logo
ON Semiconductor
MC74AC4040 ONSEMI-MC74AC4040_15 Datasheet
73Kb / 6P
   12-Stage Binary Ripple Counter
March, 2015 ??Rev. 8
MC74HC4040A ONSEMI-MC74HC4040A_14 Datasheet
123Kb / 8P
   12-Stage Binary Ripple Counter
August, 2014 ??Rev. 9
logo
Nexperia B.V. All right...
HEF4040B NEXPERIA-HEF4040B Datasheet
211Kb / 11P
   12-stage binary ripple counter
Rev. 10 - 7 December 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com