Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMC6821SDBQ Datasheet(PDF) 6 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # AMC6821SDBQ
Description  Analog Monitor and Control Circuit
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

AMC6821SDBQ Datasheet(HTML) 6 Page - Burr-Brown (TI)

Back Button AMC6821SDBQ Datasheet HTML 2Page - Burr-Brown (TI) AMC6821SDBQ Datasheet HTML 3Page - Burr-Brown (TI) AMC6821SDBQ Datasheet HTML 4Page - Burr-Brown (TI) AMC6821SDBQ Datasheet HTML 5Page - Burr-Brown (TI) AMC6821SDBQ Datasheet HTML 6Page - Burr-Brown (TI) AMC6821SDBQ Datasheet HTML 7Page - Burr-Brown (TI) AMC6821SDBQ Datasheet HTML 8Page - Burr-Brown (TI) AMC6821SDBQ Datasheet HTML 9Page - Burr-Brown (TI) AMC6821SDBQ Datasheet HTML 10Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 47 page
background image
www.ti.com
SMBUS INTERFACE
Communication Protocols
AMC6821
SBAS386A – MAY 2006 – REVISED MAY 2006
The AMC6821 communicates through the serial system management bus (SMBus). The AMC6821 is connected
to this bus as a slave device, under the control of a bus master. The AMC6821 has a 7-bit serial bus address,
which is programmable by properly connecting the address pins A0 and A1. Table 1 shows the selection of the
AMC6821 slave address.
Table 1. AMC6821 Address Select
A0
A1
ADDRESS
GND
GND
0011000
NC(1)
GND
0011010
VD
GND
0011001
GND
NC
0101100
NC
NC
0101110
VD
NC
0101101
GND
VD
1001100
NC
VD
1001110
VD
VD
1001101
(1)
NC = No connection.
The AMC6821 employs four standard SMBus protocols: the send byte, receive byte, write byte, and read byte.
All other operations result in undefined results.
Send Byte
S
SLAVE ADDRESS
WR
ACK
COMMAND
ACK
P
7-bit AMC6821 slave address
8-bit register address
S = start condition; P = stop condition; shaded = slave to master; unshaded = master to slave; WR = write (bit value of 0).
Receive Byte
S
SLAVE ADDRESS
RD
ACK
DATA
NACK
P
8-bit data from the register selected
7-bit AMC6821 slave address
previously
S = start condition; P = stop condition; shaded = slave to master; unshaded = master to slave; RD = read (bit value of 1); NACK = not acknowledged.
Write Byte
S
SLAVE ADDRESS
WR
ACK
COMMAND
ACK
DATA
ACK
P
7-bit AMC6821 slave address
8-bit register address
8-bit data written to register
S = start condition; P = stop condition; shaded = slave to master; unshaded = master to slave; WR = write (bit value of 0).
6
Submit Documentation Feedback


Similar Part No. - AMC6821SDBQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC6821SDBQ TI-AMC6821SDBQ Datasheet
1,023Kb / 54P
[Old version datasheet]   Intelligent Temperature Monitor and PWM Fan Controller
AMC6821SDBQ TI-AMC6821SDBQ Datasheet
1Mb / 56P
[Old version datasheet]   Intelligent Temperature Monitor and PWM Fan Controller
AMC6821SDBQG4 TI-AMC6821SDBQG4 Datasheet
1Mb / 56P
[Old version datasheet]   Intelligent Temperature Monitor and PWM Fan Controller
AMC6821SDBQR TI-AMC6821SDBQR Datasheet
1Mb / 56P
[Old version datasheet]   Intelligent Temperature Monitor and PWM Fan Controller
AMC6821SDBQRG4 TI-AMC6821SDBQRG4 Datasheet
1Mb / 56P
[Old version datasheet]   Intelligent Temperature Monitor and PWM Fan Controller
More results

Similar Description - AMC6821SDBQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC7823 TI-AMC7823 Datasheet
1Mb / 48P
[Old version datasheet]   ANALOG MONITORING AND CONTROL CIRCUIT
AMC7823 TI-AMC7823_15 Datasheet
1Mb / 55P
[Old version datasheet]   ANALOG MONITORING AND CONTROL CIRCUIT
AMC7891 TI1-AMC7891 Datasheet
934Kb / 41P
[Old version datasheet]   Analog Monitor and Control Circuit with 10-Bit, Multi-Channel ADC and Four DACs, Temperature Sensor, and 12 GPIOs
AMC7891 TI1-AMC7891_14 Datasheet
1Mb / 42P
[Old version datasheet]   Analog Monitor and Control Circuit with 10-Bit, Multi-Channel ADC and Four DACs, Temperature Sensor, and 12 GPIOs
LMP92001 TI1-LMP92001 Datasheet
1Mb / 35P
[Old version datasheet]   Analog System Monitor and Controller
AMC7891 TI-AMC7891_15 Datasheet
1Mb / 41P
[Old version datasheet]   Analog Monitor and Control Circuit with 10-Bit, Multi-Channel ADC and Four DACs, Temperature Sensor, and 12 GPIOs
LMP92018 TI1-LMP92018 Datasheet
1Mb / 34P
[Old version datasheet]   Analog System Monitor and Controller
logo
Mean Well Enterprises C...
RCP-MU MEANWELL-RCP-MU_11 Datasheet
315Kb / 3P
   Power Control and Monitor System
RCP-MU MEANWELL-RCP-MU Datasheet
313Kb / 3P
   Power Control and Monitor System
logo
Maxim Integrated Produc...
MAX1978EVKIT MAXIM-MAX1978EVKIT Datasheet
310Kb / 12P
   Overtemperature, Undertemperature, and Analog Temperature Monitor
Rev 0A; 12/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com