Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

07CY-60T033 Datasheet(PDF) 4 Page - Bel Fuse Inc.

Part # 07CY-60T033
Description  ISOLATED DC/DC CONVERTERS 48V Input 3.3V/15A, 5V/12A, 12V/5A Output, 1/8 Brick
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

07CY-60T033 Datasheet(HTML) 4 Page - Bel Fuse Inc.

  07CY-60T033 Datasheet HTML 1Page - Bel Fuse Inc. 07CY-60T033 Datasheet HTML 2Page - Bel Fuse Inc. 07CY-60T033 Datasheet HTML 3Page - Bel Fuse Inc. 07CY-60T033 Datasheet HTML 4Page - Bel Fuse Inc. 07CY-60T033 Datasheet HTML 5Page - Bel Fuse Inc. 07CY-60T033 Datasheet HTML 6Page - Bel Fuse Inc. 07CY-60T033 Datasheet HTML 7Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Bel Fuse Inc.
206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
ISOLATED DC/DC CONVERTERS
48V Input 3.3V/15A, 5V/12A, 12V/5A Output, 1/8 Brick
Output Trim Equations
Equations for calculating the trim resistor (in kΩ) are shown below. The Trim Down resistor should be connected
between the Trim pin and Ground pin. The Trim Up resistor should be connected between the Trim pin and the
Vout. Only one of the resistors should be used for any given application.
Notes:
Vo_req=Desired (trimmed) output voltage [V]
Output voltage Vo=3.308V for 3.3V output; Vo=5.002V for 5.0V; Vo=12.007V for 12V output
22
.
10
511 −
=
delta
Rtrimdown
()
[]
%
100
_
×
=
Vo
Vo
req
Vo
delta
Module
Vout
Trim
GND
Rtrimdown
Module
Vout
Trim
GND
Rtrimup
22
.
10
225
.
1
626
11
.
5
)
100
(
+
=
delta
Vo
delta
Rtrimup


Similar Part No. - 07CY-60T033

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
07CY-85T BEL-07CY-85T Datasheet
153Kb / 6P
   ISOLATED DC/DC CONVERTERS 48V Input 3.3V/25A, 5V/20A, 12V/8.33A Output, 1/8 Brick
07CY-85T033 BEL-07CY-85T033 Datasheet
153Kb / 6P
   ISOLATED DC/DC CONVERTERS 48V Input 3.3V/25A, 5V/20A, 12V/8.33A Output, 1/8 Brick
07CY-85T03L BEL-07CY-85T03L Datasheet
153Kb / 6P
   ISOLATED DC/DC CONVERTERS 48V Input 3.3V/25A, 5V/20A, 12V/8.33A Output, 1/8 Brick
07CY-85T050 BEL-07CY-85T050 Datasheet
153Kb / 6P
   ISOLATED DC/DC CONVERTERS 48V Input 3.3V/25A, 5V/20A, 12V/8.33A Output, 1/8 Brick
07CY-85T05L BEL-07CY-85T05L Datasheet
153Kb / 6P
   ISOLATED DC/DC CONVERTERS 48V Input 3.3V/25A, 5V/20A, 12V/8.33A Output, 1/8 Brick
More results

Similar Description - 07CY-60T033

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
07CY-85T BEL-07CY-85T Datasheet
153Kb / 6P
   ISOLATED DC/DC CONVERTERS 48V Input 3.3V/25A, 5V/20A, 12V/8.33A Output, 1/8 Brick
07CR-15T BEL-07CR-15T Datasheet
125Kb / 5P
   ISOLATED DC/DC CONVERTERS 48V Input 8V/15A Output, 1/8 Brick
07LC-25T BEL-07LC-25T Datasheet
150Kb / 7P
   ISOLATED DC/DC CONVERTERS 48V Input 3.3V/7A or 5V/5A or 12V/2.5A Output
07HB-D0T BEL-07HB-D0T Datasheet
134Kb / 5P
   ISOLATED DC/DC CONVERTERS 48V Input 3.3V/60A, 5V/40A, 12V/17A Output
07QB-C5T BEL-07QB-C5T Datasheet
196Kb / 8P
   ISOLATED DC/DC CONVERTERS 48V Input 12V/12A, 3.3V/45A, 5V/30A, 1.2V-2.5V/50A Outputs
S7DB-12B BEL-S7DB-12B Datasheet
209Kb / 13P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 12A
S7AH-05B BEL-S7AH-05B Datasheet
182Kb / 15P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 5A
V7PD-15B BEL-V7PD-15B Datasheet
245Kb / 14P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 15A
VRPD-15B BEL-VRPD-15B Datasheet
252Kb / 14P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 15A
SRAH-05B BEL-SRAH-05B Datasheet
190Kb / 15P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 5A
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com