Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HCT4351 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74HCT4351
Description  8-channel analog multiplexer/demultiplexer with latch
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT4351 Datasheet(HTML) 3 Page - NXP Semiconductors

  74HCT4351 Datasheet HTML 1Page - NXP Semiconductors 74HCT4351 Datasheet HTML 2Page - NXP Semiconductors 74HCT4351 Datasheet HTML 3Page - NXP Semiconductors 74HCT4351 Datasheet HTML 4Page - NXP Semiconductors 74HCT4351 Datasheet HTML 5Page - NXP Semiconductors 74HCT4351 Datasheet HTML 6Page - NXP Semiconductors 74HCT4351 Datasheet HTML 7Page - NXP Semiconductors 74HCT4351 Datasheet HTML 8Page - NXP Semiconductors 74HCT4351 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
December 1990
3
Philips Semiconductors
Product specification
8-channel analog multiplexer/demultiplexer
with latch
74HC/HCT4351
PIN DESCRIPTION
PIN NO.
SYMBOL
NAME AND FUNCTION
4
Z
common
3, 14
n.c.
not connected
7
E1
enable input (active LOW)
8E2
enable input (active HIGH)
9VEE
negative supply voltage
10
GND
ground (0 V)
11
LE
latch enable input (active LOW)
15, 13, 12
S0 to S2
select inputs
17, 18, 19, 16, 1, 6, 2, 5
Y0 to Y7
independent inputs/outputs
20
VCC
positive supply voltage
Fig.1 Pin configuration.
Fig.2
Fig.3 IEC logic symbol.


Similar Part No. - 74HCT4351

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCT4351 NXP-74HCT4351 Datasheet
116Kb / 17P
   8-channel analog multiplexer/demultiplexer with latch
December 1990
logo
Nexperia B.V. All right...
74HCT4351 NEXPERIA-74HCT4351 Datasheet
347Kb / 23P
   8-channel analog multiplexer/demultiplexer with latch
Rev. 4 - 4 August 2021
74HCT4351D NEXPERIA-74HCT4351D Datasheet
347Kb / 23P
   8-channel analog multiplexer/demultiplexer with latch
Rev. 4 - 4 August 2021
More results

Similar Description - 74HCT4351

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC4351D-T NXP-74HC4351D-T Datasheet
116Kb / 17P
   8-channel analog multiplexer/demultiplexer with latch
December 1990
74HC_HCT4351_CNV PHILIPS-74HC_HCT4351_CNV_15 Datasheet
129Kb / 17P
   8-channel analog multiplexer/demultiplexer with latch
December 1990
logo
Nexperia B.V. All right...
74HCT4351 NEXPERIA-74HCT4351 Datasheet
347Kb / 23P
   8-channel analog multiplexer/demultiplexer with latch
Rev. 4 - 4 August 2021
logo
STMicroelectronics
M74HC4351 STMICROELECTRONICS-M74HC4351 Datasheet
216Kb / 12P
   ANALOG MULTIPLEXER/DEMULTIPLEXER WITH ADDRESS LATCH : SINGLE 8 CHANNEL
logo
NXP Semiconductors
74HC4353 PHILIPS-74HC4353 Datasheet
136Kb / 16P
   Triple 2-channel analog multiplexer/demultiplexer with latch
December 1990
logo
Toshiba Semiconductor
TC7MZ4051FK TOSHIBA-TC7MZ4051FK_07 Datasheet
236Kb / 11P
   8-Channel Analog Multiplexer/Demultiplexer
logo
Texas Instruments
SN74LV4051A-EP TI1-SN74LV4051A-EP Datasheet
490Kb / 13P
[Old version datasheet]    8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
NXP Semiconductors
74HCT4051PW-118 PHILIPS-74HCT4051PW-118 Datasheet
222Kb / 31P
   8-channel analog multiplexer/demultiplexer
Rev. 7-19 July 2012
74HC_HCT4051 PHILIPS-74HC_HCT4051_15 Datasheet
222Kb / 31P
   8-channel analog multiplexer/demultiplexer
Rev. 7-19 July 2012
logo
Unisonic Technologies
U74HC4051 UTC-U74HC4051_18 Datasheet
256Kb / 9P
   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com