Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

07QB-C5TV80 Datasheet(PDF) 4 Page - Bel Fuse Inc.

Part # 07QB-C5TV80
Description  ISOLATED DC/DC CONVERTERS 48V Input 12V/12A, 3.3V/45A, 5V/30A, 1.2V-2.5V/50A Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

07QB-C5TV80 Datasheet(HTML) 4 Page - Bel Fuse Inc.

  07QB-C5TV80 Datasheet HTML 1Page - Bel Fuse Inc. 07QB-C5TV80 Datasheet HTML 2Page - Bel Fuse Inc. 07QB-C5TV80 Datasheet HTML 3Page - Bel Fuse Inc. 07QB-C5TV80 Datasheet HTML 4Page - Bel Fuse Inc. 07QB-C5TV80 Datasheet HTML 5Page - Bel Fuse Inc. 07QB-C5TV80 Datasheet HTML 6Page - Bel Fuse Inc. 07QB-C5TV80 Datasheet HTML 7Page - Bel Fuse Inc. 07QB-C5TV80 Datasheet HTML 8Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Bel Fuse Inc.
206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
ISOLATED DC/DC CONVERTERS
48V Input 12V/12A, 3.3V/45A, 5V/30A, 1.2V-2.5V/50A Outputs
General Specifications
Parameter
Min
Typ
Max
Notes
Efficiency
VO=12V
VO=5.0V
VO=3.3V
VO=2.5V
VO=1.8V
VO=1.5V
VO=1.2V
90%
88%
88%
86%
84%
82%
80%
93%
91%
91%
89%
87%
85%
83%
-
-
-
-
-
-
-
Vin=48V, full load , Ta=25
°C
Switching Frequency
280KHz
330KHz
380KHz
Isolation capacitance
-
1500pF
-
Output Voltage Trim Range
80%Vo
-
110%Vo
Over Temperature Protection
-
125
°C
-
Over Voltage Protection
115%Vo
122%Vo
127%Vo
MTBF
TBD
Calculated Per Bell Core TR-332 (IO =
Nominal; Ta = 25
°C)
Dimensions
Inches
millimeters
2.30 x 1.45 x 0.395
58.42 x 36.83 x 10.03
Weight
-
41g
-
Control Specifications
Parameter
Min
Typ
Max
Notes
Remote On/Off
Signal Low (Unit On)
-0.3V
-
0.8V
Signal High (Unit Off)
Active Low
2.4V
-
18V
07QB-C5TxxL. The remote
on/off pin open, Unit off.
Signal Low (Unit Off)
-0.3V
-
0.8V
Signal High (Unit On)
Active High
2.4V
-
18V
07QB-C5Txx0. The remote
on/off pin open, Unit on.
Current Sink
0mA
-
0.75mA


Similar Description - 07QB-C5TV80

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
S7DB-12C BEL-S7DB-12C Datasheet
168Kb / 13P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 1.2V - 2.5V Output / 12A
S7DB-12B BEL-S7DB-12B Datasheet
209Kb / 13P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 12A
07CY-60T BEL-07CY-60T Datasheet
192Kb / 7P
   ISOLATED DC/DC CONVERTERS 48V Input 3.3V/15A, 5V/12A, 12V/5A Output, 1/8 Brick
07HB-D0T BEL-07HB-D0T Datasheet
134Kb / 5P
   ISOLATED DC/DC CONVERTERS 48V Input 3.3V/60A, 5V/40A, 12V/17A Output
S7DB-08C BEL-S7DB-08C Datasheet
179Kb / 13P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 1.2V - 2.5V Output / 8A
SRAH-05C BEL-SRAH-05C Datasheet
210Kb / 14P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 1.2V - 2.5V Output / 5A
V7PD-15C BEL-V7PD-15C Datasheet
347Kb / 14P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 1.2V - 2.5V Output / 15A
SRDB-08B BEL-SRDB-08B Datasheet
420Kb / 16P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 8A
VRPD-15C BEL-VRPD-15C Datasheet
350Kb / 14P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 1.2V - 2.5V Output / 15A
SRAH-05B BEL-SRAH-05B Datasheet
190Kb / 15P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 5A
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com