Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC4514 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74HC4514
Description  4-to-16 line decoder/demultiplexer with input latches
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC4514 Datasheet(HTML) 6 Page - NXP Semiconductors

  74HC4514 Datasheet HTML 1Page - NXP Semiconductors 74HC4514 Datasheet HTML 2Page - NXP Semiconductors 74HC4514 Datasheet HTML 3Page - NXP Semiconductors 74HC4514 Datasheet HTML 4Page - NXP Semiconductors 74HC4514 Datasheet HTML 5Page - NXP Semiconductors 74HC4514 Datasheet HTML 6Page - NXP Semiconductors 74HC4514 Datasheet HTML 7Page - NXP Semiconductors 74HC4514 Datasheet HTML 8Page - NXP Semiconductors 74HC4514 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
September 1993
6
Philips Semiconductors
Product specification
4-to-16 line decoder/demultiplexer with
input latches
74HC/HCT4514
DC CHARACTERISTICS FOR 74HC
For the DC characteristics see
“74HC/HCT/HCU/HCMOS Logic Family Specifications”.
Output capability: standard
ICC category: MSI
AC CHARACTERISTICS FOR 74HC
GND = 0 V; tr =tf = 6 ns; CL = 50 pF
SYMBOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HC
VCC
(V)
WAVEFORMS
+25
−40 to +85
−40 to +125
min.
typ.
max.
min.
max.
min.
max.
tPHL/ tPLH
propagation delay
An to Qn
74
27
22
230
46
39
290
58
49
345
69
59
ns
2.0
4.5
6.0
Fig.6
tPHL/ tPLH
propagation delay
LE to Qn
74
27
22
230
46
39
290
58
49
345
69
59
ns
2.0
4.5
6.0
Fig.6
tPHL/ tPLH
propagation delay
E to Qn
41
15
12
175
35
30
220
44
37
265
53
45
ns
2.0
4.5
6.0
Fig.6
tTHL/ tTLH
output transition time
19
7
6
75
15
13
95
19
16
110
22
19
ns
2.0
4.5
6.0
Fig.6
tW
latch enable pulse width
HIGH
80
16
14
14
5
4
100
20
17
120
24
20
ns
2.0
4.5
6.0
Fig.7
tsu
set-up time
An to LE
90
18
15
25
9
7
115
23
20
135
27
23
ns
2.0
4.5
6.0
Fig.7
th
hold time
An to LE
1
1
1
−11
−4
−3
1
1
1
1
1
1
ns
2.0
4.5
6.0
Fig.7


Similar Part No. - 74HC4514

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74HC4514 NEXPERIA-74HC4514 Datasheet
276Kb / 16P
   4-to-16 line decoder/demultiplexer with input latches
Rev. 4 - 15 July 2021
74HC4514-Q100 NEXPERIA-74HC4514-Q100 Datasheet
242Kb / 14P
   4-to-16 line decoder/demultiplexer with input latches
Rev. 1 - 1 September 2022
74HC4514D NEXPERIA-74HC4514D Datasheet
276Kb / 16P
   4-to-16 line decoder/demultiplexer with input latches
Rev. 4 - 15 July 2021
74HC4514PW NEXPERIA-74HC4514PW Datasheet
276Kb / 16P
   4-to-16 line decoder/demultiplexer with input latches
Rev. 4 - 15 July 2021
74HC4514PW-Q100 NEXPERIA-74HC4514PW-Q100 Datasheet
242Kb / 14P
   4-to-16 line decoder/demultiplexer with input latches
Rev. 1 - 1 September 2022
More results

Similar Description - 74HC4514

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74HCT4514 NEXPERIA-74HCT4514 Datasheet
276Kb / 16P
   4-to-16 line decoder/demultiplexer with input latches
Rev. 4 - 15 July 2021
logo
NXP Semiconductors
74HC_HCT4514_CNV PHILIPS-74HC_HCT4514_CNV_15 Datasheet
80Kb / 9P
   4-to-16 line decoder/demultiplexer with input latches
September 1993
logo
Nexperia B.V. All right...
74HC4514-Q100 NEXPERIA-74HC4514-Q100 Datasheet
242Kb / 14P
   4-to-16 line decoder/demultiplexer with input latches
Rev. 1 - 1 September 2022
logo
NXP Semiconductors
74HC_HCT4515_CNV PHILIPS-74HC_HCT4515_CNV_15 Datasheet
68Kb / 8P
   4-to-16 line decoder/demultiplexer with input latches; inverting
September 1993
logo
Nexperia B.V. All right...
74HCT4515 NEXPERIA-74HCT4515 Datasheet
67Kb / 8P
   4-to-16 line decoder/demultiplexer with input latches; inverting
September 1993
logo
NXP Semiconductors
74HC4515 PHILIPS-74HC4515 Datasheet
64Kb / 8P
   4-to-16 line decoder/demultiplexer with input latches; inverting
September 1993
logo
Nexperia B.V. All right...
74HC4515 NEXPERIA-74HC4515 Datasheet
212Kb / 14P
   4-to-16 line decoder/demultiplexer with input latches; inverting
Rev. 3 - 2 July 2018
logo
Texas Instruments
CD54HC4514 TI-CD54HC4514_08 Datasheet
404Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic 4- to 16-Line Decoder/Demultiplexer with Input Latches
CD54HC4514F TI-CD54HC4514F Datasheet
551Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic 4- to 16-Line Decoder/Demultiplexer with Input Latches
CD54-74HC4514 TI-CD54-74HC4514 Datasheet
233Kb / 14P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC 4-TO-16 LINE DECODER/DEMULTIPLEXER WITH INPUT LATCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com