Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HCT4510N Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74HCT4510N
Description  BCD up/down counter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT4510N Datasheet(HTML) 3 Page - NXP Semiconductors

  74HCT4510N Datasheet HTML 1Page - NXP Semiconductors 74HCT4510N Datasheet HTML 2Page - NXP Semiconductors 74HCT4510N Datasheet HTML 3Page - NXP Semiconductors 74HCT4510N Datasheet HTML 4Page - NXP Semiconductors 74HCT4510N Datasheet HTML 5Page - NXP Semiconductors 74HCT4510N Datasheet HTML 6Page - NXP Semiconductors 74HCT4510N Datasheet HTML 7Page - NXP Semiconductors 74HCT4510N Datasheet HTML 8Page - NXP Semiconductors 74HCT4510N Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
December 1990
3
Philips Semiconductors
Product specification
BCD up/down counter
74HC/HCT4510
PIN DESCRIPTION
PIN NO.
SYMBOL
NAME AND FUNCTION
1
PL
parallel load input (active HIGH)
4, 12, 13, 3
D0 to D3
parallel inputs
5
CE
count enable input (active LOW)
6, 11, 14, 2
Q0 to Q3
parallel outputs
7
TC
terminal count output (active LOW)
8
GND
ground (0 V)
9
MR
asynchronous master reset input (active HIGH)
10
UP/DN
up/down control input
15
CP
clock input (LOW-to-HIGH, edge-triggered)
16
VCC
positive supply voltage
Fig.1 Pin configuration.
Fig.2 Logic symbol.
Fig.3 IEC logic symbol.


Similar Part No. - 74HCT4510N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCT4511 PHILIPS-74HCT4511 Datasheet
80Kb / 12P
   BCD to 7-segment latch/decoder/driver
December 1990
logo
Nexperia B.V. All right...
74HCT4511 NEXPERIA-74HCT4511 Datasheet
798Kb / 18P
   BCD to 7-segment latch/decoder/driver
Rev. 3 - 15 November 2016
logo
NXP Semiconductors
74HCT4511D PHILIPS-74HCT4511D Datasheet
80Kb / 12P
   BCD to 7-segment latch/decoder/driver
December 1990
logo
Nexperia B.V. All right...
74HCT4511D NEXPERIA-74HCT4511D Datasheet
798Kb / 18P
   BCD to 7-segment latch/decoder/driver
Rev. 3 - 15 November 2016
logo
NXP Semiconductors
74HCT4511N PHILIPS-74HCT4511N Datasheet
80Kb / 12P
   BCD to 7-segment latch/decoder/driver
December 1990
More results

Similar Description - 74HCT4510N

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD14510B HITACHI-HD14510B Datasheet
88Kb / 6P
   BCD Up/Down Counter
logo
Motorola, Inc
MC14510B MOTOROLA-MC14510B Datasheet
284Kb / 10P
   BCD Up/Down Counter
logo
NXP Semiconductors
HEF4510B PHILIPS-HEF4510B Datasheet
135Kb / 10P
   BCD up/down counter
January 1995
logo
STMicroelectronics
HCF4510B STMICROELECTRONICS-HCF4510B_02 Datasheet
484Kb / 11P
   PRESETTABLE BCD UP/DOWN COUNTER
logo
List of Unclassifed Man...
SCL4510B ETC1-SCL4510B Datasheet
742Kb / 4P
   CMOS BCD UP/DOWN COUNTER
logo
Toshiba Semiconductor
TC40H192P TOSHIBA-TC40H192P Datasheet
347Kb / 7P
   SYNCHRONOUS BCD UP/DOWN COUNTER
logo
System Logic Semiconduc...
SL74HC192 SLS-SL74HC192 Datasheet
69Kb / 7P
   Presettable BCD/Decade UP/DOWN Counter
logo
Integral Corp.
IN74ACT192 INTEGRAL-IN74ACT192 Datasheet
364Kb / 7P
   PRESETTABLE BCD/DECADE UP/DOWN COUNTER
logo
NXP Semiconductors
74HC192 PHILIPS-74HC192 Datasheet
90Kb / 13P
   Presettable synchronous BCD decade up/down counter
December 1990
logo
Motorola, Inc
SN54LS192 MOTOROLA-SN54LS192 Datasheet
276Kb / 9P
   PRESETTABLE BCD/DECADE UP/DOWN COUNTER PRESETTABLE 4-BIT BINARY UP/DOWN COUNTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com