Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC58NVG0S3AFT05 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TC58NVG0S3AFT05
Description  1 GBIT (128M 횞 8 BITS) CMOS NAND EEPROM
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC58NVG0S3AFT05 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TC58NVG0S3AFT05 Datasheet HTML 1Page - Toshiba Semiconductor TC58NVG0S3AFT05 Datasheet HTML 2Page - Toshiba Semiconductor TC58NVG0S3AFT05 Datasheet HTML 3Page - Toshiba Semiconductor TC58NVG0S3AFT05 Datasheet HTML 4Page - Toshiba Semiconductor TC58NVG0S3AFT05 Datasheet HTML 5Page - Toshiba Semiconductor TC58NVG0S3AFT05 Datasheet HTML 6Page - Toshiba Semiconductor TC58NVG0S3AFT05 Datasheet HTML 7Page - Toshiba Semiconductor TC58NVG0S3AFT05 Datasheet HTML 8Page - Toshiba Semiconductor TC58NVG0S3AFT05 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
TC58NVG0S3AFT05
2003-08-20A
3/33
VALID BLOCKS (1)
SYMBOL
PARAMETER
MIN
TYP.
MAX
UNIT
NVB
Number of Valid Blocks
1004
1024
Blocks
(1) The TC58NVG0S3A occasionally contains unusable blocks. Refer to Application Note (13) toward the end of this document.
(2) The first block (block address #00) is guaranteed to be a valid block at the time of shipment.
RECOMMENDED DC OPERATING CONDITIONS
SYMBOL
PARAMETER
MIN
TYP.
MAX
UNIT
VCC
Power Supply Voltage
2.7
3.3
3.6
V
VIH
High Level input Voltage
2.0
VCC + 0.3
V
VIL
Low Level Input Voltage
−0.3*
0.8
V
*
−2 V (pulse width lower than 20 ns)
DC CHARACTERISTICS (Ta
==== 0 to 70°C, VCC ==== 2.7 V~3.3 V)
SYMBOL
PARAMETER
CONDITION
MIN
TYP.
MAX
UNIT
IIL
Input Leakage Current
VIN = 0 V to VCC
±10
µA
ILO
Output Leakage Current
VOUT = 0 V to VCC
±10
µA
ICCO1
Reading
CE
= VIL, IOUT = 0 mA, tcycle = 50 ns
10
30
mA
ICCO2
Programming Current
10
30
mA
ICCO3
Erasing Current
10
30
mA
ICCS1
Standby Current
CE
= VIH, WP = 0 V/VCC
1
mA
ICCS2
Standby Current
CE
= VCC − 0.2 V, WP = 0 V/VCC
50
µA
VOH
High Level Output Voltage
VCC, IOH = −400 µA
2.4
V
VOL
Low Level Output Voltage
VCC, IOL = 2.1 mA
0.4
V
IOL (
BY
/
RY
)
Output current of
BY
/
RY
pin VOL = 0.4 V
8
mA


Similar Part No. - TC58NVG0S3AFT05

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC58NVG0S3ETA00 TOSHIBA-TC58NVG0S3ETA00 Datasheet
486Kb / 65P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC58NVG0S3HBAI4 TOSHIBA-TC58NVG0S3HBAI4 Datasheet
67Kb / 3P
   NAND Flash Memory(SLC Middle Capacity)
logo
KIOXIA Corporation
TC58NVG0S3HBAI4 KIOXIA-TC58NVG0S3HBAI4 Datasheet
456Kb / 52P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
logo
Toshiba Semiconductor
TC58NVG0S3HBAI4 TOSHIBA-TC58NVG0S3HBAI4 Datasheet
868Kb / 2P
   SLC NAND & BENAND Reliability and Performance
TC58NVG0S3HBAI4 TOSHIBA-TC58NVG0S3HBAI4 Datasheet
2Mb / 20P
   Flash Memory
Mar. 2016
More results

Similar Description - TC58NVG0S3AFT05

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TH58NS100DC TOSHIBA-TH58NS100DC Datasheet
432Kb / 43P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS 1 - GBIT (128M X 8 BITS) CMOS NAND E2PROM ( 128M BYTE SmartMediaTM )
logo
Elite Semiconductor Mem...
F59L1G81MB ESMT-F59L1G81MB Datasheet
1Mb / 51P
   1 Gbit (128M x 8) 3.3V NAND Flash Memory
F59L1G81LB ESMT-F59L1G81LB Datasheet
1Mb / 49P
   1 Gbit (128M x 8) 3.3V NAND Flash Memory
logo
Toshiba Semiconductor
TH58NVG5S0FTA20 TOSHIBA-TH58NVG5S0FTA20 Datasheet
677Kb / 73P
   32 GBIT (4G 횞 8 BIT) CMOS NAND E2PROM
TC58128AFT TOSHIBA-TC58128AFT Datasheet
617Kb / 33P
   128-MBIT (16M 횞 8 BITS) CMOS NAND E2PROM
logo
Samsung semiconductor
K9T1G08U0M SAMSUNG-K9T1G08U0M Datasheet
888Kb / 38P
   128M x 8 Bits NAND Flash Memory
logo
Elite Semiconductor Mem...
F59D1G81MA ESMT-F59D1G81MA Datasheet
1Mb / 51P
   1 Gbit (128M x 8/ 64M x 16) 1.8V NAND Flash Memory
F59D1G81MB ESMT-F59D1G81MB Datasheet
1Mb / 54P
   1 Gbit (128M x 8/ 64M x 16) 1.8V NAND Flash Memory
F59D1G81LB ESMT-F59D1G81LB Datasheet
1Mb / 53P
   1 Gbit (128M x 8/ 64M x 16) 1.8V NAND Flash Memory
logo
Toshiba Semiconductor
TH58BYG3S0HBAI4 TOSHIBA-TH58BYG3S0HBAI4 Datasheet
2Mb / 54P
   8 GBIT (1G × 8 BIT) CMOS NAND E2PROM
2018-06-01C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com