Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC4538 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74HC4538
Description  Dual retriggerable precision monostable multivibrator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC4538 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74HC4538 Datasheet HTML 2Page - NXP Semiconductors 74HC4538 Datasheet HTML 3Page - NXP Semiconductors 74HC4538 Datasheet HTML 4Page - NXP Semiconductors 74HC4538 Datasheet HTML 5Page - NXP Semiconductors 74HC4538 Datasheet HTML 6Page - NXP Semiconductors 74HC4538 Datasheet HTML 7Page - NXP Semiconductors 74HC4538 Datasheet HTML 8Page - NXP Semiconductors 74HC4538 Datasheet HTML 9Page - NXP Semiconductors 74HC4538 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
September 1993
6
Philips Semiconductors
Product specification
Dual retriggerable precision monostable
multivibrator
74HC/HCT4538
DC CHARACTERISTICS FOR 74HC
For the DC characteristics see
“74HC/HCT/HCU/HCMOS Logic Family Specifications”.
Output capability: standard
ICC category: MSI
AC CHARACTERISTICS FOR 74HC
GND = 0 V; tr = tf = 6 ns; CL = 50 pF
SYMBOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HC
VCC
(V)
OTHER
+25
−40 to +85
−40 to +125
min.
typ.
max.
min.
max.
min.
max.
tPLH
propagation delay
nA0,nA1 to nQ
85
31
25
265
53
45
330
66
56
400
80
68
ns
2.0
4.5
6.0
Fig.8
tPHL
propagation delay
nA0,nA1 to nQ
83
30
24
265
53
45
330
66
56
400
80
68
ns
2.0
4.5
6.0
Fig.8
tPHL
propagation delay
nRD to nQ
80
29
23
265
53
45
330
66
56
400
80
68
ns
2.0
4.5
6.0
Fig.8
tPLH
propagation delay
nRD to nQ
83
30
24
265
53
45
340
68
58
400
80
68
ns
2.0
4.5
6.0
Fig.8
tTHL/ tTLH
output transition
time
19
7
6
75
15
13
95
19
16
110
22
19
ns
2.0
4.5
6.0
Fig.8
tW
nA0 pulse width
LOW
80
16
14
17
6
5
100
20
17
120
24
20
ns
2.0
4.5
6.0
Fig.8
tW
nA1 pulse width
HIGH
80
16
14
17
6
5
100
20
17
120
24
20
ns
2.0
4.5
6.0
Fig.8
tW
nRD pulse width
LOW
80
16
14
19
7
6
100
20
17
120
24
20
ns
2.0
4.5
6.0
Fig.8
tW
nQ, nQ pulse width
HIGH or LOW
0.63 0.70
0.77
0.602 0.798
0.595 0.805
ms
5.0
Fig.8;
Rt = 10 kΩ;
Ct = 0.1 µF
trem
removal time
RD to nA0,nA1
35
7
6
6
2
2
45
9
8
55
11
9
ns
2.0
4.5
6.0
Fig.8


Similar Part No. - 74HC4538

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74HC4538 ONSEMI-74HC4538 Datasheet
291Kb / 16P
   Dual Precision Monostable Multivibrator(Retriggerable, Resettable)
April, 2001 ??Rev. 8
logo
STMicroelectronics
74HC4538 STMICROELECTRONICS-74HC4538 Datasheet
288Kb / 14P
   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
logo
Texas Instruments
74HC4538 TI-74HC4538 Datasheet
64Kb / 11P
[Old version datasheet]   High Speed CMOS Logic Dual Retriggerable Precision Monostable Multivibrator
logo
Toshiba Semiconductor
74HC4538 TOSHIBA-74HC4538 Datasheet
477Kb / 10P
   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
logo
Fairchild Semiconductor
74HC4538 FAIRCHILD-74HC4538 Datasheet
119Kb / 10P
   Dual Retriggerable Monostable Multivibrator
More results

Similar Description - 74HC4538

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74HC4538 NEXPERIA-74HC4538 Datasheet
293Kb / 17P
   Dual retriggerable precision monostable multivibrator
Rev. 6 - 16 July 2021
74HC4538-Q100 NEXPERIA-74HC4538-Q100 Datasheet
256Kb / 20P
   Dual retriggerable precision monostable multivibrator
74HCT4538-Q100 NEXPERIA-74HCT4538-Q100 Datasheet
252Kb / 20P
   Dual retriggerable precision monostable multivibrator
logo
NXP Semiconductors
74HC_HCT4538 PHILIPS-74HC_HCT4538_15 Datasheet
150Kb / 24P
   Dual retriggerable precision monostable multivibrator
Rev. 03-8 June 2009
logo
Nexperia B.V. All right...
74HCT4538 NEXPERIA-74HCT4538 Datasheet
274Kb / 16P
   Dual retriggerable precision monostable multivibrator
Rev. 6 - 11 February 2021
logo
Toshiba Semiconductor
TC4538BP TOSHIBA-TC4538BP Datasheet
252Kb / 6P
   DUAL PRECISION RETRIGGERABLE/RESETTABLE MONOSTABLE MULTIVIBRATOR
logo
ON Semiconductor
MC74HC4538A ONSEMI-MC74HC4538A Datasheet
291Kb / 16P
   Dual Precision Monostable Multivibrator(Retriggerable, Resettable)
April, 2001 ??Rev. 8
MC14538B ONSEMI-MC14538B_05 Datasheet
151Kb / 12P
   Dual Precision Retriggerable/Resettable Monostable Multivibrator
August, 2005 ??Rev. 7
logo
Toshiba Semiconductor
TC4538BP TOSHIBA-TC4538BP_07 Datasheet
361Kb / 9P
   Dual Precision Retriggerable/Resettable Monostable Multivibrator
logo
Hitachi Semiconductor
HD14538B HITACHI-HD14538B Datasheet
116Kb / 8P
   Dual Precision Retriggerable/Resettable Monostable Multivibrator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com