Electronic Components Datasheet Search |
|
ADS1100A1IDBVT Datasheet(PDF) 8 Page - Burr-Brown (TI) |
|
|
ADS1100A1IDBVT Datasheet(HTML) 8 Page - Burr-Brown (TI) |
8 / 18 page ADS1100 8 SBAS239B www.ti.com Communication on the I2C bus always takes place between two devices, one acting as the master and the other acting as the slave. Both masters and slaves can read and write, but slaves can only do so under the direction of the master. Some I2C devices can act as masters or slaves, but the ADS1100 can only act as a slave device. An I2C bus consists of two lines, SDA and SCL. SDA carries data; SCL provides the clock. All data is transmitted across the I2C bus in groups of eight bits. To send a bit on the I2C bus, the SDA line is driven to the bit’s level while SCL is LOW (a LOW on SDA indicates the bit is zero; a HIGH indicates the bit is one). Once the SDA line has settled, the SCL line is brought HIGH, then LOW. This pulse on SCL clocks the SDA bit into the receiver’s shift register. The I2C bus is bidirectional: the SDA line is used both for transmitting and receiving data. When a master reads from a slave, the slave drives the data line; when a master sends to a slave, the master drives the data line. The master always drives the clock line. The ADS1100 never drives SCL, because it cannot act as a master. On the ADS1100, SCL is an input only. Most of the time the bus is idle, no communication is taking place, and both lines are HIGH. When communication is taking place, the bus is active. Only master devices can start a communication. They do this by causing a start condition on the bus. Normally, the data line is only allowed to change state while the clock line is LOW. If the data line changes state while the clock line is HIGH, it is either a start condition or its counterpart, a stop condition. A start condition is when the clock line is HIGH and the data line goes from HIGH to LOW. A stop condition is when the clock line is HIGH and the data line goes from LOW to HIGH. After the master issues a start condition, it sends a byte that indicates which slave device it wants to communicate with. This byte is called the address byte. Each device on an I2C bus has a unique 7-bit address to which it responds. (Slaves can also have 10-bit addresses; see the I2C specification for details.) The master sends an address in the address byte, together with a bit that indicates whether it wishes to read from or write to the slave device. Every byte transmitted on the I2C bus, whether it be address or data, is acknowledged with an acknowledge bit. When a master has finished sending a byte, eight data bits, to a slave, it stops driving SDA and waits for the slave to acknowl- edge the byte. The slave acknowledges the byte by pulling SDA LOW. The master then sends a clock pulse to clock the acknowledge bit. Similarly, when a master has finished reading a byte, it pulls SDA LOW to acknowledge this to the slave. It then sends a clock pulse to clock the bit. (Remember that the master always drives the clock line.) A not-acknowledge is performed by simply leaving SDA HIGH during an acknowledge cycle. If a device is not present on the bus, and the master attempts to address it, it will receive a not-acknowledge because no device is present at that address to pull the line LOW. When a master has finished communicating with a slave, it may issue a stop condition. When a stop condition is issued, the bus becomes idle again. A master may also issue another start condition. When a start condition is issued while the bus is active, it is called a repeated start condition. A timing diagram for an ADS1100 I2C transaction is shown in Figure 1. Table III gives the parameters for this diagram. ADS1100 I2C ADDRESSES The ADS1100 I2C address is 1001aaa, where “aaa” are bits set at the factory. The ADS1100 is available in eight different verisons, each having a different I2C address. For example, the ADS1100A0 has address 1001000, and the ADS1100A3 has address 1001011. See the Package/Ordering Informa- tion table for a complete listing. The I2C address is the only difference between the eight variants. In all other repsects, they operate identically. Each variant of the ADS1100 is marked with “ADx,” where x identifies the address variant. For example, the ADS1100A0 is marked “AD0”, and the ADS1100A3 is marked “AD3”. See the Package/Ordering Information table for a complete listing. When the ADS1100 was first introduced, it was shipped with only one address, 1001000, and was marked “BAAI.” That device is identical to the currently shipping ADS1100A0 variant marked “AD0”. SCL SDA t (LOW) t R t F t (HDSTA) t (HDSTA) t (HDDAT) t (BUF) t (SUDAT) t (HIGH) t (SUSTA) t (SUSTO) PS S P FIGURE 1. I2C Timing Diagram. |
Similar Part No. - ADS1100A1IDBVT |
|
Similar Description - ADS1100A1IDBVT |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |