Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMB130CA Datasheet(PDF) 2 Page - Lite-On Technology Corporation

Part # SMB130CA
Description  SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

SMB130CA Datasheet(HTML) 2 Page - Lite-On Technology Corporation

  SMB130CA Datasheet HTML 1Page - Lite-On Technology Corporation SMB130CA Datasheet HTML 2Page - Lite-On Technology Corporation SMB130CA Datasheet HTML 3Page - Lite-On Technology Corporation SMB130CA Datasheet HTML 4Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
LITE ON
RATING AND CHARACTERISTIC CURVES
SMB SERIES
FIG.1 - PULSE DERATING CURVE
25
75
100
125
150
0
50
50
100
0
175
75
25
200
AMBIENT TEMPERATURE, C
10 X 1000 WAVEFORM AS
DEFINED BY R.E.A.
FIG.6 - STEADY STATE POWER DERATING CURVE
TL, LEAD TEMPERATURE
25
75
100
125
150
0.0
50
0
175
200
1.0
2.0
3.0
4.0
5.0
60Hz RESISTIVE OR
INDUCTIVE LOAD
FIG.3 - PULSE WAVEFORM
0
0
T, TIME ( ms )
50
100
1.0
2.0
3.0
4.0
TR=10us
Peak value (IRSM)
TP
TJ=25 C
IRSM
2
Half value=
FIG.2 - MAXIMUM NON-REPETITIVE SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
1
5
10
50
100
2
20
0
20
Pulse Width 8.3ms
Single Half-Sine-Wave
(JEDEC METHOD)
40
60
80
100
120
10 x 1000 waveform as
defined by R.E.A.
Pulse width (TP) is defined
as that point where the
peak current decays to
50% of IRSM
FIG.4 - TYPICAL JUNCTION CAPACITANCE
STAND-OFF VOLTAGE, VOLTS
10
1
100
10000
1000
100
10
1000
Bi-directional
TJ = 25 C
Uni-directional
FIG.5 - PULSE RATING CURVE
TP, PULSE WIDTH
0.1
1.0
10
0.1us
1.0us
10us
100us
1.0ms
10ms
100
TA=150 C
5.0mm LEAD AREAS
NON-REPETITIVE
PULSE WAVEFORM
SHOWN IN FIG 3.
REV. 1, 24-May-2000


Similar Part No. - SMB130CA

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
SMB130 MIC-SMB130 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMB130A MIC-SMB130A Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - SMB130CA

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
SMBJ10 HY-SMBJ10_17 Datasheet
146Kb / 4P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
SMAJ HY-SMAJ_V01 Datasheet
506Kb / 4P
   Surface Mount Unidirectional and Bidirectional Transient Voltage Suppressors
logo
Lite-On Technology Corp...
SMC10 LITEON-SMC10 Datasheet
50Kb / 4P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
logo
Diodes Incorporated
LT4ME5.0A DIODES-LT4ME5.0A Datasheet
610Kb / 5P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
Nov-2021 REV. 11
logo
HY ELECTRONIC CORP.
SMBJ10C HY-SMBJ10C_17 Datasheet
146Kb / 4P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
SMF5-0 HY-SMF5-0_17 Datasheet
147Kb / 5P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
SMCJ HY-SMCJ Datasheet
115Kb / 4P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
SMAJ10 HY-SMAJ10_17 Datasheet
146Kb / 5P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
SMCJ10C HY-SMCJ10C_17 Datasheet
171Kb / 5P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
SMAJ HY-SMAJ Datasheet
121Kb / 4P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com