Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TM1-4271J Datasheet(PDF) 4 Page - Microsemi Corporation

Part # TM1-4271J
Description  Positive - Temperature - Coefficient Silicon Thermistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

TM1-4271J Datasheet(HTML) 4 Page - Microsemi Corporation

  TM1-4271J Datasheet HTML 1Page - Microsemi Corporation TM1-4271J Datasheet HTML 2Page - Microsemi Corporation TM1-4271J Datasheet HTML 3Page - Microsemi Corporation TM1-4271J Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image


Similar Part No. - TM1-4271J

ManufacturerPart #DatasheetDescription
logo
SYNERGY MICROWAVE CORPO...
TM1-0 SYNERGY-TM1-0 Datasheet
245Kb / 3P
   RF IMPEDANCE TRANSFORMER SURFACE MOUNT MODEL WIDE BANDWIDTH 0.30 - 1000 MHz
TM1-1 SYNERGY-TM1-1 Datasheet
258Kb / 3P
   RF IMPEDANCE TRANSFORMER SURFACE MOUNT MODEL OPTIMIZED BANDWIDTH 0.4 - 500 MHz
TM1-2 SYNERGY-TM1-2 Datasheet
315Kb / 3P
   RF IMPEDANCE TRANSFORMER
TM1-3 SYNERGY-TM1-3 Datasheet
244Kb / 3P
   RF IMPEDANCE TRANSFORMER
TM1-6 SYNERGY-TM1-6 Datasheet
256Kb / 3P
   RF IMPEDANCE TRANSFORMER SURFACE MOUNT MODEL WIDE BANDWIDTH 5 - 3000 MHz
More results

Similar Description - TM1-4271J

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
TM1.8.121J MICROSEMI-TM1.8.121J Datasheet
189Kb / 4P
   POSITIVE TEMPERATURE COEFFICIENT SILICON THERMISTORS
logo
Semikron International
SEMIX101GD12VS SEMIKRON-SEMIX101GD12VS Datasheet
472Kb / 5P
   positive temperature coefficient
logo
Infineon Technologies A...
SIGC20T120LE INFINEON-SIGC20T120LE Datasheet
175Kb / 5P
   positive temperature coefficient
Rev 2.1, 27.06.2014
SIGC32T120R3E INFINEON-SIGC32T120R3E Datasheet
180Kb / 5P
   positive temperature coefficient
Rev 2.3, 27.06.2014
SIGC32T120R3LE INFINEON-SIGC32T120R3LE Datasheet
177Kb / 5P
   positive temperature coefficient
Rev 2.1, 27.06.2014
SIGC84T120R3E INFINEON-SIGC84T120R3E Datasheet
195Kb / 5P
   positive temperature coefficient
Rev 2.3, 02.07.2014
SIGC101T170R3E INFINEON-SIGC101T170R3E Datasheet
182Kb / 5P
   positive temperature coefficient
Rev 2.2, 01.07.2014
logo
KEC(Korea Electronics)
GM75HB06BLA KEC-GM75HB06BLA Datasheet
94Kb / 8P
   Positive temperature coefficient
logo
Infineon Technologies A...
SIGC57T120R3E INFINEON-SIGC57T120R3E Datasheet
197Kb / 5P
   positive temperature coefficient
Rev 2.3, 02.07.2014
SIGC57T120R3LE INFINEON-SIGC57T120R3LE Datasheet
197Kb / 5P
   positive temperature coefficient
Rev 2.3, 02.07.2014
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com