Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

RTL8201CP-VD Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # RTL8201CP-VD
Description  SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER (With Auto Crossover)
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RTL8201CP-VD Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button RTL8201CP-VD Datasheet HTML 6Page - List of Unclassifed Manufacturers RTL8201CP-VD Datasheet HTML 7Page - List of Unclassifed Manufacturers RTL8201CP-VD Datasheet HTML 8Page - List of Unclassifed Manufacturers RTL8201CP-VD Datasheet HTML 9Page - List of Unclassifed Manufacturers RTL8201CP-VD Datasheet HTML 10Page - List of Unclassifed Manufacturers RTL8201CP-VD Datasheet HTML 11Page - List of Unclassifed Manufacturers RTL8201CP-VD Datasheet HTML 12Page - List of Unclassifed Manufacturers RTL8201CP-VD Datasheet HTML 13Page - List of Unclassifed Manufacturers RTL8201CP-VD Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
RTL8201CP
Datasheet
Single-Chip/Port 10/100 Fast Ethernet PHYceiver
5
Track ID: JATR-1076-21 Rev. 1.21
Name
Type
Pin No.
Description
MDC
I
25
Management Data Clock.
This pin provides a clock synchronous to MDIO, which may be asynchronous to
the transmit TXC and receive RXC clocks. The clock rate can be up to 2.5MHz.
MDIO
IO
26
Management Data Input/Output.
This pin provides the bi-directional signal used to transfer management
information.
5.2. SNI (Serial Network Interface) 10Mbps Only
Table 2. SNI (Serial Network Interface) 10Mbps Only
Name
Type
Pin No.
Description
COL
O
1
Collision Detect.
RXD0
O
21
Received Serial Data.
CRS
O
23
Carrier Sense.
RXC
O
16
Receive Clock.
Resolved from received data.
TXD0
I
6
Transmit Serial Data.
TXC
O
7
Transmit Clock.
Generated by PHY.
TXEN
I
2
Transmit Enable.
For MAC to indicate transmit operation.
5.3. Clock Interface
Table 3. Clock Interface
Name
Type
Pin No.
Description
X2
O
47
25MHz Crystal Output.
This pin provides the 25MHz crystal output. It must be left open when an external
25MHz oscillator drives X1.
X1
I
46
25MHz Crystal Input.
This pin provides the 25MHz crystal input. If a 25MHz oscillator is used, connect
X1 to the oscillator’s output (see 8.3 Crystal Characteristics, page 30, for clock
source specifications.
5.4. 10Mbps/100Mbps Network Interface
Table 4. 10Mbps/100Mbps Network Interface
Name
Type
Pin No.
Description
TPTX+
TPTX-
O
O
34
33
Transmit Output.
Differential transmit output pair shared by 100Base-TX, 100Base-FX and
10Base-T modes. When configured as 100Base-TX, output is an MLT-3 encoded
waveform. When configured as 100Base-FX, the output is pseudo-ECL level.
RTSET
I
28
Transmit Bias Resistor Connection.
This pin should be pulled to GND by a 2KΩ (1%) resistor to define driving
current for the transmit DAC. The resistance value may be changed, depending on
experimental results of the RTL8201CP.
TPRX+
TPRX-
I
I
31
30
Receive Input.
Differential receive input pair shared by 100Base-TX, 100Base-FX, and 10Base-T
modes.


Similar Part No. - RTL8201CP-VD

ManufacturerPart #DatasheetDescription
Realtek Semiconductor Corp.
Realtek Semiconductor C...
RTL8201CP REALTEK-RTL8201CP Datasheet
438Kb / 37P
   SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER
More results

Similar Description - RTL8201CP-VD

ManufacturerPart #DatasheetDescription
Realtek Semiconductor Corp.
Realtek Semiconductor C...
RTL8201CP REALTEK-RTL8201CP Datasheet
438Kb / 37P
   SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER
RTL8201F-VB-CG REALTEK-RTL8201F-VB-CG Datasheet
908Kb / 66P
   SINGLE-CHIP/PORT 10/100M ETHERNET PHYCEIVER
List of Unclassifed Manufacturers
List of Unclassifed Man...
RTL8201BL ETC-RTL8201BL Datasheet
335Kb / 29P
   REALTEK SINGLE CHIP SINGLE PORT 10/100M FAST ETHERNET PHYCEIVER RTL8201BL
Realtek Semiconductor Corp.
Realtek Semiconductor C...
RTL8201DL-GR REALTEK-RTL8201DL-GR Datasheet
580Kb / 42P
   SINGLE-CHIP/PORT 10/100 FAST ETHERNET PHYCEIVER WITH AUTO MDIX
RTL8201DL-GR REALTEK-RTL8201DL-GR_07 Datasheet
616Kb / 41P
   SINGLE-CHIP/PORT 10/100 FAST ETHERNET PHYCEIVER WITH AUTO MDIX
RTL8201N-GR REALTEK-RTL8201N-GR Datasheet
620Kb / 40P
   SINGLE-CHIP/PORT 10/100 FAST ETHERNET PHYCEIVER WITH AUTO MDIX
RTL8201N-GR_07 REALTEK-RTL8201N-GR_07_09 Datasheet
699Kb / 46P
   SINGLE-CHIP/PORT 10/100 FAST ETHERNET PHYCEIVER WITH AUTO MDIX
RTL8201N-GR REALTEK-RTL8201N-GR_07 Datasheet
616Kb / 39P
   SINGLE-CHIP/PORT 10/100 FAST ETHERNET PHYCEIVER WITH AUTO MDIX
Infineon Technologies AG
Infineon Technologies A...
ADM7001 INFINEON-ADM7001 Datasheet
5Mb / 90P
   Single Ethernet 10/100M PHY
Data Sheet, Rev. 1.07, Nov. 2005
ASIX Electronics Corporation
ASIX Electronics Corpor...
AX11025 ASIX-AX11025 Datasheet
166Kb / 2P
   Single Chip Microcontroller with TCP/IP and 10/100M Fast Ethernet MAC/PHY
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com