Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

RTL8201CP-VD Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # RTL8201CP-VD
Description  SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER (With Auto Crossover)
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RTL8201CP-VD Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button RTL8201CP-VD Datasheet HTML 5Page - List of Unclassifed Manufacturers RTL8201CP-VD Datasheet HTML 6Page - List of Unclassifed Manufacturers RTL8201CP-VD Datasheet HTML 7Page - List of Unclassifed Manufacturers RTL8201CP-VD Datasheet HTML 8Page - List of Unclassifed Manufacturers RTL8201CP-VD Datasheet HTML 9Page - List of Unclassifed Manufacturers RTL8201CP-VD Datasheet HTML 10Page - List of Unclassifed Manufacturers RTL8201CP-VD Datasheet HTML 11Page - List of Unclassifed Manufacturers RTL8201CP-VD Datasheet HTML 12Page - List of Unclassifed Manufacturers RTL8201CP-VD Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
RTL8201CP
Datasheet
Single-Chip/Port 10/100 Fast Ethernet PHYceiver
4
Track ID: JATR-1076-21 Rev. 1.21
5. Pin Description
LI: Latched Input during Power up or Reset
O: Output
I: Input
IO: Bi-directional input and output
P: Power
5.1. MII Interface
Table 1. MII Interface
Name
Type
Pin No.
Description
TXC
O
7
Transmit Clock.
This pin provides a continuous clock as a timing reference for TXD[3:0] and
TXEN.
TXEN
I
2
Transmit Enable.
The input signal indicates the presence of valid nibble data on TXD[3:0].
TXD[3:0]
I
3, 4, 5, 6
Transmit Data.
The MAC will source TXD[0..3] synchronous with TXC when TXEN is
asserted.
RXC
O
16
Receive Clock.
This pin provides a continuous clock reference for RXDV and RXD[0..3]
signals. RXC is 25MHz in 100Mbps mode and 2.5Mhz in 10Mbps mode.
COL
LI/O
1
Collision Detect.
COL is asserted high when a collision is detected on the media.
During power on reset, this pin status is latched to determine at which LED
mode to operate:
0: CP LED mode
1: BL LED mode
An internal weak pull low resistor sets this to the default CP LED mode. It is possible
to use an external 5.1KΩ pull high resistor to enable BL LED mode.
CRS
LI/O
23
Carrier Sense.
This pin’s signal is asserted high if the media is not in Idle state.
An internal weak pull low resistor sets this to normal operation mode. An external
5.1KΩ pull low resistor could be reserved to ensure operating at normal mode.
RXDV
O
22
Receive Data Valid.
This pin’s signal is asserted high when received data is present on the RXD[3:0]
lines. The signal is de-asserted at the end of the packet. The signal is valid on
the rising edge of the RXC.
RXD[3:0]
O
18, 19, 20, 21
Receive Data.
These are the four parallel receive data lines aligned on the nibble boundaries
driven synchronously to the RXC for reception by the external physical unit
(PHY).
RXER/
FXEN
LI/O
24
Receive Error.
If a 5B decode error occurs, such as invalid /J/K/, invalid /T/R/, or invalid
symbol, this pin will go high.
Fiber/UTP Enable.
During power on reset, this pin status is latched to determine the media mode to
operate in.
1: Fiber mode
0: UTP mode
An internal weak pull low resistor sets this to the default of UTP mode. It is possible to
use an external 5.1KΩ pull high resistor to enable fiber mode.
After power on, the pin operates as the Receive Error pin.


Similar Part No. - RTL8201CP-VD

ManufacturerPart #DatasheetDescription
Realtek Semiconductor Corp.
Realtek Semiconductor C...
RTL8201CP REALTEK-RTL8201CP Datasheet
438Kb / 37P
   SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER
More results

Similar Description - RTL8201CP-VD

ManufacturerPart #DatasheetDescription
Realtek Semiconductor Corp.
Realtek Semiconductor C...
RTL8201CP REALTEK-RTL8201CP Datasheet
438Kb / 37P
   SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER
RTL8201F-VB-CG REALTEK-RTL8201F-VB-CG Datasheet
908Kb / 66P
   SINGLE-CHIP/PORT 10/100M ETHERNET PHYCEIVER
List of Unclassifed Manufacturers
List of Unclassifed Man...
RTL8201BL ETC-RTL8201BL Datasheet
335Kb / 29P
   REALTEK SINGLE CHIP SINGLE PORT 10/100M FAST ETHERNET PHYCEIVER RTL8201BL
Realtek Semiconductor Corp.
Realtek Semiconductor C...
RTL8201DL-GR REALTEK-RTL8201DL-GR Datasheet
580Kb / 42P
   SINGLE-CHIP/PORT 10/100 FAST ETHERNET PHYCEIVER WITH AUTO MDIX
RTL8201DL-GR REALTEK-RTL8201DL-GR_07 Datasheet
616Kb / 41P
   SINGLE-CHIP/PORT 10/100 FAST ETHERNET PHYCEIVER WITH AUTO MDIX
RTL8201N-GR REALTEK-RTL8201N-GR Datasheet
620Kb / 40P
   SINGLE-CHIP/PORT 10/100 FAST ETHERNET PHYCEIVER WITH AUTO MDIX
RTL8201N-GR_07 REALTEK-RTL8201N-GR_07_09 Datasheet
699Kb / 46P
   SINGLE-CHIP/PORT 10/100 FAST ETHERNET PHYCEIVER WITH AUTO MDIX
RTL8201N-GR REALTEK-RTL8201N-GR_07 Datasheet
616Kb / 39P
   SINGLE-CHIP/PORT 10/100 FAST ETHERNET PHYCEIVER WITH AUTO MDIX
Infineon Technologies AG
Infineon Technologies A...
ADM7001 INFINEON-ADM7001 Datasheet
5Mb / 90P
   Single Ethernet 10/100M PHY
Data Sheet, Rev. 1.07, Nov. 2005
ASIX Electronics Corporation
ASIX Electronics Corpor...
AX11025 ASIX-AX11025 Datasheet
166Kb / 2P
   Single Chip Microcontroller with TCP/IP and 10/100M Fast Ethernet MAC/PHY
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com