Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC646 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74HC646
Description  Octal bus transceiver/register; 3-state
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC646 Datasheet(HTML) 3 Page - NXP Semiconductors

  74HC646 Datasheet HTML 1Page - NXP Semiconductors 74HC646 Datasheet HTML 2Page - NXP Semiconductors 74HC646 Datasheet HTML 3Page - NXP Semiconductors 74HC646 Datasheet HTML 4Page - NXP Semiconductors 74HC646 Datasheet HTML 5Page - NXP Semiconductors 74HC646 Datasheet HTML 6Page - NXP Semiconductors 74HC646 Datasheet HTML 7Page - NXP Semiconductors 74HC646 Datasheet HTML 8Page - NXP Semiconductors 74HC646 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
September 1993
3
Philips Semiconductors
Product specification
Octal bus transceiver/register; 3-state
74HC/HCT646
PIN DESCRIPTION
PIN NO.
SYMBOL
NAME AND FUNCTION
1CPAB
A to B clock input (LOW-to-HIGH, edge-triggered)
2SAB
select A to B source input
3
DIR
direction control input
4, 5, 6, 7, 8, 9, 10, 11
A0 to A7
A data inputs/outputs
12
GND
ground (0 V)
20, 19, 18, 17, 16, 15, 14, 13
B0 to B7
B data inputs/outputs
21
OE
output enable input (active LOW)
22
SBA
select B to A source input
23
CPBA
B to A clock input (LOW-to-HIGH, edge-triggered)
24
VCC
positive supply voltage
Fig.1 Pin configuration.
Fig.2 Logic symbol.
Fig.3 IEC logic symbol.


Similar Part No. - 74HC646

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC640 PHILIPS-74HC640 Datasheet
47Kb / 6P
   Octal bus transceiver; 3-state; inverting
March 1988
74HC640D PHILIPS-74HC640D Datasheet
47Kb / 6P
   Octal bus transceiver; 3-state; inverting
March 1988
74HC640DB PHILIPS-74HC640DB Datasheet
47Kb / 6P
   Octal bus transceiver; 3-state; inverting
March 1988
74HC640N PHILIPS-74HC640N Datasheet
47Kb / 6P
   Octal bus transceiver; 3-state; inverting
March 1988
74HC640PW PHILIPS-74HC640PW Datasheet
47Kb / 6P
   Octal bus transceiver; 3-state; inverting
March 1988
More results

Similar Description - 74HC646

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC646AP TOSHIBA-TC74HC646AP Datasheet
307Kb / 7P
   OCTAL BUS TRANSCEIVER/REGISTER(3-STATE)
TC74HCT646AP TOSHIBA-TC74HCT646AP Datasheet
277Kb / 6P
   OCTAL BUS TRANSCEIVER/REGISTER(3-STATE)
TC74HCT652AP TOSHIBA-TC74HCT652AP Datasheet
279Kb / 6P
   OCTAL BUS TRANSCEIVER/REGISTER(3-STATE)
logo
NXP Semiconductors
74ABT646A NXP-74ABT646A Datasheet
112Kb / 19P
   Octal bus transceiver/register; 3-state
Rev. 03-15 March 2010
74HC652 PHILIPS-74HC652 Datasheet
104Kb / 10P
   Octal bus transceiver/register; 3-state
September 1993
logo
Toshiba Semiconductor
TC74HC652AP TOSHIBA-TC74HC652AP Datasheet
311Kb / 7P
   OCTAL BUS TRANSCEIVER/REGISTER(3-STATE)
logo
STMicroelectronics
M74HCT651 STMICROELECTRONICS-M74HCT651 Datasheet
199Kb / 12P
   HCT651 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE, INV. HCT652 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE
M74HC651 STMICROELECTRONICS-M74HC651 Datasheet
202Kb / 12P
   HC652 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE HC651 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE, INV.
logo
NXP Semiconductors
74ABT646A PHILIPS-74ABT646A Datasheet
117Kb / 14P
   Octal bus transceiver/register 3-State
1998 Feb 17
74LVC646A PHILIPS-74LVC646A Datasheet
138Kb / 16P
   Octal bus transceiver/register 3-State
1998 Jul 29
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com