Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC652 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74HC652
Description  Octal bus transceiver/register; 3-state
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC652 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74HC652 Datasheet HTML 2Page - NXP Semiconductors 74HC652 Datasheet HTML 3Page - NXP Semiconductors 74HC652 Datasheet HTML 4Page - NXP Semiconductors 74HC652 Datasheet HTML 5Page - NXP Semiconductors 74HC652 Datasheet HTML 6Page - NXP Semiconductors 74HC652 Datasheet HTML 7Page - NXP Semiconductors 74HC652 Datasheet HTML 8Page - NXP Semiconductors 74HC652 Datasheet HTML 9Page - NXP Semiconductors 74HC652 Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
September 1993
6
Philips Semiconductors
Product specification
Octal bus transceiver/register; 3-state
74HC/HCT652
DC CHARACTERISTICS FOR 74HC
For the DC characteristics see
“74HC/HCT/HCU/HCMOS Logic Family Specifications”.
Output capability: bus driver
ICC category: MSI.
AC CHARACTERISTICS FOR 74HC
GND = 0 V; tr =tf = 6 ns; CL = 50 pF.
SYMBOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HC
VCC
(V)
WAVEFORMS
+25
−40 to +85
−40 to +125
MIN. TYP.
MAX.
MIN. MAX.
MIN.
MAX.
tPHL/tPLH
propagation delay
An, Bn to Bn, An
44
16
13
135
27
23
170
34
29
205
41
35
ns
2.0
4.5
6.0
Fig.6
tPHL/tPLH
propagation delay
CPAB, CPBA to Bn, An
61
22
18
190
38
32
240
48
41
285
57
48
ns
2.0
4.5
6.0
Fig.7
tPHL/tPLH
propagation delay
SAB, SBA to Bn, An
63
23
18
195
39
33
245
49
42
295
59
50
ns
2.0
4.5
6.0
Fig.8
tPZH/tPZL
3-state output enable
time
OEAB, OEBA to An, Bn
47
17
14
150
30
26
190
38
33
225
45
38
ns
2.0
4.5
6.0
Fig.9
tPHZ/tPLZ
3-state output disable
time
OEAB, OEBA to An, Bn
41
15
12
150
30
26
190
38
33
225
45
38
ns
2.0
4.5
6.0
Fig.9
tTHL/tTLH
output transition time
14
5
4
60
12
10
75
15
13
90
18
15
ns
2.0
4.5
6.0
Figs 6, 8
tW
clock pulse width
HIGH or LOW
CPAB or CPBA
80
16
14
17
6
5
100
20
17
120
24
20
ns
2.0
4.5
6.0
Fig.7
tsu
set-up time
An, Bn to CPAB, CPBA
100
20
17
17
6
5
125
25
21
150
30
26
ns
2.0
4.5
6.0
Fig.7
th
hold time
An, Bn to CPAB, CPBA
25
5
4
−8
−3
−2
30
6
5
35
7
6
ns
2.0
4.5
6.0
Fig.7
fmax
maximum clock pulse
frequency
6.0
30
35
16
83
98
4.8
24
28
4.0
20
24
MHz
2.0
4.5
6.0
Fig.7


Similar Part No. - 74HC652

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74HC620 STMICROELECTRONICS-74HC620 Datasheet
258Kb / 11P
   OCTAL BUS TRANSCEIVER HC620 3 STATE INVERTING HC623 3 STATE NON INVERTING
logo
NXP Semiconductors
74HC6323 PHILIPS-74HC6323 Datasheet
90Kb / 15P
   Programmable ripple counter with oscillator; 3-state
September 1993
74HC6323A PHILIPS-74HC6323A Datasheet
90Kb / 15P
   Programmable ripple counter with oscillator; 3-state
September 1993
logo
Nexperia B.V. All right...
74HC6323A NEXPERIA-74HC6323A Datasheet
256Kb / 22P
   Programmable ripple counter with oscillator; 3-state
Rev. 4 - 9 July 2018
logo
NXP Semiconductors
74HC6323AD PHILIPS-74HC6323AD Datasheet
90Kb / 15P
   Programmable ripple counter with oscillator; 3-state
September 1993
More results

Similar Description - 74HC652

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC646AP TOSHIBA-TC74HC646AP Datasheet
307Kb / 7P
   OCTAL BUS TRANSCEIVER/REGISTER(3-STATE)
TC74HCT646AP TOSHIBA-TC74HCT646AP Datasheet
277Kb / 6P
   OCTAL BUS TRANSCEIVER/REGISTER(3-STATE)
TC74HCT652AP TOSHIBA-TC74HCT652AP Datasheet
279Kb / 6P
   OCTAL BUS TRANSCEIVER/REGISTER(3-STATE)
logo
NXP Semiconductors
74ABT646A NXP-74ABT646A Datasheet
112Kb / 19P
   Octal bus transceiver/register; 3-state
Rev. 03-15 March 2010
logo
Toshiba Semiconductor
TC74HC652AP TOSHIBA-TC74HC652AP Datasheet
311Kb / 7P
   OCTAL BUS TRANSCEIVER/REGISTER(3-STATE)
logo
STMicroelectronics
M74HCT651 STMICROELECTRONICS-M74HCT651 Datasheet
199Kb / 12P
   HCT651 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE, INV. HCT652 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE
M74HC651 STMICROELECTRONICS-M74HC651 Datasheet
202Kb / 12P
   HC652 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE HC651 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE, INV.
logo
NXP Semiconductors
74ABT646A PHILIPS-74ABT646A Datasheet
117Kb / 14P
   Octal bus transceiver/register 3-State
1998 Feb 17
74LVC646A PHILIPS-74LVC646A Datasheet
138Kb / 16P
   Octal bus transceiver/register 3-State
1998 Jul 29
74HC646 PHILIPS-74HC646 Datasheet
91Kb / 12P
   Octal bus transceiver/register; 3-state
September 1993
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com