Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S558-5999-01 Datasheet(PDF) 4 Page - Bel Fuse Inc.

Part # S558-5999-01
Description  HIGH SPEED LAN MAGNETICS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

S558-5999-01 Datasheet(HTML) 4 Page - Bel Fuse Inc.

  S558-5999-01 Datasheet HTML 1Page - Bel Fuse Inc. S558-5999-01 Datasheet HTML 2Page - Bel Fuse Inc. S558-5999-01 Datasheet HTML 3Page - Bel Fuse Inc. S558-5999-01 Datasheet HTML 4Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
defining a degree of excellence
Corporate Office
Bel Fuse Inc.
198 Van Vorst Street, Jersey City, NJ 07302-4496
Tel: 201-432-0463
Fax: 201-432-9542
E-Mail: BelFuse@belfuse.com
Internet: http://www.belfuse.com
Far East Office
Bel Fuse Ltd.
8F/8 Luk Hop Street
San Po Kong
Kowloon, Hong Kong
Tel: 852-2328-5515
Fax: 852-2352-3706
European Office
Bel Fuse Europe Ltd.
Preston Technology Management Centre
Marsh Lane, Preston PR1 8UD
Lancashire, U.K.
Tel: 44-1772-556601
Fax: 44-1772-888366
APPLICATION CIRCUIT
APPLICATION NOTES
• These Bel part types have been designed for use in 100 Mbps TP-FDDI, 100Base-TX, 10/100Base-TX and ATM
155 Mbps applications over Category 5 UTP or STP cable.
• Each Bel part type is designed with high voltage isolation transformers and common mode chokes. The S558-
5999-90 also includes an impedance matched common mode termination. For background details concerning the
proper implementation or complete elimination of this termination circuit, please request Bel's separate application
note available on this subject. All designs have been created to provide 350µH OCL with 8mA DC bias applied.
Consult the Bel short form catalog and recommended application circuit for the specific configuration of each
individual part type.
• The surface mount packages are designed for high speed pick and place machinery. Parts can be shipped on tape
and reel for high speed placement. Construction processes have been implemented for thermal compatibility with
high temperature IR reflow assembly processing. Post dipping of leads assist with PC board solderability. Each part
is optically inspected to meet rigid coplanarity requirements.
960020A
HIGH SPEED LAN MAGNETICS


Similar Part No. - S558-5999-01

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
S558-5999-00 BEL-S558-5999-00 Datasheet
428Kb / 4P
   HIGH SPEED LAN MAGNETICS
S558-5999-02 BEL-S558-5999-02 Datasheet
304Kb / 2P
   HIGH SPEED LAN MAGNETICS
S558-5999-03 BEL-S558-5999-03 Datasheet
295Kb / 2P
   HIGH SPEED LAN MAGNETICS
S558-5999-08 BEL-S558-5999-08 Datasheet
875Kb / 10P
   COMMON MODE CHOKES
More results

Similar Description - S558-5999-01

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XFATM3 XFMRS-XFATM3 Datasheet
79Kb / 1P
   HIGH SPEED LAN MAGNETICS
XF973TX XFMRS-XF973TX Datasheet
56Kb / 1P
   HIGH SPEED LAN MAGNETICS
logo
Bel Fuse Inc.
S558-5999-92 BEL-S558-5999-92 Datasheet
346Kb / 2P
   HIGH SPEED LAN MAGNETICS
S553-3873-23 BEL-S553-3873-23 Datasheet
313Kb / 2P
   HIGH SPEED LAN MAGNETICS
S558-1287-00 BEL-S558-1287-00 Datasheet
520Kb / 4P
   HIGH SPEED LAN MAGNETICS
S558-5999-03 BEL-S558-5999-03 Datasheet
295Kb / 2P
   HIGH SPEED LAN MAGNETICS
S558-5999-29 BEL-S558-5999-29 Datasheet
796Kb / 6P
   HIGH SPEED LAN MAGNETICS
S558-5999-37 BEL-S558-5999-37 Datasheet
276Kb / 2P
   HIGH SPEED LAN MAGNETICS
logo
XFMRS Inc.
XFATM6 XFMRS-XFATM6 Datasheet
49Kb / 1P
   HIGH SPEED LAN MAGNETICS
XFATM3M XFMRS-XFATM3M Datasheet
80Kb / 1P
   HIGH SPEED LAN MAGNETICS
XF973TX XFMRS-XF973TX Datasheet
48Kb / 1P
   HIGH SPEED LAN MAGNETICS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com