Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD214A-F150 Datasheet(PDF) 4 Page - Bourns Electronic Solutions

Part # CD214A-F150
Description  CD214A-F150~F1600 Fast Response Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CD214A-F150 Datasheet(HTML) 4 Page - Bourns Electronic Solutions

  CD214A-F150 Datasheet HTML 1Page - Bourns Electronic Solutions CD214A-F150 Datasheet HTML 2Page - Bourns Electronic Solutions CD214A-F150 Datasheet HTML 3Page - Bourns Electronic Solutions CD214A-F150 Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
CD214A-F150~F1600 Fast Response Rectifiers
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Performance Graphs
Reliable Electronic Solutions
Asia-Pacific:
Tel: +886-2 2562-4117 • Fax: +886-2 2562-4116
Europe:
Tel: +41-41 768 5555 • Fax: +41-41 768 5510
The Americas:
Tel: +1-951 781-5500 • Fax: +1-951 781-5700
www.bourns.com
COPYRIGHT© 2005, BOURNS, INC. LITHO IN U.S.A., IPA0508 10/05
Forward Current Derating Curve
Maximum Non-Repetitive Surge Current
Typical Forward Characteristics
Typical Reverse Characteristics
Typical Junction Capacitance
Ambient Temperature (°C)
70
150
130
0
50
110
90
170
Resistive or
Inductive Load
1.0
0.5
0
1
10
100
Number of Cycles at 60 Hz
Pulse Width 8.3 ms
Single Half Sine-Wave
(JEDEC Method)
30
20
25
15
5
10
0
F1100-F1400
F1600
0.2
0.6
1.4
1.0
1.8
2.2
Instantaneous Forward Voltage (Volts)
Pulsewidth: 300 µs
1% Duty Cycle
10.00
1.00
0.10
0.01
F50-F100
F600
F200-
F400
0.1
1.0
10
100
0
20
40
60
80
100
110
Percent of Rated Peak Reverse Voltage (%)
TJ = 100 °C
TJ = 125 °C
0.1
0.4
4
40
0.2
2
20
10
1.0
100
Reverse Voltage (Volts)
200
10
20
40
60
100
1
2
4
6
TJ = 25 °C


Similar Part No. - CD214A-F150

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CD214A-FS1D BOURNS-CD214A-FS1D Datasheet
185Kb / 5P
   CD214A-FS1x Series Fast Response Rectifier Chip Diode
REV. 03/20
CD214A-FS1G BOURNS-CD214A-FS1G Datasheet
185Kb / 5P
   CD214A-FS1x Series Fast Response Rectifier Chip Diode
REV. 03/20
CD214A-FS1J BOURNS-CD214A-FS1J Datasheet
185Kb / 5P
   CD214A-FS1x Series Fast Response Rectifier Chip Diode
REV. 03/20
CD214A-FS1K BOURNS-CD214A-FS1K Datasheet
185Kb / 5P
   CD214A-FS1x Series Fast Response Rectifier Chip Diode
REV. 03/20
CD214A-FS1X BOURNS-CD214A-FS1X Datasheet
185Kb / 5P
   CD214A-FS1x Series Fast Response Rectifier Chip Diode
REV. 03/20
More results

Similar Description - CD214A-F150

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CD214A-FS1X BOURNS-CD214A-FS1X Datasheet
185Kb / 5P
   CD214A-FS1x Series Fast Response Rectifier Chip Diode
REV. 03/20
CD214A-RS1X BOURNS-CD214A-RS1X Datasheet
183Kb / 5P
   CD214A-RS1x Series Fast Response Rectifier Chip Diode
REV. 03/20
CD214A-R150 BOURNS-CD214A-R150 Datasheet
359Kb / 5P
   CD214A-R150~R11600 Glass Passivated Rectifiers
CD214C-F350 BOURNS-CD214C-F350 Datasheet
309Kb / 4P
   CD214C-F350~F3600 Fast Response Rectifiers
CD214B-F350 BOURNS-CD214B-F350 Datasheet
323Kb / 4P
   CD214B-F350~F3600 Surface Mount Fast Response Rectifiers
CD214B-F250 BOURNS-CD214B-F250 Datasheet
360Kb / 4P
   CD214B-F250~F2600 Surface Mount Fast Response Rectifiers
logo
M.S. Kennedy Corporatio...
MSK5140-15 MSK-MSK5140-15_15 Datasheet
377Kb / 8P
   Fast Transient Response
logo
International Rectifier
IRUH330133B IRF-IRUH330133B_15 Datasheet
169Kb / 9P
   Fast Transient Response
logo
M.S. Kennedy Corporatio...
MSK5140-33 MSK-MSK5140-33_15 Datasheet
377Kb / 8P
   Fast Transient Response
logo
Rohm
BU90054GWZ ROHM-BU90054GWZ Datasheet
1,015Kb / 18P
   Fast transient response
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com