Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD214B-B220 Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # CD214B-B220
Description  CD214B-B120 ~ B160 Schottky Barrier Rectifier Chip Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CD214B-B220 Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  CD214B-B220 Datasheet HTML 1Page - Bourns Electronic Solutions CD214B-B220 Datasheet HTML 2Page - Bourns Electronic Solutions CD214B-B220 Datasheet HTML 3Page - Bourns Electronic Solutions CD214B-B220 Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
A
C
B
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
CD214B-B220 ......................................................................
120B
CD214B-B230 ......................................................................
130B
CD214B-B240 ......................................................................
140B
CD214B-B250 ......................................................................
150B
CD214B-B260 ......................................................................
160B
CD214B-B120 ~ B160 Schottky Barrier Rectifier Chip Diode
Product Dimensions
Recommended Pad Layout
Physical Specifications
Typical Part Marking
Case ............................................................................Molded plastic
Polarity ....................................................Indicated by cathode band
Weight ....................................................0.003 ounces / 0.093 grams
Dimension
SMB (DO-214AA)
A
4.06 - 4.57
(0.160 - 0.180)
B
3.30 - 3.94
(0.130 - 0.155)
C
1.96 - 2.21
(0.078 - 0.087)
D
0.15 - 0.31
(0.006 - 0.112)
E
5.21 - 5.59
(0.205 - 0.220)
F
0.05 - 0.20
(0.002 - 0.008)
G
2.01 - 2.62
(0.080 - 0.103)
H
0.76 - 1.52
(0.030 - 0.060)
B
G
F
D
C
H
E
A
MM
(INCHES)
DIMENSIONS:
Dimension
SMB (DO-214AA)
A (Max.)
2.69
(0.106)
B (Min.)
2.10
(0.083)
C (Min.)
1.27
(0.050)
MM
(INCHES)
DIMENSIONS:
How To Order
CD 214B - B 1 30 __
Common Code
Chip Diode
Package
• 214B = SMB/DO-214AA
Model
B = Schottky Barrier Series
Average Forward Current (Io) Code
1 = 1 A (Code x 1000 mA = Average Forward Current)
Reverse Voltage (VR) Code
20 = 20 V
30 = 30 V
40 = 40 V
50 = 50 V
60 = 60 V
Terminations
LF = 100 % Sn (lead free)
Blank = Sn/Pb


Similar Part No. - CD214B-B220

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CD214B-B220 BOURNS-CD214B-B220 Datasheet
358Kb / 4P
   CD214B-B220 ~ B260 Schottky Barrier Rectifier Chip Diode
CD214B-B220LF BOURNS-CD214B-B220LF Datasheet
358Kb / 4P
   CD214B-B220 ~ B260 Schottky Barrier Rectifier Chip Diode
CD214B-B220R BOURNS-CD214B-B220R Datasheet
475Kb / 4P
   Schottky Barrier Rectifier Chip Diode
More results

Similar Description - CD214B-B220

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CD1607-B140LF BOURNS-CD1607-B140LF Datasheet
272Kb / 5P
   CD1607-B120 ~ B140L Schottky Barrier Rectifier Chip Diode
CD1607-B120_B140L BOURNS-CD1607-B120_B140L Datasheet
272Kb / 5P
   CD1607-B120 ~ B140L Schottky Barrier Rectifier Chip Diode
CD214B-B220 BOURNS-CD214B-B220 Datasheet
358Kb / 4P
   CD214B-B220 ~ B260 Schottky Barrier Rectifier Chip Diode
CD214B-B320 BOURNS-CD214B-B320 Datasheet
313Kb / 4P
   CD214B-B320 ~ B360 Schottky Barrier Rectifier Chip Diode
CD214B-S2X BOURNS-CD214B-S2X Datasheet
712Kb / 5P
   CD214B-S2x Series Rectifier Chip Diode
REV. 07/22
CD214B-S3X BOURNS-CD214B-S3X Datasheet
714Kb / 5P
   CD214B-S3x Series Rectifier Chip Diode
REV. 07/22
CD2010-B160 BOURNS-CD2010-B160 Datasheet
376Kb / 4P
   CD2010-B160 - Surface Mount Schottky Rectifier Diode
CD214A-B320 BOURNS-CD214A-B320_11 Datasheet
167Kb / 5P
   Schottky Barrier Rectifier Chip Diode
CD214A-B1XR BOURNS-CD214A-B1XR Datasheet
482Kb / 4P
   Schottky Barrier Rectifier Chip Diode
CD214C-B3XR BOURNS-CD214C-B3XR Datasheet
469Kb / 4P
   Schottky Barrier Rectifier Chip Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com