Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD2419-B08600 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # CD2419-B08600
Description  CD2419-B08200~B08800 Surface Mount Bridge Rectifier Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CD2419-B08600 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  CD2419-B08600 Datasheet HTML 1Page - Bourns Electronic Solutions CD2419-B08600 Datasheet HTML 2Page - Bourns Electronic Solutions CD2419-B08600 Datasheet HTML 3Page - Bourns Electronic Solutions CD2419-B08600 Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
CD2419-B08200~B08800 Surface Mount Bridge Rectifier Diode
Features
Lead free as standard
RoHS compliant*
Low power loss & high efficiency
High current capability
Low profile package
Applications
AC operated products Set top boxes
Computer monitors
Cable modems
General Information
Electrical Characteristics (@ TA = 25 °C Unless Otherwise Noted)
Thermal Characteristics (@ TA = 25 °C Unless Otherwise Noted)
Notes:
1 Measured @ 1.0 MHz and applied reverse voltage of 4.0 VDC.
2 Thermal resistance from junction to ambient and from junction to lead P.C.B. mounted on 0.2 ˝ x 0.2 ˝ (5.0 mm x 5.0 mm) copper pad areas.
The markets of portable communications, computing and video equipment are challenging the semiconductor industry to develop
increasingly smaller electronic components.
Bourns offers Bridge Rectifier Diodes for rectification applications, in compact chip package 2419 size format, which offer PCB real estate
savings and are considerably smaller than most competitive parts. The Bridge Rectifier Diodes offer a forward current of 0.8 A with a choice
of repetitive peak reverse voltages between 200 V and 800 V.
Parameter
Symbol
CD2419-B08200~B08800
Unit
Operating Temperature Range
TJ
-65 to +175
°C
Storage Temperature Range
TSTG
-65 to +175
°C
Parameter
Symbol
CD2419-
Unit
B08200
B08400
B08600
B08800
Maximum Repetitive
Peak Reverse Voltage
VRRM
200
400
600
800
V
Maximum RMS Voltage
VRMS
140
280
420
560
V
Maximum DC Blocking Voltage
VDC
200
400
600
800
V
Maximum Average Forward
Rectified Current (TA = 55°C)
I(AV)
0.8
A
DC Reverse Current @ Rated DC
Blocking Voltage (@TJ = 25 °C)
IR
5
µA
DC Reverse Current @ Rated DC
Blocking Voltage (@TJ = 150 °C)
IR
200
µA
Typical Junction Capacitance1
CJ
25
pF
Maximum Instantaneous
Forward Voltage @ 1 A
VF
1
V
Typical Thermal Resistance2
RθJL
110
°C/W
Peak forward surge current 8.3 ms
single half sine-wave superimposed
on rated load (JEDEC Method)
IFSM
35
A
The CD2419-B Series is currently
available, although not recommended
for new designs. The CD2320-B
Series is preferred.


Similar Part No. - CD2419-B08600

ManufacturerPart #DatasheetDescription
logo
American Microsemicondu...
CD2412 AMMSEMI-CD2412 Datasheet
1Mb / 3P
   CN* Fast Recovery Dual Diode Modules
logo
Powerex Power Semicondu...
CD241202 POWEREX-CD241202 Datasheet
72Kb / 4P
   Fast Recovery Dual Diode Modules 20 Amperes/600-1200 Volts
CD241210 POWEREX-CD241210 Datasheet
72Kb / 4P
   Fast Recovery Dual Diode Modules 100 Amperes/600-1200 Volts
CD241250 POWEREX-CD241250 Datasheet
72Kb / 4P
   Fast Recovery Dual Diode Modules 50 Amperes/600-1200 Volts
CD241250 POWEREX-CD241250 Datasheet
72Kb / 4P
   Fast Recovery Dual Diode Modules 50 Amperes/600-1200 Volts
More results

Similar Description - CD2419-B08600

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CDNBS04-B08200 BOURNS-CDNBS04-B08200 Datasheet
394Kb / 4P
   CDNBS04-B08200~B08800 Surface Mount Rectifier
CD-MBL2XXS BOURNS-CD-MBL2XXS Datasheet
282Kb / 4P
   Surface Mount Bridge Rectifier Diode
CD-MBL1XXS BOURNS-CD-MBL1XXS Datasheet
281Kb / 4P
   Surface Mount Bridge Rectifier Diode
CDTO269-BR1XL BOURNS-CDTO269-BR1XL Datasheet
407Kb / 4P
   Surface Mount Bridge Rectifier Diode
CD-DF4XXS BOURNS-CD-DF4XXS Datasheet
279Kb / 4P
   Surface Mount Bridge Rectifier Diode
CD-MBL1XXSL BOURNS-CD-MBL1XXSL Datasheet
313Kb / 4P
   Surface Mount Bridge Rectifier Diode
CD-HD0X BOURNS-CD-HD0X Datasheet
267Kb / 4P
   Surface Mount Schottky Bridge Rectifier Diode
CD-HD2X BOURNS-CD-HD2X Datasheet
298Kb / 5P
   Surface Mount Schottky Bridge Rectifier Diode
CD-MMBL110S BOURNS-CD-MMBL110S Datasheet
183Kb / 5P
   CD-MMBL110S Surface Mount Bridge Rectifier Diode
10/21
logo
YENYO TECHNOLOGY Co., L...
B1S YENYO-B1S Datasheet
525Kb / 2P
   Surface Mount Bridge Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com