Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD2419-B08600 Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # CD2419-B08600
Description  CD2419-B08200~B08800 Surface Mount Bridge Rectifier Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CD2419-B08600 Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  CD2419-B08600 Datasheet HTML 1Page - Bourns Electronic Solutions CD2419-B08600 Datasheet HTML 2Page - Bourns Electronic Solutions CD2419-B08600 Datasheet HTML 3Page - Bourns Electronic Solutions CD2419-B08600 Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
CD2419-B08200~B08800 Surface Mount Bridge Rectifier Diode
Rating and Characteristic Curves
Forward Current Derating Curve
1.0
0.6
0.8
0.4
0.2
0
50
175
150
125
025
100
75
Ambient Temperature (°C)
Maximum Non-Repetitive Peak Forward Surge Current
40
15
20
25
30
35
10
5
0
1
10
100
Number of Cycles at 60 Hz
Pulse Width 8.3 ms
Single Half Sine-Wave
(JEDEC Method)
Forward Characteristics
10.00
1.00
0.10
0.01
0.2
0.8
0.4
1.0
0.6
1.6
1.4
1.2
Instantaneous Forward Voltage (Volts)
TJ = 25 °C
Pulse Width = 300 µS
Reverse Characteristics
0.01
10.0
1.0
0.10
100
0
20
40
60
80
100
140
120
Percent of Rated Peak Reverse Voltage (%)
TJ = 25 °C
TJ = 100 °C
Typical Junction Capacitance
1
10
100
0.1
1.0
20
0.4
40
0.2
4
2
10
100
Reverse Voltage (Volts)
TJ = 25 °C


Similar Part No. - CD2419-B08600

ManufacturerPart #DatasheetDescription
logo
American Microsemicondu...
CD2412 AMMSEMI-CD2412 Datasheet
1Mb / 3P
   CN* Fast Recovery Dual Diode Modules
logo
Powerex Power Semicondu...
CD241202 POWEREX-CD241202 Datasheet
72Kb / 4P
   Fast Recovery Dual Diode Modules 20 Amperes/600-1200 Volts
CD241210 POWEREX-CD241210 Datasheet
72Kb / 4P
   Fast Recovery Dual Diode Modules 100 Amperes/600-1200 Volts
CD241250 POWEREX-CD241250 Datasheet
72Kb / 4P
   Fast Recovery Dual Diode Modules 50 Amperes/600-1200 Volts
CD241250 POWEREX-CD241250 Datasheet
72Kb / 4P
   Fast Recovery Dual Diode Modules 50 Amperes/600-1200 Volts
More results

Similar Description - CD2419-B08600

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CDNBS04-B08200 BOURNS-CDNBS04-B08200 Datasheet
394Kb / 4P
   CDNBS04-B08200~B08800 Surface Mount Rectifier
CD-MBL2XXS BOURNS-CD-MBL2XXS Datasheet
282Kb / 4P
   Surface Mount Bridge Rectifier Diode
CD-MBL1XXS BOURNS-CD-MBL1XXS Datasheet
281Kb / 4P
   Surface Mount Bridge Rectifier Diode
CDTO269-BR1XL BOURNS-CDTO269-BR1XL Datasheet
407Kb / 4P
   Surface Mount Bridge Rectifier Diode
CD-DF4XXS BOURNS-CD-DF4XXS Datasheet
279Kb / 4P
   Surface Mount Bridge Rectifier Diode
CD-MBL1XXSL BOURNS-CD-MBL1XXSL Datasheet
313Kb / 4P
   Surface Mount Bridge Rectifier Diode
CD-HD0X BOURNS-CD-HD0X Datasheet
267Kb / 4P
   Surface Mount Schottky Bridge Rectifier Diode
CD-HD2X BOURNS-CD-HD2X Datasheet
298Kb / 5P
   Surface Mount Schottky Bridge Rectifier Diode
CD-MMBL110S BOURNS-CD-MMBL110S Datasheet
183Kb / 5P
   CD-MMBL110S Surface Mount Bridge Rectifier Diode
10/21
logo
YENYO TECHNOLOGY Co., L...
B1S YENYO-B1S Datasheet
525Kb / 2P
   Surface Mount Bridge Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com