Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD0603-Z13 Datasheet(PDF) 6 Page - Bourns Electronic Solutions

Part # CD0603-Z13
Description  CD0603/1005-Z Surface Mount Zener Diode Series
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CD0603-Z13 Datasheet(HTML) 6 Page - Bourns Electronic Solutions

  CD0603-Z13 Datasheet HTML 1Page - Bourns Electronic Solutions CD0603-Z13 Datasheet HTML 2Page - Bourns Electronic Solutions CD0603-Z13 Datasheet HTML 3Page - Bourns Electronic Solutions CD0603-Z13 Datasheet HTML 4Page - Bourns Electronic Solutions CD0603-Z13 Datasheet HTML 5Page - Bourns Electronic Solutions CD0603-Z13 Datasheet HTML 6Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
CD0603/1005-Z Surface Mount Zener Diode Series
Packaging Information
The product will be dispensed in Tape and Reel format (see diagram below).
COPYRIGHT© 2005, BOURNS, INC. LITHO IN U.S.A. 09/05 e/IPA0524
.......
.......
....... .......
.......
.......
.......
.......
P
A
F
E
T
120 °
D2
D
D
1
W1
C
Index Hole
P
0
P
1
W
B
10 pitches (min.)
Direction of Feed
10 pitches (min.)
End
Trailer
Device
Leader
Start
d
Item
Symbol
0603
1005
Carrier Width
A
1.00 ± 0.10
1.55 ± 0.10
(0.039 - 0.004)
(0.061 - 0.004)
Carrier Length
B
1.85 ± 0.10
2.65 ± 0.10
(0.073 - 0.004)
(0.104 - 0.004)
Carrier Depth
C
1.00 ± 0.10
1.05 ± 0.10
(0.039 - 0.004)
(0.041 - 0.004)
Sprocket Hole
d
1.55 ± 0.05
1.55 ± 0.10
(0.061 - 0.002)
(0.061 - 0.004)
Reel Outside Diameter
D
178
178
(7.008)
(7.008)
Reel Inner Diameter
D1
60.0
MIN.
60.0
MIN.
(2.362)
(2.362)
Feed Hole Diameter
D2
13.0 ± 0.20
13.0 ± 0.20
(0.512 - 0.008)
(0.512 - 0.008)
Sprocket Hole Position
E
1.75 ± 0.10
1.75 ± 0.10
(0.069 - 0.004)
(0.069 - 0.004)
Punch Hole Position
F
3.50 ± 0.05
3.50 ± 0.05
(0.138 - 0.002)
(0.138 - 0.002)
Punch Hole Pitch
P
4.00 ± 0.10
4.00 ± 0.10
(0.157 - 0.004)
(0.157 - 0.004)
Sprocket Hole Pitch
P0
4.00 ± 0.10
4.00 ± 0.10
(0.157 - 0.004)
(0.157 - 0.004)
Embossment Center
P1
2.00 ± 0.05
2.00 ± 0.05
(0.079 - 0.002)
(0.079 - 0.002)
Overall Tape Thickness
T
0.20 ± 0.05
0.25 ± 0.05
(0.008 - 0.002)
(0.010 - 0.002)
Tape Width
W
8.00 ± 0.20
8.00 ± 0.20
(0.315 - 0.008)
(0.315 - 0.008)
Reel Width
W1
13.5
MAX.
13.5
MAX.
(0.531)
(0.531)
Quantity per Reel
--
4,000
4,000
Devices are packed in accordance with EIA standard
RS-481-A and specifications shown here.
MM
(INCHES)
DIMENSIONS:
09/05
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.


Similar Part No. - CD0603-Z13

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CD0603-Z2V2 BOURNS-CD0603-Z2V2 Datasheet
362Kb / 6P
   Surface Mount Zener Diode Series
CD0603-Z2V2 BOURNS-CD0603-Z2V2_11 Datasheet
362Kb / 6P
   Surface Mount Zener Diode Series
CD0603-Z39 BOURNS-CD0603-Z39 Datasheet
362Kb / 6P
   Surface Mount Zener Diode Series
More results

Similar Description - CD0603-Z13

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CD0603-B0240 BOURNS-CD0603-B0240 Datasheet
192Kb / 10P
   CD0603/1005 Schottky Barrier Chip Diode Series
CD0603-T05C BOURNS-CD0603-T05C Datasheet
251Kb / 4P
   CD0603/CD1005-T Surface Mount TVS Diode Series
CD0603-T24C BOURNS-CD0603-T24C Datasheet
251Kb / 4P
   CD0603/CD1005-T Surface Mount TVS Diode Series
CD0603-Z2V2 BOURNS-CD0603-Z2V2_11 Datasheet
362Kb / 6P
   Surface Mount Zener Diode Series
logo
Rectron Semiconductor
BZX84C3V3 RECTRON-BZX84C3V3 Datasheet
20Kb / 2P
   SURFACE MOUNT ZENER DIODE
logo
Comchip Technology
CZRM27C3V6P COMCHIP-CZRM27C3V6P Datasheet
88Kb / 3P
   Surface Mount Zener Diode
CZRA3011 COMCHIP-CZRA3011 Datasheet
118Kb / 5P
   Surface Mount Zener Diode
logo
Diodes Incorporated
BZT52C2V0S DIODES-BZT52C2V0S Datasheet
54Kb / 3P
   SURFACE MOUNT ZENER DIODE
DS30093 Rev. 9 - 2
logo
Bruckewell Technology L...
BZT52C2V0S BWTECH-BZT52C2V0S Datasheet
480Kb / 4P
   Surface mount zener diode
logo
Galaxy Semi-Conductor H...
SMBJ5913B BILIN-SMBJ5913B Datasheet
243Kb / 5P
   Surface mount zener diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com