Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HCT73 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # 74HCT73
Description  Dual JK flip-flop with reset; negative-edge trigger
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT73 Datasheet(HTML) 10 Page - NXP Semiconductors

  74HCT73 Datasheet HTML 1Page - NXP Semiconductors 74HCT73 Datasheet HTML 2Page - NXP Semiconductors 74HCT73 Datasheet HTML 3Page - NXP Semiconductors 74HCT73 Datasheet HTML 4Page - NXP Semiconductors 74HCT73 Datasheet HTML 5Page - NXP Semiconductors 74HCT73 Datasheet HTML 6Page - NXP Semiconductors 74HCT73 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 7 page
background image
9397 750 13815
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 03 — 12 November 2004
10 of 21
Philips Semiconductors
74HC73
Dual JK flip-flop with reset; negative-edge trigger
th
hold time nJ, nK to nCP
see Figure 6
VCC = 2.0 V
3
−8-
ns
VCC = 4.5 V
3
−3-
ns
VCC = 6.0 V
3
−2-
ns
fmax
maximum clock frequency
see Figure 6
VCC = 2.0 V
6.0
23
-
MHz
VCC = 4.5 V
30
70
-
MHz
VCC = 6.0 V
35
83
-
MHz
VCC = 5.0 V; CL = 15 pF
-
77
-
MHz
CPD
power dissipation capacitance per
flip-flop
VI = GND to VCC
[1] -30
-
pF
Tamb = −40 °C to +85 °C
tPHL, tPLH propagation delay nCP to nQ
see Figure 6
VCC = 2.0 V
-
-
200
ns
VCC = 4.5 V
-
-
40
ns
VCC = 6.0 V
-
-
34
ns
propagation delay nCP to nQ
see Figure 6
VCC = 2.0 V
-
-
200
ns
VCC = 4.5 V
-
-
40
ns
VCC = 6.0 V
-
-
34
ns
propagation delay nR to nQ, nQ
see Figure 7
VCC = 2.0 V
-
-
180
ns
VCC = 4.5 V
-
-
36
ns
VCC = 6.0 V
-
-
31
ns
tTHL, tTLH
output transition time
see Figure 6
VCC = 2.0 V
-
-
95
ns
VCC = 4.5 V
-
-
19
ns
VCC = 6.0 V
-
-
16
ns
tW
nCP clock pulse width HIGH or LOW
see Figure 6
VCC = 2.0 V
100
-
-
ns
VCC = 4.5 V
20
-
-
ns
VCC = 6.0 V
17
-
-
ns
nR reset pulse width HIGH or LOW
see Figure 7
VCC = 2.0 V
100
-
-
ns
VCC = 4.5 V
20
-
-
ns
VCC = 6.0 V
17
-
-
ns
trem
removal time nR to nCP
see Figure 7
VCC = 2.0 V
100
-
-
ns
VCC = 4.5 V
20
-
-
ns
VCC = 6.0 V
17
-
-
ns
Table 8:
Dynamic characteristics …continued
GND = 0 V; tr =tf = 6 ns; CL = 50 pF; see Figure 8.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit


Similar Part No. - 74HCT73

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCT7030 PHILIPS-74HCT7030 Datasheet
172Kb / 22P
   9-bit x 64-word FIFO register; 3-state
December 1990
74HCT7046A PHILIPS-74HCT7046A Datasheet
490Kb / 38P
   Phase-locked-loop with lock detector
December 1990
74HCT7046A NXP-74HCT7046A Datasheet
453Kb / 38P
   Phase-locked-loop with lock detector
December 1990
74HCT7080 PHILIPS-74HCT7080 Datasheet
52Kb / 8P
   16-bit even/odd parity generator/checker
December 1990
74HCT7245 PHILIPS-74HCT7245 Datasheet
42Kb / 7P
   Octal bus Schmitt-trigger transceiver; 3-state
December 1990
More results

Similar Description - 74HCT73

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74HCT107-Q100 NEXPERIA-74HCT107-Q100 Datasheet
259Kb / 15P
   Dual JK flip-flop with reset; negative-edge trigger
Rev. 3 - 7 July 2021
logo
NXP Semiconductors
74HC73 NXP-74HC73 Datasheet
457Kb / 16P
   Dual JK flip-flop with reset; negative-edge trigger
Rev. 04-19 March 2008
74LV107 PHILIPS-74LV107 Datasheet
121Kb / 12P
   Dual JK flip-flop with reset; negative-edge trigger
1998 Apr 20
logo
Nexperia B.V. All right...
74HC73-Q100 NEXPERIA-74HC73-Q100 Datasheet
221Kb / 12P
   Dual JK flip-flop with reset; negative-edge trigger
Rev. 1 - 4 December 2020
74HC73 NEXPERIA-74HC73 Datasheet
245Kb / 13P
   Dual JK flip-flop with reset; negative-edge trigger
Rev. 7 - 13 September 2021
74HCT107 NEXPERIA-74HCT107 Datasheet
259Kb / 15P
   Dual JK flip-flop with reset; negative-edge trigger
Rev. 6 - 7 July 2021
logo
NXP Semiconductors
74HC107 PHILIPS-74HC107 Datasheet
53Kb / 7P
   Dual JK flip-flop with reset; negative-edge trigger
December 1990
logo
Nexperia B.V. All right...
74HC107-Q100 NEXPERIA-74HC107-Q100 Datasheet
747Kb / 17P
   Dual JK flip-flop with reset; negative-edge trigger
74HCT112 NEXPERIA-74HCT112 Datasheet
267Kb / 16P
   Dual JK flip-flop with set and reset; negative-edge trigger
Rev. 4 - 11 January 2021
logo
NXP Semiconductors
74HC112 PHILIPS-74HC112 Datasheet
106Kb / 15P
   Dual JK flip-flop with set and reset; negative-edge trigger
1998 Jun 10
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com