Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATR2434 Datasheet(PDF) 5 Page - ATMEL Corporation

Part # ATR2434
Description  WirelessUSB 2.4-GHz DSSS Radio SoC
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR2434 Datasheet(HTML) 5 Page - ATMEL Corporation

  ATR2434 Datasheet HTML 1Page - ATMEL Corporation ATR2434 Datasheet HTML 2Page - ATMEL Corporation ATR2434 Datasheet HTML 3Page - ATMEL Corporation ATR2434 Datasheet HTML 4Page - ATMEL Corporation ATR2434 Datasheet HTML 5Page - ATMEL Corporation ATR2434 Datasheet HTML 6Page - ATMEL Corporation ATR2434 Datasheet HTML 7Page - ATMEL Corporation ATR2434 Datasheet HTML 8Page - ATMEL Corporation ATR2434 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
5
ATR2434 [Preliminary]
4822C–ISM–09/04
32 Chips/Bit Dual Channel
The baseband supports two non-simultaneous data streams each operating at
31.25 kbits/s.
32 Chips/Bit Single Channel
2
× Oversampled
The baseband supports a single data stream operating at 31.25 kbits/s that is sampled
twice as much as the other modes. The advantage of selecting this mode is its ability to
tolerate a noisy environment.
32 Chips/Bit Single Channel
Dual Data Rate (DDR)
The baseband spreads bits in pairs and supports a single data stream operating at
62.5 kbits/s.
Serializer/Deserializer
(SERDES)
The ATR2434 provides a data Serializer/Deserializer (SERDES), which provides
byte-level framing of transmit and receive data. Bytes for transmission are loaded into
the SERDES and receive bytes are read from the SERDES via the SPI interface. The
SERDES provides double buffering of transmit and receive data. While one byte is
being transmitted by the radio the next byte can be written to the SERDES data register
insuring there are no breaks in transmitted data.
After a receive byte has been received it is loaded into the SERDES data register and
can be read at any time until the next byte is received, at which time the old contents of
the SERDES data register will be overwritten.
Application Interfaces
The ATR2434 has a fully synchronous SPI slave interface for connectivity to the applica-
tion MCU. Configuration and byte-oriented data transfer can be performed over this
interface. An interrupt is provided to trigger real time events.
An optional SERDES Bypass mode (DIO) is provided for applications that require a syn-
chronous serial bit-oriented data path. This interface is for data only.
Clocking and Power
Management
A 13-MHz crystal is directly connected to X13IN and X13 without the need for external
capacitors. The ATR2434 has a programmable trim capability for adjusting the on-chip
load capacitance supplied to the crystal. The Radio Frequency (RF) circuitry has on-
chip decoupling capacitors. The ATR2434 is powered from a 2.7 V to 3.6 V DC supply.
The ATR2434 can be shutdown to a fully static state using the PD pin.
Below are the requirements for the crystal to be directly connected to X13IN and X13:
Nominal frequency: 13 MHz
Operating mode: fundamental mode
Resonance mode: parallel resonant
Frequency stability: ±30 ppm
Series resistance:
≤ 100 Ω
Load capacitance: 10 pF
Drive level: 10 µW to 100 µW


Similar Part No. - ATR2434

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATR2406 ATMEL-ATR2406 Datasheet
682Kb / 20P
   LOW IF .4 GHZ ISM TRANSCEIVER
ATR2406 ATMEL-ATR2406 Datasheet
850Kb / 25P
   Low-IF 2.4-GHz ISM Transceiver
ATR2406 ATMEL-ATR2406 Datasheet
813Kb / 25P
   Low-IF 2.4-GHz ISM Transceiver
ATR2406-DEV-BOARD ATMEL-ATR2406-DEV-BOARD Datasheet
682Kb / 20P
   LOW IF .4 GHZ ISM TRANSCEIVER
ATR2406-DEV-BOARD ATMEL-ATR2406-DEV-BOARD Datasheet
850Kb / 25P
   Low-IF 2.4-GHz ISM Transceiver
More results

Similar Description - ATR2434

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYWUSB6935 CYPRESS-CYWUSB6935_10 Datasheet
1Mb / 36P
   WirelessUSB??LR 2.4 GHz DSSS Radio SoC
CYWUSB6935 CYPRESS-CYWUSB6935 Datasheet
603Kb / 33P
   WirelessUSB LRTM 2.4-GHz DSSS Radio SoC
CYWUSB6932 CYPRESS-CYWUSB6932_05 Datasheet
374Kb / 30P
   WirelessUSB??LS 2.4-GHz DSSS Radio SoC
CYWUSB6932 CYPRESS-CYWUSB6932 Datasheet
305Kb / 30P
   WirelessUSB LS 2.4-GHz DSSS Radio SoC
CYRF6936 CYPRESS-CYRF6936_09 Datasheet
578Kb / 23P
   WirelessUSB LP 2.4 GHz Radio SoC
CYRF6986 CYPRESS-CYRF6986 Datasheet
1Mb / 23P
   WirelessUSB??LPstar 2.4 GHz Radio SoC
CYRF6936 CYPRESS-CYRF6936 Datasheet
874Kb / 40P
   WirelessUSB??LP 2.4 GHz Radio SoC
CYRF6936 CYPRESS-CYRF6936_11 Datasheet
664Kb / 28P
   WirelessUSB LP 2.4 GHz Radio SoC Low external component count
CYRF9935 CYPRESS-CYRF9935 Datasheet
1Mb / 47P
   WirelessUSB??NX 2.4 GHz Low Power Radio
CYRF8935 CYPRESS-CYRF8935_13 Datasheet
689Kb / 40P
   WirelessUSB??NL 2.4 GHz Low Power Radio
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com