Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC73PW Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74HC73PW
Description  Dual JK flip-flop with reset; negative-edge trigger
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC73PW Datasheet(HTML) 4 Page - NXP Semiconductors

  74HC73PW Datasheet HTML 1Page - NXP Semiconductors 74HC73PW Datasheet HTML 2Page - NXP Semiconductors 74HC73PW Datasheet HTML 3Page - NXP Semiconductors 74HC73PW Datasheet HTML 4Page - NXP Semiconductors 74HC73PW Datasheet HTML 5Page - NXP Semiconductors 74HC73PW Datasheet HTML 6Page - NXP Semiconductors 74HC73PW Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
9397 750 13815
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 03 — 12 November 2004
4 of 21
Philips Semiconductors
74HC73
Dual JK flip-flop with reset; negative-edge trigger
6.
Pinning information
6.1 Pinning
6.2 Pin description
Fig 4.
Logic diagram (one flip-flop)
001aab982
C
C
K
J
R
CP
C
C
C
C
C
C
C
C
Q
Q
Fig 5.
Pin configuration
73
1CP
1J
1R
1Q
1K
1Q
VCC
GND
2CP
2K
2R
2Q
2J
2Q
001aab978
1
2
3
4
5
6
7
8
10
9
12
11
14
13
Table 3:
Pin description
Symbol
Pin
Description
1CP
1
clock input for flip-flop 1 (HIGH-to-LOW, edge-triggered)
1R
2
asynchronous reset input for flip-flop 1 (active LOW)
1K
3
synchronous K input for flip-flop 1
VCC
4
positive supply voltage
2CP
5
clock input for flip-flop 2 (HIGH-to-LOW, edge-triggered)
2R
6
asynchronous reset input for flip-flop 2 (active LOW)
2J
7
synchronous J input for flip-flop 2
2Q
8
complement flip-flop 2 output
2Q
9
true flip-flop 2 output
2K
10
synchronous K input for flip-flop 2


Similar Part No. - 74HC73PW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC73PW NXP-74HC73PW Datasheet
457Kb / 16P
   Dual JK flip-flop with reset; negative-edge trigger
Rev. 04-19 March 2008
logo
Nexperia B.V. All right...
74HC73PW NEXPERIA-74HC73PW Datasheet
245Kb / 13P
   Dual JK flip-flop with reset; negative-edge trigger
Rev. 7 - 13 September 2021
More results

Similar Description - 74HC73PW

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74HCT107-Q100 NEXPERIA-74HCT107-Q100 Datasheet
259Kb / 15P
   Dual JK flip-flop with reset; negative-edge trigger
Rev. 3 - 7 July 2021
logo
NXP Semiconductors
74HC73 NXP-74HC73 Datasheet
457Kb / 16P
   Dual JK flip-flop with reset; negative-edge trigger
Rev. 04-19 March 2008
74LV107 PHILIPS-74LV107 Datasheet
121Kb / 12P
   Dual JK flip-flop with reset; negative-edge trigger
1998 Apr 20
logo
Nexperia B.V. All right...
74HC73-Q100 NEXPERIA-74HC73-Q100 Datasheet
221Kb / 12P
   Dual JK flip-flop with reset; negative-edge trigger
Rev. 1 - 4 December 2020
74HC73 NEXPERIA-74HC73 Datasheet
245Kb / 13P
   Dual JK flip-flop with reset; negative-edge trigger
Rev. 7 - 13 September 2021
74HCT107 NEXPERIA-74HCT107 Datasheet
259Kb / 15P
   Dual JK flip-flop with reset; negative-edge trigger
Rev. 6 - 7 July 2021
logo
NXP Semiconductors
74HC107 PHILIPS-74HC107 Datasheet
53Kb / 7P
   Dual JK flip-flop with reset; negative-edge trigger
December 1990
logo
Nexperia B.V. All right...
74HC107-Q100 NEXPERIA-74HC107-Q100 Datasheet
747Kb / 17P
   Dual JK flip-flop with reset; negative-edge trigger
74HCT112 NEXPERIA-74HCT112 Datasheet
267Kb / 16P
   Dual JK flip-flop with set and reset; negative-edge trigger
Rev. 4 - 11 January 2021
logo
NXP Semiconductors
74HC112 PHILIPS-74HC112 Datasheet
106Kb / 15P
   Dual JK flip-flop with set and reset; negative-edge trigger
1998 Jun 10
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com